Part Number Hot Search : 
NCE4953 2SD11 AD7608 BU508DX MBT2222 SC490 AI9943 IN472
Product Description
Full Text Search
 

To Download FMP11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMP1
Diodes
Switching diode
FMP1
Application Ultra high speed switching External dimensions (Unit : mm) Land size figure (Unit : mm)
0.8MIN.
2.90.2
2.80.2
0.2 0.1
Features 1) Small mold type. (SMD5) 2) High reliability
(1)
(2)
0.95 0.95
00.1
1.6
Construction Silicon epitaxial planar
(5)
(4) 1.90.2
(3) 0.80.1 1.10.2 0.1
0.30.6
SMD5
1.9
0.95
0.95
Structure
ROHM : SMD5 JEITA : SC-74A week code
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.50.1 0 1.750.1 0.30.1
3.50.05
3.20.1
5.50.2
8.00.2
3.20.1
4.00.1
1.0MIN
00.5
3.20.1
1.350.1
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Forward current (Single) Average rectified forward current (Single) Surge current t=1us Power dissipation Junction temperature Storage temperature Symbol VRM VR IFM Io Isurge Pd Tj Tstg Limits 80 80 80 25 250 80 150 -55 to +150 Unit V V mA mA mA mW
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 0.9 0.1 3.5 4 Unit V A pF ns Conditions IF=5mA VR=70V VR=6V , f=1MHz VR=6V , IF=5mA , RL=50
Rev.C
2.4
0.1 Each lead has 0.3 0.05
same dimension
0.150.1 0.06
1.0MIN.
0.45 0.35
0.35 0.45 0.6
1/2
FMP1
Diodes
Electrical characteristic curves (Ta=25C)
100
10000 Ta=75 1000
Ta=150
Ta=125
10 f=1MHz
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
10
Ta=125 Ta=150 Ta=25 Ta=-25
Ta=75 100 10 1 0.1 0.01 Ta=25 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1
1
0.1
0 100 200 300 400 500 600 700 800 900 1000
0.1 0 10 20 30 40 50 60 70 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 80 0 5 10 15 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 20
FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
770
100
2.5 Ta=25 VR=70V n=10pcs 2.4 2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 1.5 AVE:1.981pF Ta=25 VR=6V f=1MHz n=10pcs
FORWARD VOLTAGE:VF(mV)
70 60 50 40 30 20 10 0 IR DISPERSION MAP AVE:3.5172nA
750 740 730 720 AVE:744.4mV
VF DISPERSION MAP
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
760
REVERSE CURRENT:IR(nA)
Ta=25 IF=5mA n=30pcs
90 80
Ct DISPERSION MAP
20
10
5
RESERVE RECOVERY TIME:trr(ns)
PEAK SURGE FORWARD CURRENT:IFSM(A)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm 15
1cyc 8.3ms
9 8 7 6 5 4 3 2 1 0 trr DISPERSION MAP AVE:1.94ns
Ta=25 VR=6V IF=5mA RL=50 n=10pcs
4 3 2 1 0 1
Ifsm 8.3ms 8.3ms 1cyc
10
5 AVE:3.50A IFSM DISRESION MAP
0
10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS
100
100
1000
10 Rth(j-a) 9
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm t
ELECTROSTATIC DISCHARGE TEST ESD(KV)
8 7 6 5 4 3 2 1 0 AVE:0.97kV AVE:3.71kV
100 Rth(j-c)
Mounted on epoxy board
10
10
IM=1mA
IF=10mA
1ms
time
300us
1 0.1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 1 100
1 0.001
0.01
1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
0.1
1000
C=200pF R=0
C=100pF R=1.5k
ESD DISPERSION MAP
Rev.C
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of FMP11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X