Part Number Hot Search : 
D1457 25D80L CM2341 4318F5 C100L MAX15 X267A SMA5913
Product Description
Full Text Search
 

To Download FMMTA56R-MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 3 JANUARY 1996 FEATURES * Gain of 50 at IC=100mA FMMTA55 - 2H FMMTA56 - 2G FMMTA55R - NB FMMTA56R - MB 7
FMMTA55 FMMTA56
C B E
PARTMARKING DETAIL -
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg -60 -60 -80 -80 -4 -500 330 -55 to +150
SOT23 FMMTA55 FMMTA56 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
FMMTA55 PARAMETER Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Cut-Off Current Collector-Base Cut-Off Current SYMBOL V(BR)CEO V(BR)EBO ICES ICBO 50 50 -0.25 -1.2 100 100 MIN. -60 -4 -0.1 FMMTA56 MAX. UNIT V V -0.1 -0.1 50 50 -0.25 -1.2 V V MHz
A A
MAX. MIN. -80 -4
CONDITIONS. IC=-1mA, IB=0* IE=-100A, IC=0 VCE=-60V VCB=-80V, IE=0 VCB=-60V, IE=0 IC=-10mA, VCE=1V* IC=-100mA, VCE=1V* IC=-100mA, IB=-10mA* IC=-100mA, VCE=-1V* IC=-10mA, VCE=-2V f=100MHz
-0.1
Static Forward hFE Current Transfer Ratio Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Transition Frequency VCE(sat) VBE(on) fT
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% 3 - 177


▲Up To Search▲   

 
Price & Availability of FMMTA56R-MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X