Part Number Hot Search : 
C4071BF FZT593 F45IT DTC123EE G225E S5000 HMC252 D74LVC16
Product Description
Full Text Search
 

To Download FMMT589 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
ISSUE 5 - JANUARY 1997 7 FEATURES * Low equivalent on-resistance; RCE(sat) 250m at 1A PARTMARKING DETAILS COMPLEMENTARY TYPE 589 FMMT489
FMMT589
C B E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL VCBO VCEO VEBO ICM IC IB Ptot Tj:Tstg MAX. VALUE -50 -30 -5 -2 -1 -200 500 -55 to +150 UNIT V V V -100 -100 -100 -0.25 -0.35 -0.65 -1.2 -1.1 100 100 80 40 100 15 300 MHz pF nA nA nA V V V V V CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-30V VCES=-30V VEB=-4V IC=-0.5A, IB=-50mA* IC=-1A, IB=-100mA* IC=-2A, IB=-200mA* IC=-1A, IB=-100mA* IC=-1A, VCE=-2V* IC=-1mA, VCE=-2V* IC=-500mA, VCE=-2V* IC=-1A, VCE=-2V* IC=-2A, VCE=-2V* IC=-100mA, VCE=-5V f=100MHz VCB=-10V, f=1MHz UNIT V V V A A mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
SYMBOL MIN. V(BR)CBO V(BR)CEO -50 -30 -5 Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector Cut-Off Current Collector -Emitter Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-on Voltage Static Forward Current Transfer Ratio Transition Frequency Output Capacitance
Emitter-Base Breakdown Voltage V(BR)EBO ICBO ICES IEBO VCE(sat) VBE(sat) VBE(on) hFE
fT Cobo
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% For typical Characteristics graphs see FMMT549 datasheet 3 - 136


▲Up To Search▲   

 
Price & Availability of FMMT589

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X