Part Number Hot Search : 
P6KE91PT 470MF 10N12 P504A T940004 CSOB4518 CSOB4518 10013
Product Description
Full Text Search
 

To Download FMMT493 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 3 - NOVEMBER 1995 COMPLEMENTARY TYPE PARTMARKING DETAIL 7 FMMT593 493
FMMT493
E
C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Breakdown Voltages SYMBOL V(BR)CBO VCEO(sus) V(BR)EBO Collector Cut-Off Current Collector Cut-Off Current Emitter Cut-Off Current Saturation Voltages ICBO ICES IEBO VCE(sat) VBE(sat) Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector-Base Breakdown Voltage VBE(on) hFE 100 100 60 20 150 10 MIN. 120 100 5 100 100 100 0.3 0.6 1.15 1.0 300 MHz pF SYMBOL VCBO VCEO VEBO IC ICM IB Ptot Tj:Tstg MAX. VALUE 120 100 5 1 2 200 500 -55 to +150 UNIT V V V nA nA nA V V V V
SOT23 UNIT V V V A A mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
CONDITIONS. IC=100A IC=10mA* IE=100A VCB=100V VCES=100V VEB=4V IC=500mA, IB=50mA IC=1A, IB=100mA IC=1A, IB=100mA IC=1A, VCE=10V IC=1mA, VCE=10V* IC=250mA, VCE=10V* IC=500mA, VCE=10V* IC=1A, VCE=10V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz
fT Cobo
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% 3 - 119
FMMT493
TYPICAL CHARACTERISTICS
0. 4
+25 C
0. 4
I+/I*=10
0. 3
0. 3
-(V)
t) a s( E
0. 2
I+/I*=10 I+/I*=50
-(V)
t) as ( E
-55 C +25 C +100 C
0. 2
VC
VC
10m A 10 0m A 1A 10A
0. 1
0. 1
0 1m A
0 1m A 10m A 10 0m A 1A 10A
IC-Collector Current
IC-Collector Current
VCE(sat) v IC
VCE(sat) v IC
280
V+-=10V +100 C +25 C
1. 0
I+/I*=10
240
- Typical Gain
200
0. 8
16 0
- (V)
t) a (s E
0. 6
120
E
80
-55 C
0. 4
-55 C +25 C +100 C
VB
40 0. 2 0 1m A 10m A 100m A 1A 10A 0 1m A 10 mA 10 0m A 1A 10 A
hF
IC-Collector Current
IC-Collector Current
hFE V IC
V+-=10V
1. 0 10
VBE(sat) v IC
IC -Collector Current (A)
0.8
1
- (V)
-55 C
0.6
) n o( E
+25 C +100 C
0. 1
0.4
0.0 1
0.2
DC 1s 100ms 10ms 1ms 100s
VB
0 1m A 10m A 100 mA 1A 10 A
0. 001 0. 1 1 10 100
IC-Collector Current
VBE(on) v IC
VCE - Collector Emitter Voltage (V)
Safe Operating Area
3 - 120


▲Up To Search▲   

 
Price & Availability of FMMT493

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X