Part Number Hot Search : 
P1200B DF01S 4222R 0KAMP LM631 HX20M 36445 C88MF
Product Description
Full Text Search
 

To Download FMMT41306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMMT413 SOT23 NPN silicon planar avalanche transistor
Summary
V(BR)CES = 150V, V(BR)CEO = 50V, IUSB = 25A
Description
The FMMT413 is a NPN silicon planar bipolar transistor optimized for avalanche mode operation. Tight process control and low inductance packaging combine to produce high current pulses with fast edges, ideal for laser diode driving.
Features
* * * Avalanche mode operation 50A peak avalanche current Low inductance packaging
C
B
Applications
* * * Laser LED drivers Fast edge generation High speed pulse generators
E
E
Ordering information
Device FMMT413TD FMMT413TA Reel size (inches) 7 7 Tape width (mm) 8 8 Quantity per reel 500 3,000
C B Pinout - top view
Device marking
413
Issue 3 - March 2006
(c) Zetex Semiconductors plc 2006
1
www.zetex.com
FMMT413
Absolute maximum ratings
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak pulse current (25ns Pulse Width) Continuous collector current Power dissipation at Tamb =25C Linear derating factor Operating and storage temperature range Symbol BVCBO BVCEO BVEBO ICM IC PD Tj, Tstg Limit 150 50 6 50 100 330 -55 to +150 Unit V V V A mA mW C
Thermal resistance
Parameter Junction to ambient Symbol R JA Limit 378 Unit C/W
Issue 3 - March 2006
(c) Zetex Semiconductors plc 2006
2
www.zetex.com
FMMT413
Electrical characteristics (at Tamb = 25C unless otherwise stated)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol BVCBO BVCES BVCEO BVEBO ICBO IEBO Min. 150 150 50 6 100 100 150 Typ. Max. Unit V V V V nA nA mV IC = 100 A IC = 10mA IE = 100 A VCB = 120V VEB = 4V IC = 10mA, IB = 1mA IC = 10mA, IB = 1mA VC=110V, CCE=4.7nF (*) VC=130V, CCE=4.7nF(*) IC = 10mA, VCE = 10V 2.5 150 2 nH MHz pF Standard SOT23 leads IC = 10mA, VCE = 5V, f = 20MHz VCB = 10V, IE = 0, f = 1MHz Conditions
Collector-emitter saturation VCE(sat) voltage Base-emitter saturation voltage Current in second breakdown (pulsed) VBE(sat) IUSB 22 25 Static forward current transfer ratio Collector-emitter inductance Transition frequency Output capacitance hFE Lce fT COBO 50
800
mV
A A
NOTES: (*) Measured with a circuit possessing an approximate loop inductance of 12nH.
Issue 3 - March 2006
(c) Zetex Semiconductors plc 2006
3
www.zetex.com
FMMT413
Typical characteristics
I(USB) - Avalanche current (A)
50 CCE=2x4.7nF
40
30
TAMB=25C IB=5mA/ns p.r.f.=10kHz
CCE=4.7nF
CCE=2.2nF CCE=1.0nF
20
10
0
0
50
100
150
200
250
VS - Supply voltage (V)
Issue 3 - March 2006
(c) Zetex Semiconductors plc 2006
4
www.zetex.com
FMMT413
Intentionally left blank
Issue 3 - March 2006
(c) Zetex Semiconductors plc 2006
5
www.zetex.com
FMMT413
Package outline - SOT23
L H N D 3 leads G
M
B
A
C K
F
Dim. A B C D F G
Millimeters Min. 2.67 1.20 0.37 0.085 Max. 3.05 1.40 1.10 0.53 0.15
Inches Min. 0.105 0.047 0.015 0.0034 Max. 0.120 0.055 0.043 0.021 0.0059
Dim. H K L M N -
Millimeters Min. 0.33 0.01 2.10 0.45 Max. 0.51 0.10 2.50 0.64 -
Inches Max. 0.013 0.0004 0.083 0.018 Max. 0.020 0.004 0.0985 0.025 -
0.95 NOM
0.0375 NOM
1.90 NOM
0.075 NOM
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com
Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com
Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone: (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
For international sales offices visit www.zetex.com/offices Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 3 - March 2006
(c) Zetex Semiconductors plc 2006
6
www.zetex.com


▲Up To Search▲   

 
Price & Availability of FMMT41306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X