Part Number Hot Search : 
PE44240 AM28F NX6306GK NX6306GH T508N17 AN253 001591 MIK393
Product Description
Full Text Search
 

To Download FMMDT5451-WBFBP-06C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Transistors
FMMDT5451
TRANSISTOR
WBFBP-06C
(2x2x0.5) unit: mm
DESCRIPTION PNP and NPN Epitaxial Silicon Transistor FEATURES Complementary Pair One 5551-Type NPN, One 5401-Type PNP Ultra-Small Surface Mount Package APPLICATION Ideal for Medium Power Amplification and Switching For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) MARKING: KNM
1
KNM E1,B1,C1=NPN 5551 Section E2,B2,C2=PNP 5401 Section 5551 MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol
VCBO VCEO VEBO IC PC RJA TJ Tstg Parameter Value 180 160 6 0.2 0.15 625 150 -55-150 Units V V V A W K/W
Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature range

5401 MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol VCBO VCEO VEBO IC PC RJA TJ Tstg Collector- Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature range Parameter Value -160 -150 -5 -0.2 Units V V V A
0.15
625 150 -55-150
W
K/W
5551
ELECTRICAL CHARACTERISTICSTamb=25
Parameter Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE1 hFE2 hFE3 Test
unless
otherwise
MIN 180 160 6
specified
TYP MAX UNIT V V V 50 50
conditions
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current
Ic=100A,IE=0 Ic=1mA, IB=0 IE= 10A, IC=0 VCB= 120V VEB= 4V, IC=0 VCE= 5 V, VCE= 5 V, VCE= 5 V, IC= 1 mA IC = 10 mA IC= 50 mA IE=0
nA
nA
80 80 30 0.15 0.2 1 1 100 300 6 8 V V MHz pF dB 250
DC current gain
Collector-emitter saturation voltage
VCEsat VBEsat
IC= 10 mA, IB= 1 mA IC= 50 mA, IB= 5 mA IC= 10 mA, IB= 1 mA IC= 50 mA, IB= 5 mA VCE=10V,IC=10mA,,f=100MHz VCB=10V,IE=0,f=1MHz VCE=5V,Ic=0.2mA, f=1KHZ,Rg=1k
Base-emitter saturation voltage Transition frequency Collector output capacitance Noise figure
fT
Cob NF
5401 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) hFE(3) Collector-emitter saturation voltage VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob NF Test
unless
conditions
otherwise
specified)
MIN -160 -150 -5 -0.05 -0.05 50 60 50 -0.2 -0.5 -1 -1 100 300 6 V V V V MHz pF 240 TYP MAX UNIT V V V A A
IC=-100A , IE=0 IC= -1mA , IE=-10A, IB=0 IC=0
VCB=-120 V , IE=0 VEB=-3V , VCE=-5 V, VCE=-5 V, VCE=-5 V, IC=0 IC= -1mA IC= -10mA IC= -50mA
IC=-10 mA, IB=-1mA IC=-50 mA, IB=-5mA IC= -10 mA, IB=-1mA IC= -50 mA, IB=-5mA VCE= -10V, IC= -10mA f = 100MHz VCB=-10V, IE= 0,f=1MHz VCE= -5.0V, IC= -200A, RS= 10,f = 1.0kHz
Base-emitter saturation voltage
Transition frequency Output Capacitance Noise Figure
8.0
dB
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.590 REF. 0.590 REF. 0.650 TYP. 0.400 REF. 0.300 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.023 REF. 0.023 REF. 0.026 TYP. 0.016 REF. 0.012 REF. 0.020 REF.
APPLICATION CIRTCUITS


▲Up To Search▲   

 
Price & Availability of FMMDT5451-WBFBP-06C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X