Part Number Hot Search : 
00TT4 2SC488 UF4003S SSP3N90 B14NK60Z UF4003S HCT04 UF4003S
Product Description
Full Text Search
 

To Download FMMBD4448HSDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Diode
FMMBD4448HSDW
SURFACE MOUNT SWITCHING DIODE ARRAYS DESCRIPTION Silicon epitaxial planar Switching Diode FEATURES Ultra-Small Surface Mount Package Fast Switching Speed High Conductance APPLICATION For General Purpose Switching Applications, rectifiers For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.)
FMMBD4448HSDW Marking:KAB Limits 100 80 Unit V V
WBFBP-06C
(2x2x0.5) unit: mm
1
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter Non-Repetitive Peak reverse voltage Peak Repetitive peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage Symbol VRM VRRM VRWM VR VR(RMS) IFM IO @=1.0s Power Dissipation Thermal Resistance Junction to Ambient Junction temperature Storage temperature range IFSM Pd RJA TJ TSTG
RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak forward surge current @=1.0s
57 500 250 4.0 2.0 150 625 150 -65 to +150
V mA mA A mW /W
Electrical Ratings @TA=25
Parameter Reverse Breakdown Voltage Symbol VR VF1 Forward voltage VF2 VF3 VF4 Reverse current Capacitance between terminals Reverse Recovery Time IR1 IR2 CT trr Min. 80 0.62 0.72 0.855 1.0 1.25 0.1 25 3.5 4 Typ. Max. Unit V V V V V A nA pF ns Conditions IR=100A IF=5mA IF=10mA IF=100mA IF=150mA VR=70V VR=20V VR=6V,f=1MHz VR=6V,IF=5mA
Typical Characteristics
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.420 REF. 0.420 REF. 0.650 TYP. 0.600 REF. 0.300 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.017 REF. 0.017 REF. 0.026 TYP. 0.024 REF. 0.012 REF. 0.020 REF.
APPLICATION CIRCUITS
Bridge rectifiers


▲Up To Search▲   

 
Price & Availability of FMMBD4448HSDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X