Part Number Hot Search : 
D1300 TC200E TW0284A CENTRA HFW75N75 TC200E 6006S SM230
Product Description
Full Text Search
 

To Download FMMBD4448HCDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Diode
FMMBD4448HCDW
SURFACE MOUNT SWITCHING DIODE ARRAYS DESCRIPTION Silicon epitaxial planar Switching Diode FEATURES Ultra-Small Surface Mount Package Fast Switching Speed High Conductance APPLICATION For General Purpose Switching Applications, rectifiers For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.)
WBFBP-06C
(2x2x0.5) unit: mm
1
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter Non-Repetitive Peak reverse voltage Peak Repetitive peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RJA TJ TSTG 57 500 250 4.0 2.0 150 625 150 80 Limits 100
FMMBD4448HCDW Marking:KA7
MMBD4448HCDW
Unit V V
RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak forward surge current @=1.0s @=1.0s Power Dissipation Thermal Resistance Junction to Ambient Junction temperature Storage temperature range
V mA mA A mW /W
-65 to +150
Electrical Ratings @TA=25
Parameter Reverse Breakdown Voltage Symbol VR VF1 Forward voltage VF2 VF3 VF4 Reverse current Capacitance between terminals Reverse Recovery Time IR1 IR2 CT trr Min. 80 0.62 0.72 0.855 1.0 1.25 0.1 25 3.5 4 Typ. Max. Unit V V V V V A nA pF ns Conditions IR=100A IF=5mA IF=10mA IF=100mA IF=150mA VR=70V VR=20V VR=6V,f=1MHz VR=6V,IF=5mA
Typical Characteristics
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.420 REF. 0.800 REF. 0.650 TYP. 0.400 REF. 0.350 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.017 REF. 0.032 REF. 0.026 TYP. 0.016 REF. 0.014 REF. 0.020 REF.
APPLICATION CIRCUITS
Bridge rectifiers


▲Up To Search▲   

 
Price & Availability of FMMBD4448HCDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X