Part Number Hot Search : 
M075F SR6A4005 HT48F50E 2SB1097 PC120 RT8205A PELC5 28F200
Product Description
Full Text Search
 

To Download FMM5702X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMM5702X
27-32GHz LNA MMIC
FEATURES
* Low Noise Figure: NF = 1.6dB (Typ.) @ f=30 GHz * High Associated Gain: Gas = 13dB (Typ.) @ f=30 GHz * Wide Frequency Band: 27-32 GHz * Impedance Matched Zin/Zout = 50
DESCRIPTION
The FMM5702X is a LNA MMIC designed for applications in the 27-32 GHz frequency range. This product is well suited for satellite communications and radio link applications where low noise and high gain is required.
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25C)
Item Drain-Source Voltage Input Power Storage Temperature Operating Backside Temperature Symbol VDD Pin Tstg Top Condition Rating 5 -4 -65 to +175 -45 to +125 Unit V dBm C C
Fujitsu recommends the following conditions for the long term reliable operation of GaAs FETs: 1. The drain-source operating voltage (VDD) should not exceed 4 volts. 2. This product should be hermetically packaged.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item Noise Figure Associated Gain Input Return Loss Output Return Loss Symbol NF Gas RLin RLout VDD = 4V f = 30.0 GHz IDD = 5mA (Typ.) ZS = ZL = 50 Conditions Min. 11.0 Limits Typ. Max. 1.6 13.0 -12 -9 2.0 Unit dB dB dB dB
Note: RF parameter sample size 10pcs. Criteria (accept/reject)=(0/1)
Edition 1.0 February 2000
1
FMM5702X
27-32GHz LNA MMIC
BONDING LAYOUT
RF in
RFout VDD Input
RF MEASUREMENT CIRCUIT
3.0
+VDD (4V)
0.4
1.4 50
0.8
100pF
4.2
60
0.1
RF INPUT RF OUTPUT DC BLOCKING CAPACITOR 4pF 4.85 DC BLOCKING CAPACITOR 4pF Unit: mm Thickness: 0.254mm r: 2.17
2
0.76
FMM5702X
3.0
2.6
0
1.0 1.0
0.6
3.0
FMM5702X
27-32GHz LNA MMIC S-PARAMETERS VDD =4V, IDS = 5mA FREQUENCY S11 (MHZ) MAG ANG
500 .924 173.6 1000 .921 167.4 1500 .918 161.3 2000 .917 155.2 2500 .916 149.2 3000 .915 143.3 3500 .916 137.3 4000 .917 131.4 4500 .919 125.6 5000 .921 119.8 5500 .924 113.8 6000 .926 108.1 6500 .928 102.3 7000 .932 96.5 7500 .934 90.7 8000 .936 84.9 8500 .936 78.9 9000 .938 73.1 9500 .936 67.2 10000 .932 61.4 10500 .928 55.3 11000 .920 49.7 11500 .910 43.8 12000 .895 38.2 12500 .887 32.7 13000 .867 27.3 13500 .859 22.6 14000 .843 16.8 14500 .843 12.6 15000 .829 6.9 15500 .829 1.7 16000 .822 -3.9 16500 .809 -10.0 17000 .796 -15.6 17500 .784 -21.8 18000 .771 -27.8 18500 .753 -34.3 19000 .732 -41.1 19500 .711 -47.5 20000 .683 -54.6 20500 .656 -61.5 21000 .625 -69.0 21500 .591 -76.3 22000 .562 -84.3 22500 .519 -92.1 23000 .493 -100.1 23500 .451 -109.6 24000 .422 -118.4 24500 .388 -129.0 25000 .351 -139.9 25500 .319 -150.4 26000 .297 -163.3 26500 .269 -177.0 27000 .256 169.3 27500 .244 156.0 28000 .237 139.4 28500 .242 126.3 29000 .244 111.4 29500 .259 98.8 30000 .261 86.1 35000 .275 76.4 31000 .286 66.3 31500 .301 57.1 32000 .310 49.5 32500 .320 41.6 33000 .327 34.3 33500 .331 27.3 34000 .331 20.9 34500 .329 15.8 35000 .327 10.9 35500 .328 6.7 36000 .322 2.3 36500 .324 -1.3 37000 .315 -5.0 37500 .311 -8.2 38000 .306 -11.0 38500 .298 -13.3 39000 .294 -15.4 39500 .290 -17.1 40000 .287 -19.2 NOTE:* The data includes bonding wires.
n: number of wires
S21 MAG
.064 .103 .153 .215 .290 .378 .481 .597 .730 .880 1.048 1.238 1.450 1.690 1.964 2.267 2.618 2.998 3.410 3.877 4.317 4.868 5.313 5.833 6.146 6.465 6.713 6.623 6.905 6.768 6.828 6.711 6.557 6.440 6.354 6.317 6.246 6.137 6.031 5.971 5.852 5.774 5.710 5.587 5.597 5.489 5.405 5.298 5.213 5.148 5.095 4.976 4.915 4.798 4.740 4.619 4.455 4.377 4.221 4.138 3.950 3.838 3.660 3.504 3.364 3.208 3.077 2.931 2.772 2.633 2.489 2.364 2.228 2.125 2.015 1.915 1.830 1.724 1.646 1.557
S12 ANG MAG
.0003 .0001 .0002 .0005 .0007 .0007 .0011 .0006 .0011 .0015 .0013 .0014 .0014 .0017 .0015 .0017 .0013 .0021 .0021 .0026 .0029 .0036 .0047 .0051 .0069 .0073 .0088 .0094 .0104 .0110 .0118 .0128 .0134 .0151 .0155 .0162 .0176 .0181 .0196 .0210 .0224 .0238 .0259 .0272 .0298 .0311 .0330 .0350 .0375 .0395 .0416 .0439 .0461 .0482 .0507 .0526 .0545 .0566 .0593 .0609 .0625 .0643 .0664 .0674 .0691 .0707 .0711 .0716 .0724 .0730 .0735 .0733 .0739 .0726 .0728 .0725 .0724 .0725 .0724 .0728
S22 ANG
-88.4 139.6 113.6 134.4 107.7 111.3 86.5 87.9 69.8 75.9 78.0 69.6 55.4 54.7 59.7 52.2 65.2 62.6 78.3 75.6 82.1 80.4 73.8 74.8 69.4 63.2 56.1 53.5 43.1 41.4 34.1 31.4 27.2 24.2 21.2 16.6 13.2 10.1 8.0 5.0 2.9 0.1 -3.8 -5.6 -10.9 -14.1 -17.9 -20.9 -24.5 -28.8 -32.9 -36.8 -41.8 -45.7 -49.5 -55.1 -59.2 -63.5 -68.0 -73.3 -77.6 -82.5 -87.4 -91.8 -96.9 -101.6 -107.3 -112.0 -117.4 -121.3 -127.2 -132.0 -137.0 -141.4 -145.8 -150.3 -154.7 -159.1 -162.9 -168.1
MAG
.830 .787 .749 .710 .675 .645 .619 .598 .582 .567 .555 .544 .535 .526 .518 .510 .498 .487 .472 .454 .430 .401 .366 .320 .270 .217 .166 .113 .074 .052 .060 .086 .113 .132 .154 .169 .185 .197 .211 .218 .230 .237 .242 .254 .250 .256 .256 .261 .265 .268 .272 .274 .279 .282 .284 .295 .296 .310 .314 .329 .332 .349 .355 .367 .380 .385 .400 .409 .420 .425 .435 .440 .446 .454 .459 .466 .474 .477 .482 .487
ANG
-11.1 -16.8 -22.3 -27.2 -31.4 -35.1 -38.5 -41.6 -44.8 -48.0 -51.2 -54.6 -58.3 -62.0 -66.2 -70.7 -75.7 -81.0 -86.6 -93.1 -99.7 -107.4 -115.0 -123.5 -130.5 -137.9 -141.9 -141.2 -134.6 -101.9 -69.9 -57.7 -54.0 -58.2 -59.9 -62.9 -67.6 -71.4 -77.0 -81.7 -87.5 -92.2 -98.0 -103.9 -110.7 -115.9 -121.5 -128.7 -135.0 -142.3 -149.9 -156.5 -165.2 -171.5 177.2 171.1 163.6 156.6 147.2 138.6 130.5 121.8 114.2 105.8 99.2 91.1 84.2 76.8 70.3 63.7 57.3 51.6 46.1 40.9 35.4 30.5 25.5 21.0 16.5 11.9
72.8 76.0 79.2 79.7 78.2 75.2 70.9 66.0 60.4 54.3 47.6 40.8 33.6 26.1 18.1 9.8 0.9 -8.3 -18.0 -28.5 -39.5 -51.4 -63.7 -76.8 -90.0 -103.4 -116.8 -129.2 -142.5 -154.0 -166.1 -176.9 172.8 162.9 153.0 143.2 133.8 124.7 115.6 106.9 98.2 89.6 80.9 72.7 63.8 55.0 46.9 38.2 30.0 21.8 13.1 4.9 -3.7 -11.9 -20.6 -29.0 -37.4 -45.5 -53.9 -62.4 -70.6 -78.9 -86.8 -94.8 -102.5 -110.1 -117.8 -125.3 -132.6 -139.7 -146.6 -153.3 -159.4 -165.8 -172.0 -177.9 175.9 170.2 164.4 159.1
RF IN n=1 (0.3mm length, 25m Dia Au wire) RF OUT n=1 (0.3mm length, 25m Dia Au wire)
Download S-Parameters, click here
3
FMM5702X
27-32GHz LNA MMIC
CHIP OUTLINE
Unit: m
440
80
440
115
80
570
80
115
Die Thickness: 110m(Typ.)
For further information please contact: FUJITSU COMPOUND SEMICONDUCTOR, INC. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. Phone: (408) 232-9500 FAX: (408) 428-9111 www.fcsi.fujitsu.com FUJITSU MICROELECTRONICS EUROPE, GmbH Quantum Devices Division Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ Phone:+44 (0)1628 504800 FAX:+44 (0)1628 504888
CAUTION
Fujitsu Compound Semiconductor Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
* Do not ingest. * Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. * Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Fujitsu Limited reserves the right to change products and specifications without notice. The information does not convey any license under rights of Fujitsu Limited or others. (c) 1999 FUJITSU COMPOUND SEMICONDUCTOR, INC. Printed in U.S.A. FCSI0599M200
4


▲Up To Search▲   

 
Price & Availability of FMM5702X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X