Part Number Hot Search : 
5MF300 LTC1606 A132WK 3225A 76M00 76M00 A2410 76M00
Product Description
Full Text Search
 

To Download FME-230A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100V, 30A Schottky barrier diode in TO220F package
FME-230A
sAbsolute maximum ratings
Parameter VRM IF(AV) IFSM I2 t Tj Tstg Ratings 100 30 150 112 - 40 to +150 - 40 to +150 Unit V A A A2 s C C 10ms Half-cycle sinewave Single Shot Conditions
sElectrical characteristics
Parameter VF IR H.IR Rth( j-c) Ratings 0.85 1.5max 150max 4.0max Unit V mA mA C/W IF =15A VR =VRM
(Ta = 25C) Conditions
Tj =150C, VR=VRM Junction-to-case
35 30 Forward power loss PF (W) 25 20 15 10
IF(AV) -PF Characteristic
100 Tj =150C t T
VF - IF Characteristic (Typ.)
30 Average forward current IF(AV) (A) 25
TC -IF(AV) Characteristic
VR =0V
t /T = 1/2 t /T =1/6 20 15 10 Tj =150C 5 0 t T 0 50 100 150 t /T = 1/ 3, Sinewave D.C.
t /T =1/6 t /T =1/ 3, Sinewave Forward current IF (A)
10
1
0.1 Ta=150C 125C 100C 60C 25C 0 0.4 0.8 1.2 1.6
t /T =1/2 5 0 0 5 10 15 20 25 30 Average forward current IF(AV) (A) D.C.
0.01
0.001 Forward voltage VF (V)
Case temperature TC (C)
30 25 20
VR -PR Characteristic
Tj =150C t T
VR - IR Characteristic (Typ.)
100 10 Reverse current IR (mA) 125C 100C 1 0.1 0.01 0.001 60C Average forward current IF(AV) (A) Ta=150C 30 25
TC -IF(AV) Characteristic
Sinewave 1- t /T=1/2 t T
VR =100V Tj =150C
Reverse power loss PR (W)
1- t /T= 5/6
20 1-t /T=1/3 15 10 5 0 1-t /T=1/6 0 50 100 150 D.C.
1- t /T= 2/3 15 1- t /T= 1/2 10 5 0 0 20 40 60 Sinewave 80 100
25C
0.0001 0 20 40 60 80 100 Reverse voltage VR (V)
Reverse voltage VR (V)
Case temperature TC (C)
External dimensions (Unit: mm)
Flammability: UL94V-0 or equivalent
3.3 4.4 4.0 10.0 4.2 2.8 C0.5
Reference data
VF Distribution
(IF =15A) 0.84 0.83 0.82 0.81 0.80 0.79 0.78 0.77 0.76 0.75 0 10 20 30 N (pcs) 40 50 50 45 40 35 30 25 20 15 10 5 0 10 20 30 N (pcs) 40 50
IR Distribution
(VR=100V, Ta=25C) 60 58 56 54 52 50 48 46 44 42 40
IR Distribution
(VR=100V, Ta=150C)
16.9
0.8
13.50.5
3.9
1.35 0.85 2.54 2.54 0.45 -0.1
+0.2
2.4
IR (mA)
IR (A)
VF (V)
0
10
20 30 N (pcs)
40
50


▲Up To Search▲   

 
Price & Availability of FME-230A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X