Part Number Hot Search : 
ANTX2N6 STB8NC50 GRM31CR7 IRF74 LT3032 2040CT JANTXV STK66083
Product Description
Full Text Search
 

To Download FME-220A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100V, 20A Schottky barrier diode in TO220F package
FME-220A
sAbsolute maximum ratings
Parameter VRM IF(AV) IFSM I2 t Tj Tstg Ratings 100 20 120 72 - 40 to +150 - 40 to +150 Unit V A A A2 s C C 10ms Half-cycle sinewave Single Shot Conditions
sElectrical characteristics
Parameter VF IR H.IR Rth( j-c) Ratings 0.85 1.0max 100max 4.0max Unit V mA mA C/W IF =10A VR =VRM
(Ta = 25C) Conditions
Tj =150C, VR=VRM Junction-to-case
25
IF(AV) -PF Characteristic
100 Tj =150C t T t /T =1/6 Forward current IF (A)
VF - IF Characteristic (Typ.)
20 Average forward current IF(AV) (A)
TC -IF(AV) Characteristic
t /T =1/6
VR =0V t /T = 1/2
Forward power loss PF (W)
20
10
16
D.C.
15
t /T =1/ 3, Sinewave
1
12
t /T = 1/ 3, Sinewave
10 t /T =1/2 5 D.C.
0.1 Ta=150C 125C 100C 60C 25C 0 0.4 0.8 1.2 1.6
8 Tj =150C t T 0 50 100 150
0.01
4
0 0 5 10 15 20 Average forward current IF(AV) (A)
0.001 Forward voltage VF (V)
0
Case temperature TC (C)
18 16 Reverse power loss PR (W)
VR -PR Characteristic
Tj =150C t T
VR - IR Characteristic (Typ.)
100 10 Reverse current IR (mA) 1 0.1 0.01 0.001 60C 125C 100C Average forward current IF(AV) (A) Ta=150C 20
TC -IF(AV) Characteristic
Sinewave
VR =100V
1- t /T=1/2 1-t /T=1/3
14 12 10 8 6 4 2 0 0
1- t /T= 5/6 1- t /T= 2/3 1- t /T= 1/2
16
12 1-t /T=1/6 8 Tj =150C t T 0 50 100
D.C.
25C
4
Sinewave 20 40 60 80 100
0.0001 0 20 40 60 80 100 Reverse voltage VR (V)
0
150
Reverse voltage VR (V)
Case temperature TC (C)
External dimensions (Unit: mm)
Flammability: UL94V-0 or equivalent
3.3 4.4 4.0 10.0 4.2 2.8 C0.5
Reference data
VF Distribution
(IF =10A) 0.80 0.79 IR (A) VF (V) 0.78 0.77 0.76
2.4
IR Distribution
(VR=100V, Ta=25C) 50 45 40 35 30 25 20 15 10 5 0 10 20 30 N (pcs) 40 50 40 39 38 37 36 35 34 33 32 31 30
IR Distribution
(VR=100V, Ta=150C)
16.9
0.8
13.50.5
3.9
1.35 0.85 2.54 2.54 0.45 -0.1
+0.2
0.75 0 10 20 30 N (pcs) 40 50
IR (mA)
0
10
20 30 N (pcs)
40
50


▲Up To Search▲   

 
Price & Availability of FME-220A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X