Part Number Hot Search : 
A6531 B39881 IL1815D 5083NW 74ACT541 TSH82IPT HCTS21MS 24LC0
Product Description
Full Text Search
 

To Download FMBSA56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMBSA56
FMBSA56
PNP General Purpose Amplifier
* This device is designed for general purpose amplifier applications at collector currents to 300 mA. * Sourced from Process 73.
C1 E NC
B C pin #1 C
SuperSOTTM-6 single
Mark: .2G1
Absolute Maximum Ratings* Ta=25C unless otherwise noted
Symbol VCEO VCBO VEBO IC TJ, TSTG Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Operating and Storage Junction Temperature Range Value -80 -80 -4.0 -500 - 55 ~ 150 Units V V V mA C
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1. These ratings are based on a maximum junction temperature of 150 degrees C. 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics Ta=25C unless otherwise noted
Symbol Off Characteristics V(BR)CEO V(BR)CBO V(BR)EBO ICEO ICBO hFE VCE(sat) VBE(on) fT Parameter Test Condition IC = -1.0mA, IB = 0 IC = -100A, IE = 0 IE = -100A, IC = 0 VCE = -60V, IB = 0 VCB = -80V, IE = 0 IC = -10mA, VCE = -1.0V IC = -100mA, VCE = -1.0V IC = -100mA, IB = -10mA IC = -100mA, VCE = -1.0V IC = -10mA, VCE = -2.0V, f = 100MHz 50 100 100 -0.25 -1.2 V V MHz Min. -80 -80 -4.0 -0.1 -0.1 V A A Max. Units V Collector-Emitter Sustaining Voltage * Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product
On Characteristics
Small Signal Characteristics
* Pulse Test: Pulse Width 300s, Duty Cycle 2.0%
Thermal Characteristics Ta=25C unless otherwise noted
Symbol PD RJA Parameter Total Device Dissipation * Thermal Resistance, Junction to Ambient, total Max. 700 180 Units mW C/W
* Device mounted on a 1 in 2 pad of 2 oz copper.
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, November 2004
FMBSA56
Typical Characteristics
TYP ICAL PULSED CURRE NT GAIN
vs Collector Current
300 250 200 150
25 C 125 C
V CESAT - COLLECTOR EMITTE R VOLTAGE (V)
Voltage vs Collector Current
0.8
VCE = 1V
= 10
0.6
0.4
25 C
100 50
- 40 C
0.2
- 40 C 125 C
FE -
h
0.001
0.01 0.1 I C - COLLECTOR CURRENT (A)
0 10
100 I C - COLLECTOR CURRE NT (mA)
Figure 1. Typical Pulsed Current Gain vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage vs Collector Current
V BE( ON)- BAS E EMITTER ON VOLTAGE (V)
V BESAT - BASE EM ITTE R VOLTAGE (V)
Voltage vs Collector Current
1.2
Collect or Current
1.2 V CE = 1V 1
- 40 C
= 10
- 40 C
1
0.8 0.6 0.4 0.2 0 0.1
25 C 125 C
0.8
25 C 125 C
0.6
0.4 10
100 I C - COLLECTOR CURRE NT (mA)
1000
1 10 100 I C - COLLECTOR CURRENT (mA)
1000
Figure 3. Base-Emitter Saturation Voltage vs Collector Current
Figure 4. Base-Emitter On Voltage vs Collector Current
I CBO - COLLECTOR CURRENT (nA)
10 V CB = 60V
100
f = 1.0 MHz
1
CAPACITANCE (pF)
C ib
0.1
0.01
Cob
0.001 25
50 75 100 T A - AMBIENT TEMPERATURE ( C)
125
0.1
1
10
100
V CE - COLLECTOR VOLTAGE (V)
Figure 5. Collector Cutoff Current vs Ambient Temperature
Figure 6. Collector Saturation Region
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, November 2004
FMBSA56
Typical Characteristics
(Continued)
10
f T - GAIN BANDWIDTH PRODUCT (MHz)
V CE - COLLECTOR-EMITTER VOLTAGE (V)
Collector Saturation Region
vs Collector Current
350 300 250 200 150 100 50 0 1 10 100
VCE = 5V
8
T A = 25C
6
IC =
4
1 mA
10 mA
100 mA
2
0 3000
5000
10000
20000
30000
50000
I B - BASE CURRENT (uA)
IC - COLLECTOR CURRENT (mA)
Figure 7. Collector-Emitter Breakdown Voltage with Resistance Between Emitter-Base
Figure 8. Input and Output Capacitance vs Reverse Voltage
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, November 2004
FMBSA56
Package Dimensions
SuperSOTTM-6
Dimensions in Millimeters
(c)2004 Fairchild Semiconductor Corporation Rev. A1, November 2004
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM
ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM
Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM
StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems 2. A critical component is any component of a life support which, (a) are intended for surgical implant into the body, device or system whose failure to perform can be or (b) support or sustain life, or (c) whose failure to perform reasonably expected to cause the failure of the life support when properly used in accordance with instructions for use device or system, or to affect its safety or effectiveness. provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2004 Fairchild Semiconductor Corporation
Rev. I13


▲Up To Search▲   

 
Price & Availability of FMBSA56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X