Part Number Hot Search : 
SGBXXX MMBD2836 E110C 02227 SDR3W 74AHC1 TR13F K3116
Product Description
Full Text Search
 

To Download FMBBAV99 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
200 mW EPITAXIAL PLANAR DIODES
Mechanical Dimensions
.110 .060
Description
Pin 2 Pin 1
.037 .115 .037
2 3 1
.016
Pin 3
.043 .004
.016
Features
n PLANAR PROCESS n 200 mW POWER DISSIPATION Electrical Characteristics @ 25 O C. Maximum Ratings Peak Reverse Voltage...VRM RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IO Non-Repetitive Peak Forward Surge Current...I FSM Forward Voltage...VF @ IF = 100 mA DC Reverse Current...IR Power Dissipation...PD Typical Junction Capacitance...CJ Reverse Recovery Time...tRR Operating Temperature Range...TJ Storage Temperature Range...TSTRG .01 uF PVV = 100nS 5K Ohms @ VR = 70V
n INDUSTRY STANDARD SOT-23 PACKAGE n MEETS UL SPECIFICATION 94V-0 FMBBAV99 FMBBAV99 85 75 Units Volts Volts
............................................. 2 1 5 ............................................... mAmps ............................................. 4.0 ............................................... ............................................. 1.0 ............................................... ............................................. 5 0 ............................................... ............................................. 2 5 0 ............................................... ............................................. 1.5 ............................................... ............................................. 4.0 ............................................... ......................................... -25 to 85 .......................................... ......................................... -65 to 150 .......................................... Amps Volts Amps mW pF nS C C
Device Under Test Test
Output IF 50 Ohms RG = 50 Ohms Page 10-27 IR Trr 0.1 IR
FMBBAV99


▲Up To Search▲   

 
Price & Availability of FMBBAV99

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X