Part Number Hot Search : 
A471J X0006T 4HCT0 PSD6407 T5100380 6300A SI7818DN 1N4005G
Product Description
Full Text Search
 

To Download FMBBAS16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
200 mW EPITAXIAL PLANAR DIODES
Mechanical Dimensions
.110 .060 .037 .115 .037 2 3 1 .016
FMBBAS16
Description
Pin 3 Pin 1 NC
Pin 2
.043 .004
.016
Features
n PLANAR PROCESS n 200 mW POWER DISSIPATION Electrical Characteristics @ 25 O C. Maximum Ratings Peak Reverse Voltage...VRM RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IO Non-Repetitive Peak Forward Surge Current...IFSM Forward Voltage...VF @ IF = 150 mA DC Reverse Current...IR Power Dissipation...PD Frequency...F Typical Junction Capacitance...CJ Reverse Recovery Time...tRR Operating Temperature Range...TJ Storage Temperature Range...TSTRG .01 uF PVV = 100nS 5K Ohms 50 Ohms RG = 50 Ohms Page 10-24 IF @ VR = 75V
n INDUSTRY STANDARD SOT-23 PACKAGE n MEETS UL SPECIFICATION 94V-0 FMBBAS16 FMBBAS16 85 75 Units Volts Volts
............................................. 2 1 5 ............................................... mAmps ............................................. 4 ............................................... Amps Volts Amps mW MHz pF nS C C ............................................. 1.25 ............................................... ............................................. 5.0 ............................................... ............................................. 2 0 0 ............................................... ............................................. 1 0 0 ............................................... ............................................. 2.0 ............................................... ............................................. 4.0 ............................................... ......................................... -25 to 85 .......................................... ......................................... -65 to 150 ..........................................
Test Device Under Test
Output Trr IR 0.1 IR


▲Up To Search▲   

 
Price & Availability of FMBBAS16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X