Part Number Hot Search : 
F11NM OA4ZHA MSG10407 BU4845G 12150 6100CT MB252W 74LVCH16
Product Description
Full Text Search
 

To Download FMB-2306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30A Schottky barrier diode in TO220F package
FMB-2306
sFeature
qIF=30A in TO220F package qTj=150C guaranteed
sAbsolute maximum ratings
Parameter VRM IF(AV) IFSM It Tj Tstg
2
sElectrical characteristics
Conditions Parameter VF IR Ratings 0.7max 8.0max 115max 400max 4.0max Unit V mA mA mA C/W IF=15A VR=VRM
(Ta =25C)
Ratings 60 30 150 112 -40 to +150 -40 to +150
Unit V A A As C C
2
Conditions
10ms Half-cycle sinewave Single Shot
H.IR1 H.IR2 Rth(j-c)
Tj =125C, VR=VRM Tj =150C, VR =VRM Junction-to-case
IF(AV) -PF Characteristic
40 Tj =150C Forward power loss PF (W) t T 10 Forward current IF (A) 100
VF - IF Characteristic (Typ.)
30 Average forward current IF(AV) (A)
TC -IF(AV) Characteristic
VR =0V
t /T = 1/2 D.C. t /T = 1/6 20 t /T =1/ 3, Sinewave
30
t /T = 1/6 t /T = 1/ 3, Sinewave
1
20
0.1
10 t /T = 1/2 D.C. 0 0 5 10 15 20 25 30 Average forward current IF(AV) (A)
0.01
Ta=150C 125C 100C 60C 25C
10 Tj =150C t T 0 50 100 150
0.001 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Forward voltage VF (V)
0
Case temperature TC (C)
VR -PR Characteristic
45 Tj =150C 40 Reverse power loss PR (W) Reverse current IR (mA) t T 30 1- t /T= 5/6 1- t /T= 2/3 1- t /T= 1/2 10 100
VR - IR Characteristic (Typ.)
30 Ta=150C Average forward current IF(AV) (A) 125C 100C
TC -IF(AV) Characteristic
VR =60V
Tj =150C Sinewave 20 t /T = 1/2 t /T = 1/3 10 D.C. t T
1 60C 0.1 25C 0.01
20
10 Sinewave 0 10 20 30 40 50 60 Reverse voltage VR (V)
0
0.001 0 10 20 30 40 50 60 Reverse voltage VR (V)
0 0 50 100 150 Case temperature TC (C)
External dimensions (Unit: mm)
Flammability: UL94V-0 or equivalent
3.3 4.4 4.0 10.0
Reference data
4.2 2.8 C0.5
VF Distribution
540 530 VF (mV)
(IF=10A) 620 610 VF (mV) 600 590 580 570
VF Distribution
(IF=15A)
16.9
0.8
3.9
1.35 0.85 2.54 2.54 0.45 -0.1
+0.2
13.50.5
520 510
2.4
500 0 10 20 N (pcs) 30 40
0
10 N (pcs)
20
30


▲Up To Search▲   

 
Price & Availability of FMB-2306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X