Part Number Hot Search : 
JT6N38S CRY82 MC7824 8848ZE STR715F MD708B KF163S LR2905
Product Description
Full Text Search
 

To Download FM4007MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FM4001MH thru FM4007MH Surface Mount Standard Recovery Glass Passivated Rectifiers
P b Lead(Pb)-Free
Features:
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. * For surface mounted applications. * Exceeds environmental standards of MIL-S-19500 / 228 * Low leakage current.
REVERSE VOLTAGE 50 TO 1000 VOLTS FORWARD CURRENT 1.0 AMPERE
Mechanical Data:
* Case : Molded plastic, JEDEC SOD-123H * Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 * Polarity : Indicated by cathode band * Mounting Position : Any * Weight : 0.0393 gram
SOD-123H
SOD-123H Outline Dimension
B
unit:mm
C A
SOD-123H
Dim A B C H J Min
1.40 3.30 0.6
Max
1.80 3.70 0.30(TYP) 0.80(TYP) 1.00
J H H
WEITRON
http://www.weitron.com.tw
1/3
23-Jun-06
FM4001MH thru FM4007MH
Maximum Ratings (TA=25C Unless Otherwise noted) Characteristics
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA=75 C Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous At 1.0A DC Maximum DC Reverse Current @TA=25 C At Rated DC Blocking Voltage @TA=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
VF IR CJ R JA TJ TSTG 1.10 5.0 50 15(TYP) 60(TYP) -55 to+150 -55 to+150 IFSM 25 Symbol FM4001 FM4002 FM4003 MH MH MH VRRM VRMS VDC IF(AV) 50 35 50 100 70 100 200 140 200
FM4004 FM4005 FM4006 FM4007 MH MH MH MH
Unit
400 280 400 1.0
600 420 600
800 1000 560 800 700 1000
V V V A
A
V uA
PF C/W
C C
Device Marking
Item
FM4001MH FM4002MH FM4003MH FM4004MH
Marking
A1 A2 A3 A4
Item
FM4005MH FM4006MH FM4007MH
Marking
A5 A6 A7
WEITRON
http://www.weitron.com.tw
2/3
23-Jun-06
FM4001MH thru FM4007MH
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
50
INS TANTANEOUS FORWARD CURRENT,(A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C)
0.1 FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD S URGE CURRENT,(A)
.01
.6
.7
.8
.9
1.0
1.1
1.2
1.3
50
FORWARD VOLTAGE,(V)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
FIG.3 - TYPICAL REVERSE 100 CHARACTERISTICS
10
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
A) REVERS E LEAKAGE CURRENT, (m
10
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5 0
1.0
.1
Tj=25 C
.01 0
20
40
60
80
100 120 140
JUNCTION CAPACITANCE,(pF)
.01
.05
.1
.5
1
5
10
50
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
REVERSE VOLTAGE,(V)
WEITRON
http://www.weitron.com.tw
3/3
23-Jun-06


▲Up To Search▲   

 
Price & Availability of FM4007MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X