Part Number Hot Search : 
45DCB 122ML EP510 7815A A2S1CSQ EP2A15 MBR3060 2SB3200
Product Description
Full Text Search
 

To Download FM4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Silicon Rectifier
FMS
FM4003
Glass passivated type
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
PATENT PUBLICATION NO. 37116
0.185(4.8) 0.177(4.4)
0.012(0.3) Typ.
0.110(2.8) 0.094(2.4)
0.165(4.2) 0.150(3.8)
0.067(1.7) 0.060(1.5)
0.040(1.0) Typ.
0.040 (1.0) Typ.
Mechanical data
Case : Molded plastic, JEDE DO-214AC C Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gr am
SMA
MARKING CODE : A3
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Repetitive peak reverse voltage RMS voltage Continuous reverse voltage Forward rectified current Forward surge current Thermal resistance Diode junction capacitance Operating temperature Storage temperature Lead temperature = 70 C 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) Junction to ambient f=1MHz and applied 4vDC reverse voltage
o
CONDITIONS
Symbol VRRM VRMS VR IO IFSM RqJA CJ TJ TSTG
MIN.
TYP.
MAX. 200 140 200 1.0 30 100
o
UNIT V V V A A C/w pF
15 -55 -55 +150 +150
o o
C C
ELECTRICAL CHARACTERISTICS (AT TA=25oC unless otherwise noted)
PARAMETER Forward voltage Reverse current IF = 1.0 AMPERE DC VR = Peak reverse voltage TA = 25 C
o
CONDITIONS
Symbol VF IR
MIN.
TYP.
MAX. 1.10 5 50
UNIT V uA uA
VR = Peak reverse voltage TA = 125oC


▲Up To Search▲   

 
Price & Availability of FM4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X