Part Number Hot Search : 
1285B DCMO501 V7700W M52765FP PW035XS4 D2W201LE JR0205 MR18R
Product Description
Full Text Search
 

To Download FM362 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tylan FC260/FM360 Mass Flow Controllers and Flowmeters
Low cost mass flow controllers with long-term repeatability and performance
(R)
Process Values
Designed to meet the exacting requirements of semiconductor processes and equipment, the Tylan FC260 and Tylan FM360 models are premium quality elastomer-sealed mass flow controllers and meter. These MFCs combine proven components and techniques with innovative concepts in both mechanical and electrical design.
Excellent Performance
Tylan FC260 qnd FM360 mass flow controllers and flowmeters accurately and reliably measure and control flow rates of gases up to 200 standard liters per minute without the need for pressure or temperature corrections.
Product Features
Attitude Insensitive Flow Sensor
Product Benefits
Eliminates air convection currents inside its case without sacrificing response speed. Can be mounted in any position without requiring zero adjustment.
Superior Bypass Design to Operate under Laminar Flow Conditions Solid State Valve Assembly Constructed of Type 316 Stainless Steel Laminar Flow
Assures accuracy over the entire range of mass flow controller. Easily removed for range changes. Completely compatible with reactive and corrosive materials. Design eliminates internal dead volumes. Eliminates the need for complex, interactive multi-point linearization during calibration
Product
Profile
Tylan FC260/FM360 MFCs and Flowmeters - Ordering Information
FRONT VIEW SIDE VIEW
H H1
150 PSIG MAX
L L1 L2 (face of fittings) L3 0.164"-32 UNC-2B 0.25" DEEP, 2 PLACES W
S
BOTTOM VIEW
W1
FC-260/FM-360
Fittings 2S 4S 4VCO 4V in mm in mm in mm in mm Fittings 4S 4V 4VCO 6S 6V in mm in mm in mm in mm in mm Fittings 4V 6S 6V 6VCO in mm in mm in mm in mm 7.13 181.1 5.75 146.1 1.50 38.1 H H1 W 5.63 143.0 4.25 108.0 1.25 31.8 H H1 W 5.38 136.7 4.00 101.6 1.00 25.4 H H1 W
L4
W1
L5
W2
W2
L L1 3.82 97.0 L2 4.38 111.3 4.44 112.7 4.55 115.6 4.88 123.9 L2 5.78 146.8 6.19 157.2 5.86 148.8 5.90 149.8 6.50 165.1 L2 6.87 174.6 7.57 192.3 7.10 180.2 L3 4.94 125.5 5.03 127.8 L3 6.36 161.5 6.48 164.5 L3 7.45 189.3 7.59 192.7 4.00 101.6 0.62 15.75 0.585 14.8 L4 L5 S 3.55 90.1 0.35 8.9 0.575 14.6 L4 L5 S 2.72 69.1 0.14 3.56 0.50 12.7 L4 L5 S
0.72 18.3
0.14 3.56
3.00 76.2
3.82 97.0 -
FC-261/FM-361
W1 W2 L L1 5.16 131.0 0.97 24.6 0.14 3.56 4.25 108.0 5.17 131.3 W1 W2 L L1 6.25 158.8 1.00 25.4 0.25 6.35 5.255 133.5 6.27 159.3 2S = 1/8-inch Swagelok(R) 4S = 1/4-inch Swagelok 4V = 1/4-inch VCR(R) 4VCO = 1/4-inch VCO(R) 2 6S = 3/8-inch Swagelok 6V = 3/8-inch VCR 6VCO = 3/8-inch VCO
FC-262/FM-362
Tylan FC260/FM360 MFCs and Flowmeters - Ordering Information
Performance
Gases Step Response Time Accuracy Linearity Repeatability Attitude Sensitivity Control Range Any gas with a known conversion factor 6 seconds (dependent on step request and conditions) 1% of full scale 2% of full scale for the FC262 0.5% of full scale 0.2% of full scale Not sensitive 50:1 (100% - 2%) FC262 50:2 (100% - 4%) Type 316 Stainless Steel, Viton(R), Kalrez(R), or Neoprene Seals depending on gas application 1 x 10-9 atm cc/sec He 0 - 5 VDC (5 volts = full scale) Flow Controllers: + 15 VDC 4%, 25 mA max - 15 VDC 4%, 180 mA max Flow Meters: + 15 VDC 4%, 25 mA max - 15 VDC 4%, 25 mA max Flow Controllers: 4.0 watts maximum Flow Meters: 1.5 watts maximum Flow Controllers: 0 - 5 VDC (2.5 k ohms max source impedance) 40-20 mA optional (contact Mykrolis) 2000 ohms Full Scale Flow* Gas Model Flow Controllers Fitting FC260 *See specifications table for 2S = 1/8" Swagelok FC261 model-specific limits. 4S = 1/4" Swagelok FC262 Flow Meters 4VC0 = 1/4" VCO 4V = 1/4" VCR FM360 6S = 3/8" Swagelok FM361 6VC0 = 3/8" VCO FM362 6V = 3/8" VCR
Ordering Information
Mechanical
Materials Leak Integrity
Electrical
Analog Output
Input Power
Power Consumption
Command Signal Minimum Load Resistance
Environmental
Temperature Range Temperature Coefficient Pressure Coefficient 5 - 43 C (40 - 110 F) 0.1%/ C 0.007%/psi
Note: In accordance with SEMI Standard E12-91, Standard Temperature is 0 C and Standard Pressure is 760 mm Hg (14.7 psia).
Flow Controllers Model Full Scale Range Pressure Drop Gas Pressure Gas Fittings Weight FC260 10 sccm - 5 slm 10 - 40 psid FC261 6 - 20 slm FC262 FC360
Flow Meters FC361 6 - 20 slm FC362 30 - 200 slm
30 - 200 slm 10 sccm - 5 slm
15 - 40 psid 20 - 40 psid 40 psig optimum 150 psid max 1/4" or 3/8" 2.77 kg (5.0 lb)
0.5 psid at full scale flow
30 psig optimum 150 psid max 1/8" or 1/4" 500 gm (1.1 lb) 1/4" 954 gm (2.1 lb)
500 psid max 1/8" or 1/4" 454 gm (1.0 lb) 1/4" 907 gm (2.0 lb) 1/4" or 3/8" 2.15 kg (4.75 lb)
Consult our applications specialists with any questions.
Tylan is a registered trademark of Mykrolis Corporation. Mykrolis and the Mykrolis logo are trademarks of Mykrolis Corporation. Kalrez and Viton are trademarks of DuPont Dow Elastomers, L.L.C.
Swagelok is a trademark of Crawford Fitting Company. VCO and VCR are trademarks of Cajon Company.
Legal/Trademarks: www.mykrolis.com/corporate.nsf/docs/legal Worldwide Offices: www.mykrolis.com/corporate.nsf/docs/worldwide
UNITED STATES OF AMERICA (+1) 978-436-6500 Billerica, MA (+1) 972-359-4000 Allen, TX 3 EUROPE (+33) 4-76-35-73-50 ASIA (+65) 6 745-2422 JAPAN (+81) 3-5442-9718 Tokyo (+81) 92-471-8133 Kyushu (+81) 6-6390-0594 Osaka
Lit. No. PF1062ENUS Rev. A 18 April 2003 Printed in the U.S.A. (c) 1998-2003 Mykrolis Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of FM362

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X