|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION FM301 THRU FM307 SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes FEATURES * * * * * * Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.24 gram DO-214AB MECHANICAL DATA * Epoxy : Device has UL flammability classification 94V-0 0.125 (3.17) 0.115 (2.92) 0.280 (7.11) 0.260 (6.60) 0.245 (6.22) 0.220 (5.59) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. 0.103 (2.62) 0.079 (2.06) 0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75) 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) 0.004 (0.102) Dimensions in inches and (millimeters) MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 75oC Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 3.0A DC Maximum Full Load Reverse Current, Full cycle Average at TA = 75oC Maximum DC Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 125 o C SYMBOL VF FM301 FM302 FM303 FM304 1.1 30 IR 5.0 150 FM305 FM306 FM307 UNITS Volts uAmps uAmps uAmps 1998-8 SYMBOL VRRM VRMS VDC IO IFSM (Note 2) RJL (Note 3) RJA CJ TJ, TSTG FM301 50 35 50 FM302 100 70 100 FM303 200 140 200 FM304 400 280 400 3.0 150 10 35 60 -65 to + 175 FM305 600 420 600 FM306 800 560 800 FM307 1000 700 1000 UNITS Volts Volts Volts Amps Amps 0 0 C/ W C/ W pF 0 C NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC 2. Thermal resistance junction to terminal, 10.0X10.0mm2 copper pads to each terminal. 3. Thermal resistance junction to ambient, 10.0X10.0mm 2 copper pads to each terminal. RATING AND CHARACTERISTIC CURVES ( FM301 THRU FM307 ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE INSTANTANEOUS FORWARD CURRENT, (A) AVERAGE FORWARD CURRENT, (A) FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 4 2 1.0 .4 .2 .1 .04 .02 .01 .6 INSTANTANEOUS REVERSE CURRENT, (uA) TJ = 25 Pulse Width=300gs 1% Duty Cycle 3.0 2.5 2.0 1.5 1.0 .5 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( ) Single Phase Half Wave 60Hz Resistive or Inductive Load .8 1.0 1.2 1.4 1.5 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PEAK FORWARD SURGE CURRENT, (A) FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 250 200 150 100 50 0 1 2 4 6 8 10 20 40 60 80100 NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine-Wave (JEDED Method) 10 4 1.0 .4 TJ = 25 .1 .04 .01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) FIG. 5 - TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE, (pF) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V ) TJ = 25 RECTRON |
Price & Availability of FM307 |