Part Number Hot Search : 
SMC5376B D40175 15008 SMAZ12 CS844 TLP641J FQG4902 HN3C18F
Product Description
Full Text Search
 

To Download FM180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Schottky Barrier Diodes
FM120-L THRU FM1100-L
Silicon epitaxial planer type
Formosa MS
SMA-L
0.205(5.2) 0.189(4.8) 0.012(0.3) Typ.
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.110(2.8) 0.094(2.4)
0.181(4.6) 0.165(4.2)
0.075(1.9) 0.067(1.7)
0.040(1.0) Typ.
0.040 (1.0) Typ.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 1.0 30 0.5 10 Rq JA CJ TSTG -55 88 120 +150
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE SS12 SS13 SS14 SS15 SS16 SS18 S110
V RRM
20 30 40 50 60 80
*1
V RMS
14 21 28 35 42 56 70
*2
VR
*3
VF
*4
Operating temperature (o C)
(V) FM120 FM130 FM140 FM150 FM160 FM180 FM1100
(V)
(V) 20 30 40 50 60 80 100
(V)
0.50
-55 to +125
*1 Repetitive peak reverse voltage
0.70 -55 to +150 0.85
*2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
100
RATING AND CHARACTERISTIC CURVES (FM120-L THRU FM1100-L)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
1.2 1.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
0.8
15 FM
0.2 0 0 20 40 60 80 100
FM 15 0L~ FM 16
3.0 1.0
0L
18 FM 0F L~ 00 11 M -L
0.4
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
FM 12 0L~ FM 14
0.6
10
0L
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
30
12 FM 014 FM L~
0L~ 0 11 FM 0L 0L
Tj=25 C Pulse Width 300us 1% Duty Cycle
0.1
PEAK FORWARD SURGE CURRENT,(A)
24
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
12
6
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
350 300 250 200 150 100 50 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


▲Up To Search▲   

 
Price & Availability of FM180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X