|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Chip Schottky Barrier Diodes FM120-LN THRU FM1100-LN Silicon epitaxial planer type Formosa MS SMA-LN 0.205(5.2) 0.189(4.8) 0.012(0.3) Typ. Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. 0.040(1.0) Typ. 0.110(2.8) 0.094(2.4) 0.181(4.6) 0.165(4.2) 0.075(1.9) 0.067(1.7) 0.040 (1.0) Typ. 0.067(1.7) 0.053(1.3) Mechanical data Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram Dimensions in inches and (millimeters) MAXIMUM RATINGS (AT TA=25oC unless otherwise noted) PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 1.0 30 0.5 10 Rq JA CJ TSTG -55 88 120 +150 o UNIT A A mA mA C/w pF o Reverse current Thermal resistance Diode junction capacitance Storage temperature VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage IR C SYMBOLS MARKING CODE SS12 SS13 SS14 SS15 SS16 SS18 S110 V RRM *1 V RMS *2 VR *3 VF *4 Operating temperature (o C) (V) FM120-LN FM130-LN FM140-LN FM150-LN FM160-LN FM180-LN FM1100-LN 20 30 40 50 60 80 100 (V) 14 21 28 35 42 56 70 (V) 20 30 40 50 60 80 100 (V) 0.50 -55 to +125 *1 Repetitive peak reverse voltage 0.70 -55 to +150 0.85 *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage RATING AND CHARACTERISTIC CURVES (FM120-LN THRU FM1100-LN) FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) FIG.2-TYPICAL FORWARD CHARACTERISTICS 1.2 1.0 50 INSTANTANEOUS FORWARD CURRENT,(A) FM 12 0LN ~F FM M 15 14 00LN LN ~F M 16 0LN 0.8 15 FM 0.6 0.4 0.2 0 0 20 40 60 80 10 3.0 1.0 AMBIENT TEMPERATURE,( C) FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 30 12 FM 0- 100 0M1 ~F LN 40 -L N LN 10 M1 ~F 0LN 120 140 160 180 200 18 FM 0- LN ~ 00 11 FM -L N Tj=25 C Pulse Width 300us 1% Duty Cycle 0.1 PEAK FORWARD SURGE CURRENT,(A) 24 .01 .1 .3 .5 .7 .9 1.1 1.3 1.5 18 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method FORWARD VOLT AGE,(V) 12 6 FIG.5 - TYPICAL REVERSE 0 1 5 10 50 100 CHARACTERISTICS 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 350 300 250 200 150 100 50 0 JUNCTION CAPACITANCE,(pF) REVERSE LEAKAGE CURRENT, (mA) 10 1.0 Tj=75 C .1 Tj=25 C .01 .05 .1 .5 1 5 10 50 100 .01 0 20 40 60 80 100 120 140 REVERSE VOLTAGE,(V) PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) |
Price & Availability of FM180-LN |