Part Number Hot Search : 
BD941F DB105 PA1220 HVC351 PA1800 BAR65 DB105 C131007
Product Description
Full Text Search
 

To Download FLM1314-18F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLM1314-18F
X,Ku-Band Internally Matched FET
FEATURES *E Output Power: P1dB=42.5dBm(Typ.) High *E Gain: G1dB=6.0dB(Typ.) High *E PAE: add=27%(Typ.) High *E Broad Band: 13.75~14.5GHz *E Impedance Matched Zin/Zout = 50 Hermetically Sealed Package DESCRIPTION The FLM1314-18F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 system.
ABSOLUTE MAXIMUM RATINGS (Case Temperature Tc=25 o C)
Item Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature Symbol VD S V GS PT Tstg Tch Rating 15 -5 75 -65 to +150 175 Unit V V W o C o C
RECOMMENDED OPERATING CONDITION (Case Temperature Tc=25o C)
Item DC Input Voltage Forward Gate Current Reverse Gate Current Symbol VD S IGF IGR Condition RG=25 ohm RG=25 ohm Limit *... 10 *... 44.6 * -9.6 Unit V mA mA
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25o C)
Item Drain Current Trans conductance Pinch-off Voltage Gate-Source Breakdown Voltage Output Power at 1dB G.C.P. Power Gain at 1dB G.C.P. Drain Current Power-added Efficiency Gain Flatness 3rd Order Intermodulation Distortion Thermal Resistance Channel Temperature Rise Symbol IDSS gm Vp VGSO P1dB G1dB Idsr Nadd G IM3 Rth Tch Condition V DS=5V , V GS=0V V DS=5V , ID S=4.65A V DS=5V , ID S=390mA IGS=-390uA V DS =10V IDSDC=4.0A f= 13.75 ~ 14.5 GHz Zs=ZL=50 ohm f=14.5 GHz f=10MHz*C-tone Test 2 Pout=36.0dBm (S.C.L.) Channel to Case 10V x Idsr X Rth Min. -0.5 -5.0 42.0 5.0 -25 Limit Typ. 9.3 6600 -1.5 42.5 6.0 5.0 27 -30 1.8 Max. 14 -3.0 6.0 1.2 2.0 100 Unit A mS V V dBm dB A % dB dBc
o
C/W o C
G.C.P.: Gain Compression Point, S.C.L.: Single Carrier Level CASE STYLE : IB ESD Class III 2000V *@ ~ Note : Based on EIAJ ED-4701 C-111A (C=100pF, R=1.5k)
Edition 1.1 May 2005
1
FLM1314-18F
X,Ku-Band Internally Matched FET
POWER DERATING CURVE OUTPUT POWER , POWER ADDED EFFICIENCY v.s. INPUT POWER
Vds=10V IdsDC=4.0A Freq=14.125GHz
80 Total Power Dissipation [W]
44 43 Output Power (dBm) 42 41 40 39 38 37 36 35
0 50 100 150 200
PAE
100 90
Power Added Efficiency (%)
38
60
Pout
80 70 60 50 40 30 20 10 0
40
20
0 Case Temperature [ o C]
34 28 30 32 34 36 38 40
Input Power (dBm)
OUTPUT POWER vs. FREQUENCY Vds=10V, IdsDC=4.0A
44 42
-22 -24 -26 -28 -30 -32 -34 -36 -38 -40 -42 -44 -46 -48 -50 -52 30 31 32 33
IMD vs OUTPUT POWER
Vds=10V, IdsDC=4.0A f1=14.50GHz, f2=14.51GHz
40
P1dB 27dBm
Intermodulation Distortion [dBc]
Output Power [dBm]
IM3
38 36 34 32 13.50 13.75 14.00 14.25 14.50 14.75
31dBm 35dBm 38dBm
IM5
34
35
36
37
Frequency [GHz]
Output Power (S.C.L.) [dBm]
2
FLM1314-18F
X,Ku-Band Internally Matched FET
* S-PARAMETERS
+50j +25j +100j
10
+90
13.75GHz +10j 13.75GHz 0 14.5 -10j -250j 14.125 14.125 14.5 * +250j Scale for |S 21| 180 3 2 14.5 14.125 14.125 -25j -50j -100j S11 S22 0.2 -90 Scale for | S 12| 14.5 13.75GHz 0 13.75GHz
S12 S21
VDS=10.0V , IDS=4.0A
FREQ.(GHz) 13.5 13.6 13.7 13.8 13.9 14.0 14.1 14.2 14.3 14.4 14.5 14.6 14.7
S11mag 0.462 0.394 0.328 0.255 0.189 0.130 0.099 0.115 0.158 0.209 0.254 0.308 0.360
S11ang -154.1 -163.2 -173.9 172.6 156.0 129.2 85.1 38.8 8.7 -13.0 -30.8 -48.6 -66.5
S21mag 1.909 1.976 2.026 2.059 2.093 2.105 2.111 2.105 2.095 2.090 2.089 2.061 2.028
S21ang 51.8 30.0 7.7 -14.9 -37.5 -59.9 -82.7 -105.5 -128.4 -151.2 -174.2 161.8 137.5
S12mag 0.099 0.103 0.107 0.109 0.112 0.114 0.114 0.115 0.115 0.115 0.114 0.112 0.110
S12ang 41.8 21.9 1.5 -18.8 -39.3 -59.9 -80.4 -100.7 -121.2 -142.0 -162.8 176.1 154.2
S22mag 0.402 0.420 0.434 0.443 0.452 0.455 0.449 0.439 0.418 0.392 0.362 0.320 0.274
S22ang 115.1 101.9 89.3 77.7 67.7 58.0 50.5 44.0 38.0 34.0 29.6 29.6 31.7
3
FLM1314-18F
X,Ku-Band Internally Matched FET
* Package Out Line
Case Style : IB
Unit : mm
PIN ASSIGNMENT 1 : GATE 2 : SOURCE 3 : DRAIN 4 : SOURCE
4
FLM1314-18F
X,Ku-Band Internally Matched FET
For further information please contact :
Eudyna Devices USA Inc. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. Phone: (408) 232-9500 FAX: (408) 428-9111 www.fcsi.fujitsu.com
CAUTION
Eudyna Devices Compound Semiconductor Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
*E not put these products into the mouth. Do *E not alter the form of this product into a gas, powder, or liquid Do through burning, crushing, or chemical processing as these byproducts are dangerous to the human body if inhaled, ingested, or swallowed. *E Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Eudyna Devices Europe Ltd. Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ Phone: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte. Ltd. Hong Kong Branch Rm.1101,Ocean Centre, 5 Canton Road, Tsim Sha Tsui Kowloon, Hong kong Tel: +852-2377-0227 Fax: +852-2377-3921
Eudyna Devices Inc. 1000 Kamisukiahara, showa-cho, Nakakomagun, Yamanashi 409-3883, Japan (Kokubo Industrial Park) Tel +81-55-275-4411 Fax +81-55-275-9461
Sales Division 1,Kanai-cho,Sakae-ku,Yokohama,244-0845,Japan
Tel +81-45-853-8156 Fax +81-45-853-8170
5


▲Up To Search▲   

 
Price & Availability of FLM1314-18F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X