Part Number Hot Search : 
DHE4AB AME88 M18GXYPQ 19371251 620TG SS4R7 SS4R7 4042B
Product Description
Full Text Search
 

To Download FLLD263 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 SILICON PLANAR LOW LEAKAGE COMMON ANODE DIODE PAIR
ISSUE 2 JANUARY 1996 7
1
FLLD263
2
DIODE PIN CONNECTION
1 3
2
3
SOT23
PART MARKING DETAIL D63
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Repetitive Peak Reverse Voltage Average Rectified Forward Current Power Dissipation at Tamb = 25C Operating and Storage Temperature Range SYMBOL VRRM IF(AV) Ptot Tj:Tstg VALUE 100 250 3.0 330 -55 to +150 UNIT V mA A mW C
Non-Repetitive Peak Forward Current (t=1s) IFSM
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Reverse Current Reverse Recovery Time* Forward Recovery Time Diode Capacitance SYMBOL IR trr tfr Cd MIN. MAX. 5 5 400 10 4 Typ 0.9 1.4 UNIT CONDITIONS.
A
nA ns ns pF
VRRM=100V VRRM=100V, Tamb=150C IF= IR=50 400mA IF=10mA VR=1V, f=1MHz IF=10mA, Rise time=5ns 20% IF=-200mA
Forward Overshoot Voltage Vfr Forward Voltage VF
V V
*Time for IR to recover to 10% of IR peak
3 - 98
FLLD258 FLLD261 FLLD263
TYPICAL CHARACTERISTICS
25 20 15 10 5 0 0 20 40 60 80 100
VF - Forward Voltage (V)
IR v VF
3 - 99


▲Up To Search▲   

 
Price & Availability of FLLD263

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X