Part Number Hot Search : 
A114Y 92315 MAX15022 025NL DL0365R DTC115T 1H470 AIC2003
Product Description
Full Text Search
 

To Download FK4C3732220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Display for Digital Signals Types FK3C3, FK4C3
* * * * *
Du line
(R)
Fieldbus
Installationbus
8-, 16- or 32-channel status indicator 8-, 16- or 32-dot LED display NPN transistor output for loss of Dupline(R) carrier Horizontal or vertical panel mounting, DIN 43700 AC/DC power supply
Product Description
Dupline(R) display for panel mounting. Status indication of 8, 16 or 32 channels in 8-, 16- or 32-segment singlepoint LED representation. Display function normal or inverted for fast locating of deviations from normal operation, e.g. missing startup conditions, open doors and windows, machine fault annunciation etc.
Ordering Key
Type: Dupline(R) Display type Housing Type no. Supply
FK3C 3508 024
Type Selection
Supply Ordering no. 8 channels 8-dot LED FK3C 3508 024 FK3C 3508 120 FK3C 3508 220 * FMK A to FMK P Ordering no 16 channels 16-dot LED FK3C 3616 024 FK3C 3616 120 FK3C 3616 220 * FMK A-B to O-P Ordering no. 32 channels 32-dot LED FK4C 3732 024 FK4C 3732 120 FK4C 3732 220 * FMK A-D to M-P
24 VAC 120 VAC 220 VAC 12 VDC Code module *
All AC-types may be supplied with 12 VDC at pins 2 & 3
Display/Output Specifications
F.3C 3508 ... ( 8 channels) Display Display format Display range Display type Size of dots Display colour Display test Transmission protocol Channel status 8 dots LED 5 x 5 mm Red None Binary F.3C 3616 ... (16 channels) Channel status 16 dots LED 6 x 3 mm Red None Binary F.4C 3732 ... (32 channels) Channel status 32 dots LED 5 x 2 mm Red None Binary
Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group
1
FK3C3, FK4C3
Du line
(R)
Fieldbus
Installationbus
Display/Output Specifications (cont.)
F.3C 3508 ... ( 8 channels) 1 NPN transistor 4 to 35 VDC (or VDD in) Yes 100 mA None None 100 A 1.5 V 3m None 2.8 mm faston 2.8 mm faston < 2 pulse trains F.3C 3616 ... (16 channels) 1 NPN transistor 4 to 35 VDC (or VDD in) Yes 100 mA None None 100 A 1.5 V 3m None 2.8 mm faston 2.8 mm faston < 2 pulse trains F.4C 3732 ... (32 channels) 1 NPN transistor 4 to 35 VDC (or VDD in) Yes 100 mA None None 100 A 1.5 V 3m None 2.8 mm faston 2.8 mm faston < 2 pulse trains
Output Output voltage range VBB Reverse-polarity protection Current per output Short-circuit protection Built-in protective diodes Off-state leakage current Output voltage drop Cable length Dielectric voltage Output - Dupline(R) Output connection Dupline(R) connection Response time
Supply Specifications
Power supply AC types Operational voltage through pins A1 & A2 220 120 024 Frequency Voltage interruption Rated operational power Rated impulse withstand voltage 220 120 024 Dielectric voltage Supply - Dupline(R) Supply - Output Alternative DC supply Operational voltage (VDD in) through pins 2 & 3 FK... Reverse polarity protection Rated operational current FK3C 3508 FK3C 3616 FK4C 3732 Inrush current Transient protection voltage Dielectric voltage Supply - Dupline(R) Supply - Output Supply connection Overvoltage cat. III (IEC 60664) 230 VAC +6%, -15% (IEC 60038) 120 VAC 10% (IEC60038) 24 VAC 10% 45 to 65 Hz 40 ms Typ. 6 VA 4 kV 2.5 kV 800 V 2 kVAC (rms) 2 kVAC (rms) Overvoltage cat. III (IEC 60664) 12 VDC 10% (ripple included) Yes 125 mA 250 mA 500 mA 1A 800 V None None 2.8 mm faston
General Specifications
Output-off delay upon loss of Dupline(R) carrier Power ON delay Indication for Loss of Dupline(R) carrier Environment Degree of protection Pollution degree Operating temperature Storage temperature Humidity (non-condensing) Mechanical resistance Shock Vibration Dimensions Material (see "Technical Information") Weight F.3C 3508 F.3C 3616 F.4C 3732 Approvals 3 s, (LCD irregular display indication) Undefined 1 s LED, red IP 40 3 (IEC 60664) 0 to +50C (+32 to +122F) -20 to +60C (-4 to +140F) 20 to 80% 15 G (11 ms) 2 G (6 to 55 Hz)
F.3C: 96 x 48 - Housing F.4C: 144 x 48 - Housing 300 g 300 g 400 g CSA, UL
2
Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group
FK3C3, FK4C3
Du line
(R)
Fieldbus
Installationbus
Mode of Operation
8-, 16- or 32-channel status indicator with LED dot display. The displays are used to monitor 1, 2 or 4 Dupline(R) channel groups. The output dots turn on when the respective channels of the selected channel groups are activated by transmitters. Each dot represents the status of one Dupline(R) channel. The lowest figure on the front plate indicates the lowest channel of the first channel group and the highest figure indicates the highest channel of the last channel group selected by the code module. In case of Dupline(R) carrier loss the fault LED and the output (pins 2 & 5) turn on. Reaction time typically 1 s. Note: * Upon loss of Dupline(R) carrier the channel dots of an LED display turn off. * If DC-supplied displays are used the length of the supply bus must not exceed 3 m in order to avoid disturbances unbalancing the Dupline(R).
Operation Diagram
Power supply Dupline(R) carrier Transmission on lowest chan. Dot no. 1 Transmission on highest channel Highest dot no. Fault LED/output
Wiring Diagrams
AC supply DC supply
AC supply
Output load VBB VDD in
Output load
S: signal wire
S: signal wire
Additional Information
Scope of supply: 1 x Display F..C... 1 x Front plate for horizontal mounting 1 x Front plate for vertical mounting
Accessories
For further information refer to "Accessories".
Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group
3


▲Up To Search▲   

 
Price & Availability of FK4C3732220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X