Part Number Hot Search : 
60403 AM2323P K3354 UF204 4E400BS 18B20 A12JVAA 74VHC373
Product Description
Full Text Search
 

To Download FK16KM-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI Nch POWER MOSFET
FK16KM-5
HIGH-SPEED SWITCHING USE
FK16KM-5
OUTLINE DRAWING
10 0.3
6.5 0.3 3 0.3
Dimensions in mm
2.8 0.2
15 0.3
3.2 0.2
14 0.5
3.6 0.3
1.1 0.2 1.1 0.2 0.75 0.15
0.75 0.15
2.54 0.25
2.54 0.25
4.5 0.2
123
2.6 0.2
w
VDSS ................................................................................ 250V rDS (ON) (MAX) .............................................................. 0.31 ID ......................................................................................... 16A Viso ................................................................................ 2000V Integrated Fast Recovery Diode (MAX.) ........150ns
q
q GATE w DRAIN e SOURCE
e
TO-220FN
APPLICATION Servo motor drive, Robot, UPS, Inverter Fluorecent lamp, etc.
MAXIMUM RATINGS
Symbol VDSS VGSS ID IDM IS ISM PD Tch Tstg Viso --
(Tc = 25C)
Parameter Drain-source voltage Gate-source voltage Drain current Drain current (Pulsed) Source current Source current (Pulsed) Maximum power dissipation Channel temperature Storage temperature Isolation voltage Weight VGS = 0V VDS = 0V
Conditions
Ratings 250 30 16 48 16 48 35 -55 ~ +150 -55 ~ +150 2000 2.0
Unit V V A A A A W C C Vrms g
Feb.1999
AC for 1minute, Terminal to case Typical value
MITSUBISHI Nch POWER MOSFET
FK16KM-5
HIGH-SPEED SWITCHING USE
ELECTRICAL CHARACTERISTICS
Symbol V (BR) DSS V (BR) GSS IGSS IDSS VGS (th) rDS (ON) VDS (ON) yfs Ciss Coss Crss td (on) tr td (off) tf VSD Rth (ch-c) trr Parameter
(Tch = 25C)
Test conditions ID = 1mA, VGS = 0V IG = 100A, VDS = 0V VGS = 25V, VDS = 0V VDS = 250V, VGS = 0V ID = 1mA, VDS = 10V ID = 8A, VGS = 10V ID = 8A, VGS = 10V ID = 8A, VDS = 10V VDS = 25V, VGS = 0V, f = 1MHz
Limits Min. 250 30 -- -- 2 -- -- 6.5 -- -- -- -- -- -- -- -- -- -- Typ. -- -- -- -- 3 0.24 1.92 10.0 1050 220 45 20 40 110 50 1.5 -- -- Max. -- -- 10 1 4 0.31 2.48 -- -- -- -- -- -- -- -- 2.0 3.57 150
Unit V V A mA V V S pF pF pF ns ns ns ns V C/W ns
Drain-source breakdown voltage Gate-source breakdown voltage Gate-source leakage current Drain-source leakage current Gate-source threshold voltage Drain-source on-state resistance Drain-source on-state voltage Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Source-drain voltage Thermal resistance Reverse recovery time
VDD = 150V, ID = 8A, VGS = 10V, RGEN = RGS = 50
IS = 8A, VGS = 0V Channel to case IS = 16A, dis/dt = -100A/s
PERFORMANCE CURVES
POWER DISSIPATION DERATING CURVE 50
POWER DISSIPATION PD (W) DRAIN CURRENT ID (A)
MAXIMUM SAFE OPERATING AREA 7 5 3 2 101 7 5 3 2 100 7 5 3 2 tw=10s 100s
40
30
1ms 10ms
20
10
0
0
50
100
150
200
DC 10-1 7 100 2 3 5 7 101 2 3 5 7 102 2 3 5 7 103 DRAIN-SOURCE VOLTAGE VDS (V)
Feb.1999
TC = 25C Single Pulse
CASE TEMPERATURE TC (C)
MITSUBISHI Nch POWER MOSFET
FK16KM-5
HIGH-SPEED SWITCHING USE
OUTPUT CHARACTERISTICS (TYPICAL) 50 PD = 35W DRAIN CURRENT ID (A) 40 VGS = 20V 10V 7V 30 6V TC = 25C Pulse Test DRAIN CURRENT ID (A) 16 20 OUTPUT CHARACTERISTICS (TYPICAL) VGS=20V 10V 6V TC = 25C Pulse Test 5.5V
12
20
8
5V
10
5V
4
4.5V PD = 35W 0 4 8 12 16 20
0
0
10
20
30
40
50
0
DRAIN-SOURCE VOLTAGE VDS (V)
DRAIN-SOURCE VOLTAGE VDS (V)
ON-STATE VOLTAGE VS. GATE-SOURCE VOLTAGE (TYPICAL) 20 DRAIN-SOURCE ON-STATE VOLTAGE VDS (ON) (V) DRAIN-SOURCE ON-STATE RESISTANCE rDS (ON) () TC = 25C Pulse Test 16 0.5
ON-STATE RESISTANCE VS. DRAIN CURRENT (TYPICAL) TC = 25C Pulse Test 0.4 20V 0.3 VGS = 10V
12
ID = 30A
8 16A 4 8A 0 0 4 8 12 16 20
0.2
0.1 0 10-1 2 3 5 7 100 2 3 5 7 101 2 3 5 7 102 DRAIN CURRENT ID (A)
GATE-SOURCE VOLTAGE VGS (V)
TRANSFER CHARACTERISTICS (TYPICAL) 40 TC = 25C VDS = 50V Pulse Test 101 7 5 FORWARD TRANSFER ADMITTANCE yfs (S) 3 2 100 7 5 3 2 10-1
FORWARD TRANSFER ADMITTANCE VS.DRAIN CURRENT (TYPICAL) TC = 25C 75C 125C
DRAIN CURRENT ID (A)
32
24
16
8
0
VDS = 10V Pulse Test 23 5 7 101 23 5 7 102
0
4
8
12
16
20
100
GATE-SOURCE VOLTAGE VGS (V)
DRAIN CURRENT ID (A)
Feb.1999
MITSUBISHI Nch POWER MOSFET
FK16KM-5
HIGH-SPEED SWITCHING USE
CAPACITANCE VS. DRAIN-SOURCE VOLTAGE (TYPICAL) 5 3 2
CAPACITANCE Ciss, Coss, Crss (pF)
SWITCHING CHARACTERISTICS (TYPICAL) 103 7 5 Tch = 25C VDD = 150V VGS = 10V RGEN = RGS = 25
102 7 5 3 2 101 7 5
Ciss
SWITCHING TIME (ns)
3 2 td(off) 102 7 5 3 2 101 100 23
Coss
tf tr td(on) 5 7 101 23 5 7 102
Crss 3 Tch = 25C 2 f = 1MHz VGS = 0V 100 2 3 5 7 100 2 3 5 7 101 2 3 5 7 102 2 3 DRAIN-SOURCE VOLTAGE VDS (V)
DRAIN CURRENT ID (A)
GATE-SOURCE VOLTAGE VS.GATE CHARGE (TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
SOURCE-DRAIN DIODE FORWARD CHARACTERISTICS (TYPICAL) 40
SOURCE CURRENT IS (A)
20 Tch = 25C ID = 16A 16 VDS = 50V 100V 200V 8
TC = 125C 32
VGS = 0V Pulse Test 75C
12
24
25C
16
4
8
0
0
20
40
60
80
100
0
0
0.8
1.6
2.4
3.2
4.0
GATE CHARGE Qg (nC)
SOURCE-DRAIN VOLTAGE VSD (V)
DRAIN-SOURCE ON-STATE RESISTANCE rDS (ON) (25C)
DRAIN-SOURCE ON-STATE RESISTANCE rDS (ON) (tC)
ON-STATE RESISTANCE VS. CHANNEL TEMPERATURE (TYPICAL) 101 7 5 3 2 100 7 5 3 2 10-1 0 50 100 150 200 250 5.0
GATE-SOURCE THRESHOLD VOLTAGE VGS (th) (V)
THRESHOLD VOLTAGE VS. CHANNEL TEMPERATURE (TYPICAL) VDS = 10V ID = 1mA 4.0
VGS = 10V ID = 1/2ID Pulse Test
3.0
2.0
1.0
0
-50
0
50
100
150
CHANNEL TEMPERATURE Tch (C)
CHANNEL TEMPERATURE Tch (C)
Feb.1999
MITSUBISHI Nch POWER MOSFET
FK16KM-5
HIGH-SPEED SWITCHING USE
DRAIN-SOURCE BREAKDOWN VOLTAGE V (BR) DSS (25C)
DRAIN-SOURCE BREAKDOWN VOLTAGE V (BR) DSS (tC)
BREAKDOWN VOLTAGE VS. CHANNEL TEMPERATURE (TYPICAL) VGS = 0V ID = 1mA 1.2
REVERSE RECOVERY TIME trr (ns)
1.4
1.0
0.8
102 7 5 3 2 101 100
trr
101 7 5 3 2
0.6
Irr
Tch = 25C Tch = 150C 23 5 7 101 23
0.4
-50
0
50
100
150
100 5 7 102
CHANNEL TEMPERATURE Tch (C)
REVERSE RECOVERY CURRENT Irr (A) TRANSIENT THERMAL IMPEDANCE Zth (ch - c) (C/ W)
SOURCE CURRENT IS (A) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS 101 7 5 D=1 3 2 0.5 100 7 5 3 2 7 5 3 2 0.2 0.1 PDM 0.05 0.02 0.01 Single Pulse
tw T D= tw T
REVERSE RECOVERY TIME trr (ns)
DIODE REVERSE VS. SOURCE CURRENT dis/dt CHARACTERISTIC (TYPICAL) 103 102 IS = 16A 7 7 5 5 VGS = 0V 3 VDD = 150V 3 2 2 102 7 5 3 2 101 7 5 3 2 100 101 23 5 7 102 trr 101 7 5 3 2 100 7 5 3 2
Irr
10-1
Tch = 25C Tch = 150C 23
10-1 5 7 103
10-2 10-4 2 3 5710-3 2 3 5710-22 3 5710-12 3 57100 2 3 57101 2 3 57102 PULSE WIDTH tw (s)
SOURCE CURRENT dis/dt (-A/s)
REVERSE RECOVERY CURRENT Irr (A)
Feb.1999
DIODE REVERSE VS. SOURCE CURRENT CHARACTERISTIC (TYPICAL) 102 103 dis/dt = -100A/s 7 7 VGS = 0V 5 5 VDD = 150V 3 3 2 2


▲Up To Search▲   

 
Price & Availability of FK16KM-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X