Part Number Hot Search : 
S8035K ADG2188 M32F10 IRF240 LTC34 8240116 98TK200 01QXA
Product Description
Full Text Search
 

To Download FJZ594JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FJZ594J
FJZ594J
Capacitor Microphone Applications
* Especially Suited for use in Audio, Telephone Capacitor Microphones * Excellent Voltage Characteristic * Excellent Transient Characteristic
3
2 1
SOT-623F
1. Drain 2. Source 3. Gate
Si N-channel Junction FET
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VGDO IG ID PD TJ TSTG Parameter Gate-Drain Voltage Gate Current Drain Current Power Dissipation Junction Temperature Storage Temperature Ratings -20 10 1 100 150 -55 ~ 150 Units V mA mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVGDO VGS(off) IDSS lyfsl CISS CRSS Parameter Gate-Drain Breakdown Voltage Gate-Source Cut-off Voltage Drain Current Forward Transfer Admittance Input Capacitance Output Capacitance Test Condition IG= -100uA VDS=5V, ID=1A VDS=5V, VGS=0 VDS=5V, VGS=0, f=1MHz VDS=5V, VGS=0, f=1MHz VDS=5V, VGS=0, f=1MHz 150 0.4 1.2 3.5 0.65 Min. -20 Typ. -0.6 Max. -1.5 350 Units V V A mS pF pF
Thermal Characteristics TC=25C unless otherwise noted
Symbol RjA Parameter Thermal Resistance, Junction to Ambient Max 1250 Units C/W
IDSS Classification
Classification IDSS (A) B 150 ~ 240 Marking C 210 ~ 350
J1B
Idss grade
(c)2003 Fairchild Semiconductor Corporation
Rev. D, July 2003
FJZ594J
Typical Characteristics
400.0 350.0 300.0 300
250
VDS = 5V IDSS = 200A
ID [A], DRAIN CURRENT
ID [A], DRAIN CURRENT
200
250.0 200.0 150.0 100.0 50.0 0.0
150
VGS = 0 V
VGS = - 0.1V VGS = - 0.2V VGS = - 0.3V
0 1 2 3 4 5
100
50
0 -1.0
-0.8
-0.6
-0.4
-0.2
0.0
VDS [V], DRAIN-SOURCE VOLTAGE
VGS [V], GATE-SOURCE VOLTAGE
Figure 1. Static Characteristics
Figure 2. Transfer Characteristic
VGS(off)[V], GATE-SOURCE CUT-OFF VOLTAGE
|yfs| [mS], FORWARD TRANSFER ADMITTANCE
10
-10
VDS = 5V ID = 1A
VDS = 5V VGS = 0 f=1kHz
1
-1
0.1
- 0.1
0.1
1
0.1
1
IDSS [mA], DRAIN CURRENT
IDSS [mA], DRAIN CURRENT
Figure 3. Forward Transfer Admittance
Figure 4. Cut-Off Voltage
Ciss [pF], INPUT CAPACITANCE
VGS = 0 f = 1MHz
Crss [pF], REVERSE TRANSFER CAPACITANCE
100
10
VGS = 0 f = 1MHz
10
1
1
1
10
0.1
1
10
VDS [V], DRAIN-SOURCE VOLTAGE
VDS [V], DRAIN-SOURCE VOLTAGE
Figure 5. Input Capacitance
Figure 6. Reverse Transfer Capacitance
(c)2003 Fairchild Semiconductor Corporation
Rev. D, July 2003
FJZ594J
Typical Characteristics (Continued)
140
120
PD [mW], POWER DISSIPATION
100
80
60
40
20
0
0
25
50
75
100
125
150
Ta [ C], AMBIENT TEMPERATURE
o
Figure 7. Power Derating
(c)2003 Fairchild Semiconductor Corporation
Rev. D, July 2003
FJZ594J
Package Dimensions
SOT-623F
Dimensions in Millimeters
(c)2003 Fairchild Semiconductor Corporation Rev. D, July 2003
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet SeriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2003 Fairchild Semiconductor Corporation
Rev. I3


▲Up To Search▲   

 
Price & Availability of FJZ594JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X