|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FJNS3208R FJNS3208R Switching Application (Bias Resistor Built In) * Switching circuit, Inverter, Interface circuit, Driver Circuit * Built in bias Resistor (R1=47K, R2=22K) * Complement to FJNS4208R 1 TO-92S 1.Emitter 2. Collector 3. Base NPN Epitaxial Silicon Transistor Absolute Maximum Ratings Ta=25C unless otherwise noted Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Value 50 50 10 100 300 150 -55 ~ 150 Units V V V mA mW C C E R2 B Equivalent Circuit C R1 Electrical Characteristics Ta=25C unless otherwise noted Symbol BVCBO BVCEO ICBO hFE VCE(sat) fT Cob VI(off) VI(on) R1 R1/R2 Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Input Off Voltage Input On Voltage Input Resistor Resistor Ratio Test Condition IC=10A, IE=0 IC=100, IB=0 VCB=40V, IE=0 VCE=5V, IC=5mA IC=10mA, IB=0.5mA IC=10mA, IB=0.5mA VCB=10V, IE=0 f=1.0MHz VCE=5V, IC=100A VCE=0.3V, IC=2mA 32 1.9 47 2.1 0.8 4 62 2.4 250 3.7 56 0.3 V MHz pF V V K Min. 50 50 0.1 Typ. Max. Units V V A (c)2002 Fairchild Semiconductor Corporation Rev. A, August 2002 FJNS3208R Typical Characteristics 1000 100 VCE = 5V R1 = 47K R2 = 22K VCE = 0.3V R1 = 47K R2 = 22K VI(on)[V], INPUT VOLTAGE hFE, DC CURRENT GAIN 10 100 1 10 1 10 100 1000 0.1 0.1 1 10 100 IC[mA], COLLECTOR CURRENT IC[mA], COLLECTOR CURRENT Figure 1. DC current Gain Figure 2. Input On Voltage 400 1000 IC [A], COLLECTOR CURRENT PC[mW], POWER DISSIPATION VCE = 5V R1 = 47K R2 = 22K 350 300 250 200 100 150 100 50 10 0.6 0 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0 25 50 o 75 100 125 150 175 VI(off)[V], INPUT OFF VOLTAGE Ta[ C], AMBIENT TEMPERATURE Figure 3. Input Off Voltage Figure 4. Power Derating (c)2002 Fairchild Semiconductor Corporation Rev. A, August 2002 FJNS3208R Package Dimensions TO-92S 4.00 0.20 2.31 0.20 0.66 MAX. (1.10) 0.49 0.10 1.27TYP [1.270.20] 3.72 0.20 1.27TYP [1.270.20] 14.47 0.30 3.70 0.20 0.35 -0.05 +0.10 2.86 0.20 0.77 0.10 Dimensions in Millimeters (c)2002 Fairchild Semiconductor Corporation Rev. A, August 2002 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2002 Fairchild Semiconductor Corporation Rev. I1 |
Price & Availability of FJNS3208R |