Part Number Hot Search : 
IRF995 TLRF1060 PB1002S TBA120U PB1002S 80007 FR10A04 04365
Product Description
Full Text Search
 

To Download FID3Z1LX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PIN Photodiode
FEATURES
* Data rates up to 2.5 Gb/s * High Quantum Efficiency: 0.8A/W at 1,310nm * Low dark current: 0.1nA * Photosensitive area: 50m diameter * Wide spectral response range: 900nm to 1,600nm
FID3Z1KX/LX
KX
APPLICATIONS
* Optical transmission system: STM-1 (OC-3), STM-4 (OC-12) or STM-16 (OC-48) short haul.
LX
DESCRIPTION
The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network, subscriber loop and high bit-rate tranmission system applications up to 2.5 Gb/s at both 1,310nm and 1,550nm wavelength. The PIN chip has a photosensitivity area diameter of 50m with a planar structure and guard ring for high reliability. A multimode fiber is aligned to the hermetically sealed PIN diode. The optical alignment system has the high coupling stability.
Edition 1.1 July 2004
1
FID3Z1KX/LX
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Parameter Storage Temperature Operating Case Temperature Forward Current Reverse Current Reverse Voltage Symbol Tstg Top IF IR VR Ratings -40 to +90 -40 to +85 5 2.0 20
PIN Photodiode
Unit C C mA mA V
OPTICAL & ELECTRICAL CHARACTERISTICS (Ta=25C)
Parameter Responsivity Symbol R Conditions VR=1V, 1300nm VR=1V, 1500nm Variation of Responsivity R VR=1V, -20 to +70C VR=1V,-40 to +85C VR=5V, Ta=25C Dark Current ID VR=5V, Ta=70C VR=5V, Ta=85C Cut-off Frequency Capacitance Optical Return Loss fc Ct ORL RL=50, VR=5V -3dB from 500 kHz f=1MHz, VR=5V Limits Min. 0.75 0.8 2.5 30 Max. 3 4 1 10 20 0.9 Unit A/W A/W % % nA nA nA GHz pF dB
-
Note 1: Optical characteristics are specified on the condition that single mode fiber is used as the optical source for testing.
2
PIN Photodiode
Fig. 1 Spectral Response ( vs. ) 100 Ta = 25C VR = 1V Quantum Efficiency, (%) 80 Responsivity, R(A/W) 0.5 1.0
FID3Z1KX/LX
Fig. 2 Spectral Response (R vs.)
Ta = 25C VR = 1V
60 40 20
0.1
0 600
800
1000
1200
1400
1600
1800
600
800
1000
1200
1400
1600
1800
Wavelength, (nm) Fig. 3 Temperature Dependence of Responsivity 10-8 Normalized Responsivity, R/R (25C) (%) = 1,310nm VR = 1V 4 10-9
Wavelength, (nm) Fig. 4 Dark Current vs. Reverse Voltage
Ta = 85C
Dark Current, ID (A)
2
Ta = 25C 10-10
0
-2
10-11 Ta = -40C 10-12
-4
-6
-40
-20
0
20
40
60
80 10-13 0 10 Reverse Voltage, VR (V) 20
Temperature, Ta (C)
3
FID3Z1KX/LX
Fig. 5 Dark Current vs. Temperature 10-8 10-9 Response (dB) 0 -3 -6 -9 10-12 -12 2 10-13 -40 -20 0 20 40 60 80 10 10-10 10-11 VR=5V
PIN Photodiode
Fig. 6 Frequency Response
Dark Current, ID (A)
Ta = 25C VR=5V RL = 50 = 1,310nm
102 Frequency (MHz)
103
Temperature, Ta (C)
Fig. 7 Capacitance vs. Reverse Voltage 10
Ta=25C
f=1 MHz Capacitance, Ct (pF)
1
0.1 0.2
0.5 1
5 10
50
Reverse Voltage, VR (V)
4
PIN Photodiode
"KX" PACKAGE
FID3Z1KX/LX
2 - R 1.25 2 - C1.5
o2.54
o6.0 MAX.
2
17.0 12.7
17.0
7.4
10 MIN.
1
2.0 3.7 7.4
3-o0.35
4
3
28 MAX.
1
2
ANODE
CATHODE
3 CASE
o0.9 1000 MIN.
"LX" PACKAGE
UNIT: mm
2
2 - R1.25
16.0
12.0 2.54
16.00.3
10 MIN 3 3 - O0.35 1.0 7.3 32 MAX
1 7.4
2.5
O6.0 MAX
1000 MIN
1 ANODE 3 CASE
2 CATHODE
5
O0.9
FID3Z1KX/LX
For further information please contact:
PIN Photodiode
CAUTION
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
Eudyna Devices USA Inc.
2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111
www.us.eudyna.com
* Do not put this product into the mouth. * Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. * Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Eudyna Devices Europe Ltd.
Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte Ltd. Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd. Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921
Eudyna Devices Inc. reserves the right to change products and specifications without notice. The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2004 Eudyna Devices USA Inc. Printed in U.S.A.
Eudyna Devices Inc.
Sales Division 1, Kanai-cho, Sakae-ku Yokohama, 244-0845, Japan TEL: +81-45-853-8156 FAX: +81-45-853-8170
6


▲Up To Search▲   

 
Price & Availability of FID3Z1LX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X