Part Number Hot Search : 
25L4005 0D002X 364704 C100B 08500 NSR2N PC1602C LM337D2T
Product Description
Full Text Search
 

To Download FH26-71S-03SHW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 Series
qSpace saving(51 pos. shown)
1.0mm 3.2mm
16.8mm
Metal fittings do no protrude outside of the connector body
sFeatures
1. Extremely light weight
The typical version, with all 51 contacts loaded, weights only 0.1 grams.
qCan be mounted over conductive traces.
2. Easy solderability on the PC board
The soldering leads are on 0.6 mm pitch, exiting on front and back of the connector.
3. Conductive traces on the PCB can run under the connector
No exposed contacts on the bottom of the connector.
No exposed contacts on the bottom of the connector
4. Easy FPC insertion and reliable electrical connection
Proven Flip LockR actuator allows easy insertion of FPC. Tactile sensation when fully closed confirms complete electrical and mechanical connection.
qOperation
(1) Actuator open (1) Actuator open (2) Insert FPC (2) Insert FPC
5. Accepts standard thickness FPC
0.2mm thick standard Flexible Printed Circuit board can be used. This is the only ultra-low profile ZIF connector allowing the use of standard FPC.
q
6. Board placement with automatic equipment
Flat top surface and packaging on the tape-and-reel allows use of vacuum nozzles. Standard reel contains 5,000 connectors.
FPC
w
sApplications
Mobile phones, PDA's, digital cameras, digital video cameras, LCD connections, plasma displays (PDP), camera modules and other compact devices requiring Flexible Printed Circuit connections using high reliability ultra-small profile connectors.
(3) Close the actuator (3) Close the actuator (4) FPC connected (4) FPC connected
e
r
2004.8
1
sSpecifications
Rating Current rating Voltage rating 0.2A DC 30V AC
Operating temperature range -55 c to +85c (Note 1) Operating humidity range Relative humidity 90% max. (No condensation)
Storage temperature range -10c to +50c (Note 2) Storage humidity range Relative humidity 90% max.
Recommended FPC : Item
Thickness: = 0.20.03mm tin-lead plated (Note 3)
Specification 50 M ohms min. No flashover or insulation breakdown. 100 m ohms max. * Including FPC conductor resistance Contact resistance: 100 m ohms max. No damage, cracks, or parts dislocation. No electrical discontinuity of 1s or more. Contact resistance: 100 m ohms max. No damage, cracks, or parts dislocation. No electrical discontinuity of 1s. min. Contact resistance: 100 m ohms max. No damage, cracks, or parts dislocation. Contact resistance: 100 m ohms max. Insulation resistance: 50 M ohms min. No affect on appearance or performance. Contact resistance: 100 m ohms max. Insulation resistance: 50 M ohms min. No damage, cracks, or parts looseness. No deformation of components affecting performance. 100 V DC 90 V AC /one minute 1 mA 10 cycles Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 10 cycles, 3 directions. Acceleration of 981 m/s2, 6 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis Conditions
1. Insulation resistance 2. Withstanding voltage
3. Contact resistance 4. Durability (Insertion/ withdrawal) 5. Vibration
6. Shock
7. Humidity (Steady state)
96 hours at temperature of 402c and humidity of 90% to 95%. Temperature: -55 c/+15c to +35c/+85c/+15c to +35c Time: 30 / 2 to 3 / 30 / 2 to 3 (Minutes) 5 cycles Reflow: At the recommended temperature profile Manual soldering: 350c +/-10c for 51 seconds
8. Temperature cycle
9. Resistance to soldering heat
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. Note 3: When FPC is gold plated, the connector contacts must be also gold plated: Specify the (05) plating code.
sMaterials
Part Insulator Actuator Contacts Metal fitting Material LCP PA Phosphor bronze Color: Black Color: Dark brown Tin-lead plated (Note 3) Tin plated (Lead free) Finish Remarks UL94V-0 -----------------------------
sOrdering information
FH26 - 51S - 0.3 SHW (05)
1 1 Series name: FH26 2 No. of contacts: 13, 21, 23, 25, 27, 33, 35, 39,
41, 45, 51, 57, 71
2
3
4
5
4 Terminal type: SHW(SMT horizontal mounting) 5 Plating specifications
Blank: Tin-lead plated (05) : Gold flash plated
3 Contact pitch: 0.3mm
2
sConnector Dimensions
A 0.3 0.6 B (1.25) (0.3) 3.2 0.6 Number of contacts indicator (0.12) C (0.12)
0.5 3.2 (D: FPC insertion slot dimension) E
1 0.1 1 0.1
0.3
Notes 1 The coplanarity of each terminal lead within specified dimension is 0.1 mm. 2 Packaged on tape and reel only. Check packaging specification.
1
All dimensions: mm Part Number FH26-13S-0.3SHW FH26-21S-0.3SHW FH26-23S-0.3SHW FH26-25S-0.3SHW FH26-27S-0.3SHW FH26-33S-0.3SHW FH26-35S-0.3SHW FH26-39S-0.3SHW FH26-41S-0.3SHW FH26-45S-0.3SHW FH26-51S-0.3SHW FH26-57S-0.3SHW FH26-71S-0.3SHW CL No. CL580-0209-3 CL580-0207-8 CL580-0203-7 CL580-0208-0 CL580-0204-0 CL580-0210-2 CL580-0205-2 CL580-0201-1 CL580-0206-5 CL580-0211-5 CL580-0200-9 CL580-0212-8 CL580-0202-4 Number of Contacts 13 21 23 25 27 33 35 39 41 45 51 57 71 A 5.4 7.8 8.4 9.0 9.6 11.4 12.0 13.2 13.8 15.0 16.8 18.6 22.8 B 3.0 5.4 6.0 6.6 7.2 9.0 9.6 10.8 11.4 12.6 14.4 16.2 20.4 C 3.6 6.0 6.6 7.2 7.8 9.6 10.2 11.4 12.0 13.2 15.0 16.8 21.0 D 4.23 6.63 7.23 7.83 8.43 10.23 10.83 12.03 12.63 13.83 15.63 17.43 21.63 E 4.9 7.3 7.9 8.5 9.1 10.9 11.5 12.7 13.3 14.5 16.3 18.1 22.3
Embossed tape reel packaging (5,000 pieces/reel). Order by number of reels.
3
BRecommended PCB mounting pattern and metal mask dimensions
(0.55:Metal mask) 0.650.05 B0.05 (0.23:Metal mask) (0.45) (0.2) 0.30.03 0.60.05
(0.7:Metal mask)
2.150.05
(3.6)
0.30.05
Outline of the connector
0.80.05
(0.65:Metal mask)
0.30.05 (0.23:Metal mask) C0.05
0.60.05
(0.3:Metal mask) 0.40.05 0.50.05
BRecommended FPC Dimensions
F0.05 1.10.1 10.1 (0.15) 10.1
M AX
Detail H
(Lead plated 0.1 MAX)
0.30.02 H
0.3+0.04 -0.03
0.30.1
1.10.1
R0 .2
0.60.02
0.20.03
(0.5)
0.10.02 (0.07) 0.60.07 (0.2) (0.2) B0.03
0.3+0.04 -0.03
0.60.07
1 Overlap between covering film layer and stiffener. All dimensions: mm Part Number FH26-13S-0.3SHW FH26-21S-0.3SHW FH26-23S-0.3SHW FH26-25S-0.3SHW FH26-27S-0.3SHW FH26-33S-0.3SHW FH26-35S-0.3SHW FH26-39S-0.3SHW FH26-41S-0.3SHW FH26-45S-0.3SHW FH26-51S-0.3SHW FH26-57S-0.3SHW FH26-71S-0.3SHW CL No. CL580-0209-3 CL580-0207-8 CL580-0203-7 CL580-0208-0 CL580-0204-0 CL580-0210-2 CL580-0205-2 CL580-0201-1 CL580-0206-5 CL580-0211-5 CL580-0200-9 CL580-0212-8 CL580-0202-4 Number of Contacts 13 21 23 25 27 33 35 39 41 45 51 57 71 B 3.0 5.4 6.0 6.6 7.2 9.0 9.6 10.8 11.4 12.6 14.4 16.2 20.4 C 3.6 6.0 6.6 7.2 7.8 9.6 10.2 11.4 12.0 13.2 15.0 16.8 21.0 F 4.2 6.6 7.2 7.8 8.4 10.2 10.8 12.0 12.6 13.8 15.6 17.4 21.6
4
1
0.5min.
3.5 MIN.(Stiffener)
2.250.1
2.10.1
2.50.3
(2.5)
00.03
0.30.07
C0.03
0.30.07
0.20.05
0.950.05
BPackaging Specification
qEmbossed Carrier Tape Dimensions (Tape width of 24mm max.)
(1.6) (0.3)
O1 .5
+ 0 0 .1
40.1
20.15
80.1
(K)
J0.1
1.750.1
Unreeling direction
(3.05) (4.55) (1.25)
Flat surface, for placement with automatic equipment
G0.3
All dimensions: mm Part Number FH26-13S-0.3SHW FH26-21S-0.3SHW FH26-23S-0.3SHW FH26-25S-0.3SHW FH26-27S-0.3SHW FH26-33S-0.3SHW FH26-35S-0.3SHW FH26-39S-0.3SHW FH26-41S-0.3SHW FH26-45S-0.3SHW FH26-51S-0.3SHW 5, 000 pieces per reel. CL No. CL580-0209-3 CL580-0207-8 CL580-0203-7 CL580-0208-0 CL580-0204-0 CL580-0210-2 CL580-0205-2 CL580-0201-1 CL580-0206-5 CL580-0211-5 CL580-0200-9 Number of Contacts 13 21 23 25 27 33 35 39 41 45 51 G 16 16 16 16 16 24 24 24 24 24 24 J 7.5 7.5 7.5 7.5 7.5 11.5 11.5 11.5 11.5 11.5 11.5 K 5.6 8.0 8.6 9.2 9.8 11.6 12.2 13.4 14.0 15.2 17.0 L 16.5 16.5 16.5 16.5 16.5 24.5 24.5 24.5 24.5 24.5 24.5
qEmbossed Carrier Tape Dimensions (Tape width of 32mm min.)
(1.6) (0.3) 1.750.1 (K) J0.1 H0.1 Unreeling direction
1.7
O1 .5
+ 0 0 .1
(3.05) (4.55) (1.25)
1.5 +0.1 0
+0.15 0
Flat surface, for placement with automatic equipment
G0.3
All dimensions: mm Part Number FH26-57S-0.3SHW FH26-71S-0.3SHW CL No. CL580-0212-8 CL580-0202-4 Number of Contacts 57 71 G 32 44 H 28.4 40.4 J 14.2 20.2 K 18.8 23.0 L 32.5 44.5
5
qReel Dimensions
(2) (L)
O1 3 0.5
Unreeling direction
(O380) End section Mounting section Connectors Blank section (10 pockets min.) Embossed carrier tape
Lead section (400mm min.)
Blank section (10 pockets min.)
(O80)
Top cover tape
6
BRecommended Temperature Profile
qUsing Typical Solder Paste
HRS test conditions Solder method :Reflow, IR/hot air (Nihon Den-netsu Co., Ltd.'s Part Number: SENSBY NR-2) Environment: :Room air Solder composition: :Paste, 63%Sn/37%Pb (Senju Metal Industry, Co., Ltd.'s Part Number: OZ63-201C-50-9) Test board :Glass epoxy 25mm50mm0.8mm thick Land dimensions :0.3mm0.65mm,0.3mm0.8mm Metal mask :0.230.550.1mm thick, 0.230.650.1mm thick The temperature profiles are based on the above conditions. In individual applications the actual temperature may vary,depending on solder paste type, volume/thickness and board size/thickness. Consult your solder paste and equipment manufacturer for specific recommendations.
qUsing Lead-free Solder Paste
HRS test conditions Solder method :Reflow, IR/hot air (Nihon Den-netsu Co., Ltd.'s Part Number: SENSBY NR-NR-2) Environment :Room air Solder composition :Paste, 96.5%Sn/3.0%Ag/0.5%Cu (Senju Metal Industry, Co., Ltd.'s Part Number: M705-221CM5-42-10.5) Test board :Glass epoxy 25mm50mm0.8mm thick Land dimensions :0.3mm0.65mm, 0.3mm0.8mm Metal mask :0.230.550.1mm thick, 0.230.650.1mm thick The temperature profiles are based on the above conditions. In individual applications the actual temperature may vary, depending on solder paste type, volume/thickness and board size/thickness. Consult your solder paste and equipment manufacturer for specific recommendations.
7
BRecommended FPC Construction
qContact FPC manufacturer for specific details.
1. Using Single-sided FPC
Material Name Connecting side Covering film layer. Cover adhesive Surface treatment Copper foil Base adhesive Base film Reinforcement material adhesive Stiffener Tin-lead plated Cu 1/2oz Material Polyamide 1 mil thick. Thickness (m) 25 25 5 35 25 25 40 75 205
Thermosetting adhesive Polyamide 1 mil thick
Thermosetting adhesive Polyamide Total 3 mil thick
Back side
2. Using Double-sided FPC
Material Name Connecting side Covering layer film Cover adhesive Surface treatment Through-hole copper Copper foil Base adhesive Base film Base adhesive Copper foil Cover adhesive Covering layer film Tin-lead plated Cu Cu 1/2oz Material Polyamide 1 mil thick Thickness (m) 25 25 5 15 18 18 25 18 18 25 25 25 25 199
Thermosetting adhesive Polyamide 1 mil thick
Thermosetting adhesive Cu 1/2oz
Thermosetting adhesive Polyamide 1 mil thick
Reinforcement material adhesive Thermosetting adhesive Stiffener Back side Polyamide Total 1 mil thick
qTo prevent release of the FPC due to it's bending, use of double sided FPC with copper foil on the back side is NOT RECOMMENDED.
8
BOperation and Precautions
Operation
1.FPC insertion procedure. Connector installed on the board.
1 Lift up the actuator. Use thumb or index finger.
2 Fully insert the FPC in the connector parallel to
mounting surface, with the exposed conductive traces facing down.
FPC conductor surface (Bottom side)
3 Rotate down the actuator until firmly closed. It is
critical that the inserted FPC is not moved and remains fully inserted.
2.FPC removal
1 Lift up the actuator. Carefully withdraw the
FPC.
9
Precautions
Exercise care when handling connectors. Follow recommendations given below.
PC board flexing
SPC board connector mounting area
The connectors are straight within 0.1 mm max. Make sure that the PC board connector mounting area flatness can accept the connector terminals without causing any failure of the solder joints. SHandling before mounting on PCB Insertion of the FPC or operation of the actuator prior to mounting on the PCB is NOT RECOMMENDED. SPC Board handling Exercise caution when handling boards with the connectors installed. Do not apply any forces affecting soldered joints.
Connector PCB
Precautions When Inserting or Coupling FPC
Pay attention to the following points when inserting FPC.
SActuator operation 1 Do not apply excessive force when opening the actuator prior to FPC insertion. When opening make sure
that the force is applied only to the actuator itself, avoiding touching of the contacts.
Actuator
Damage to the contacts
Damage
Axis of rotation
2 Axis of rotation
Assure free rotation of the actuator
10
Precautions
3 The actuator will rotate 135 degrees
135
maximum. Do not apply force to rotate further.
4 When operating the actuator, do so at the
center portion.
5 As illustrated, do not attempt removal or re-
positioning of the actuator.
S FPC Insertionq
The FPC should be aligned parallel with the board surface and perpendicular with the connector (as shown), then completely inserted.
Perpendicular with the connector
To assure correct electrical and mechanical connection do not insert FPC at angle. It must be fully inserted. Make sure that the FPC is NOT MOVED during the closing of the actuator.
11
Precautions
SFPC Insertionw
Do not insert the FPC at any angle from above. As illustrated, angle insertion may cause electrical discontinuity when the FPC is deflected in use.
*To avert insertion of the FPC on an angle, consideration should be given to securing FPC insertion space at the time of board layout. Insertion will be difficult when the FPC is too short. *Contact the FPC manufacturer for information about the bending specifications.
SVerification of the fully closed actuator.
The actuator should be fully closed (as illustrated) and the FPC held firmly in the connector. Do not press against the actuator when is fully closed. Max force applied to the fully closed actuator should not exceed 1 N.
Routing the FPC (FPC fully inserted/ actuator closed)
SFPC Load
Do not apply force in excess of 0.05N/pin max. in the upward direction (as illustrated). Do not bend the FPC too close to the actuator.
Load: 0.05N/pin max.
12
Precautions
Removing the FPC
Rotate the actuator to the open position (maximum open angle of 135). Carefully withdraw the FPC.
135
Other Precautions
SHand Soldering Precautions
When hand soldering: 1 Do not perform reflow or hand soldering with the FPC inserted in the connector. 2 Do not apply excessive heat or touch the soldering iron anywhere other than the connector leads. 3 Do not use excessive amount of solder or flux compounds. Operation of the actuator and contacts may be affected by excessive amounts of solder or flux compounds.
13
NOTES :
14
NOTES :
15
NOTES :
USA: HIROSE ELECTRIC U.S.A., INC. 2688 Westhills Court, Simi Valley, CA 93065-6235 Phone : 1 805 522 7958 Fax : 1 805 522 3217 http://www.hiroseusa.com
GERMANY: HIROSE ELECTRIC GmbH Zeppelinstrasse 42 D-73760 Ostfildern Kemnat Phone : 49 711 4560021 Fax : 49 711 4560729 http://www.hirose.de
THE NETHERLANDS: HIROSE ELECTRIC EUROPE B.V. Beechavenue 46.1119PV Schiphol-Rijk Phone : 31 20 6557460 Fax : 31 20 6557469 http://www.hiroseeurope.com CHINA: HIROSE ELECTRIC TRADING(SHANGHAI) CO., LTD. 3705,Bund Center,222 Yan An Road(E),Shanghai 20002 Phone : 86 21 6335 2538 Fax : 86 21 6335 0767
UNITED KINGDOM: KOREA: HIROSE ELECTRIC UK LTD. HIROSE KOREA CO., LTD. Crownhill Business Centre 22 Vincent Avenue (#2NA311,Shihwa Industrial Complex), Crownhill, Milton Keynes MK8 OAB 1261-10, Jeoungwhang-Dong, Shihung-City, Kyunggi-Do Phone : 44 1908 305400 Phone : 82 31 496 7000,7124 Fax : 44 1908 305401 Fax : 82 31 496 7100 http://www.hirose.co.uk http://www.hirose.co.kr HONG KONG: HIROSE ELECTRIC CO., LTD. Unit 506, Energy Plaza. 92 Granville Road, Tsim Sha Tsui East, Kowloon Phone : 852 2803 5338 Fax : 852 2591 6560 TAIWAN: HIROSE ELECTRIC TAIWAN CO., LTD. No.28 Lane 247 Sec. 2 Yen Ping N,Rd.Taipei Phone : 886 2 2557 7351,7352 Fax : 886 2 2552 9851
SINGAPORE: HIROSE ELECTRIC CO., LTD. 10 Anson Road #34-13 International Plaza 079903 Phone : 65 6324 6113 Fax : 65 6324 6123
(R)
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933 http://www.hirose.com http://www.hirose-connectors.com
16
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.


▲Up To Search▲   

 
Price & Availability of FH26-71S-03SHW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X