Part Number Hot Search : 
7972SSM SCS521G AN6650 MSL245 ES52F5 IRLZ44 NHSG046T 5KE110CA
Product Description
Full Text Search
 

To Download FGH50N6S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FGH50N6S2
August 2003
FGH50N6S2
600V, SMPS II Series N-Channel IGBT
General Description
The FGH50N6S2 is a Low Gate Charge, Low Plateau Voltage SMPS II IGBT combining the fast switching speed of the SMPS IGBTs along with lower gate charge, plateau voltage and avalanche capability (UIS). These LGC devices shorten delay times, and reduce the power requirement of the gate drive. These devices are ideally suited for high voltage switched mode power supply applications where low conduction loss, fast switching times and UIS capability are essential. SMPS II LGC devices have been specially designed for: * * * * * * Power Factor Correction (PFC) circuits Full bridge topologies Half bridge topologies Push-Pull circuits Uninterruptible power supplies Zero voltage and zero current switching circuits
Features
* 100kHz Operation at 390V, 40A * 200kHZ Operation at 390V, 25A * 600V Switching SOA Capability * Typical Fall Time. . . . . . . . . . . 90ns at TJ = 125oC * Low Gate Charge . . . . . . . . . 70nC at VGE = 15V * Low Plateau Voltage . . . . . . . . . . . . .6.5V Typical * UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 480mJ * Low Conduction Loss
IGBT formerly Developmental Type TA49342
Package
TO-247
Symbol
E C G
C
G
COLLECTOR (Back-Metal)
E
Device Maximum Ratings TC= 25C unless otherwise noted
Symbol BVCES IC25 IC110 ICM VGES VGEM SSOA EAS PD TJ TSTG Parameter Collector to Emitter Breakdown Voltage Collector Current Continuous, TC = 25C Collector Current Continuous, TC = 110C Collector Current Pulsed (Note 1) Gate to Emitter Voltage Continuous Gate to Emitter Voltage Pulsed Switching Safe Operating Area at TJ = 150C, Figure 2 Pulsed Avalanche Energy, ICE = 30A, L = 1mH, VDD = 50V Power Dissipation Total TC = 25C Power Dissipation Derating TC > 25C Operating Junction Temperature Range Storage Junction Temperature Range Ratings 600 75 60 240 20 30 150A at 600V 480 463 3.7 -55 to 150 -55 to 150 mJ W W/C C C Units V A A A V V
CAUTION: Stresses above those listed in "Device Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. Pulse width limited by maximum junction temperature.
(c)2003 Fairchild Semiconductor Corporation FGH50N6S2 RevA3
FGH50N6S2
Package Marking and Ordering Information
Device Marking 50N6S2 Device FGH50N6S2 Package TO-247 Reel Size Tube Tape Width N/A Quantity 30
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off State Characteristics
BVCES BVECS ICES IGES Collector to Emitter Breakdown Voltage IC = 250A, VGE = 0 Emitter to Collector Breakdown Voltage IC = -10mA, VGE = 0 Collector to Emitter Leakage Current VCE = 600V TJ = 25C TJ = 125C Gate to Emitter Leakage Current VGE = 20V 600 20 250 2.8 250 V V A mA nA
On State Characteristics
VCE(SAT) Collector to Emitter Saturation Voltage VEC Diode Forward Voltage IC = 30A, VGE = 15V IEC = 30A TJ = 25C TJ = 125C 1.9 1.7 2.2 2.7 2.2 2.6 V V V
Dynamic Characteristics
QG(ON) VGE(TH) VGEP Gate Charge Gate to Emitter Threshold Voltage Gate to Emitter Plateau Voltage IC = 30A, VCE = 300V VGE = 15V VGE = 20V 3.5 70 90 4.3 6.5 85 110 5.0 8.0 nC nC V V
IC = 250A, VCE = VGE IC = 30A, VCE = 300V
Switching Characteristics
SSOA td(ON)I trI td(OFF)I tfI EON1 EON2 EOFF td(ON)I trI td(OFF)I tfI EON1 EON2 EOFF Switching SOA Current Turn-On Delay Time Current Rise Time Current Turn-Off Delay Time Current Fall Time Turn-On Energy (Note 2) Turn-On Energy (Note 2) Turn-Off Energy (Note 3) Current Turn-On Delay Time Current Rise Time Current Turn-Off Delay Time Current Fall Time Turn-On Energy (Note 2) Turn-On Energy (Note 2) Turn-Off Energy (Note 3) IGBT and Diode at TJ = 125C ICE = 30A, VCE = 390V, VGE = 15V, RG = 3 L = 200H Test Circuit - Figure 26 TJ = 150C, VGE = 15V, RG = 3 L = 100H, VCE = 600V IGBT and Diode at TJ = 25C, ICE = 30A, VCE = 390V, VGE = 15V, RG = 3 L = 200H Test Circuit - Figure 26 150 13 15 55 50 260 330 250 13 15 92 88 260 490 575 350 150 100 600 850 A ns ns ns ns J J J ns ns ns ns J J J
Thermal Characteristics
RJC
NOTE: 2. Values
Thermal Resistance Junction-Case
IGBT
-
-
0.27
C/W
for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2 is the turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in figure 26.
3. Turn-Off
Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
(c)2003 Fairchild Semiconductor Corporation
FGH50N6S2 RevA3
FGH50N6S2
Typical Performance Curves
140
TJ = 25C unless otherwise noted
200 ICE, COLLECTOR TO EMITTER CURRENT (A) TJ = 150oC, RG = 3 VGE = 15V, L = 100H ,
ICE , DC COLLECTOR CURRENT (A)
120 100 80 60 40 20 0 25 50 75 100 125 150 TC , CASE TEMPERATURE (oC) PACKAGE LIMITED
150
100
50
0 0 100 200 300 400 500 600 700 VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Figure 1. DC Collector Current vs Case Temperature
700 TC = 75oC fMAX, OPERATING FREQUENCY (kHz) 300
Figure 2. Minimum Switching Safe Operating Area
14 tSC , SHORT CIRCUIT WITHSTAND TIME (s) VCE = 390V, RG = 3 TJ = 125oC , 12 10 8 6 4 tSC 2 0 1 10 30 60 9 10 11 12 13 14 15 16 ICE, COLLECTOR TO EMITTER CURRENT (A) VGE , GATE TO EMITTER VOLTAGE (V)
900 800 700 600 500 400 300 200 ISC, PEAK SHORT CIRCUIT CURRENT (A) 2.25
VGE = 15V
100
fMAX1 = 0.05 / (td(OFF)I + td(ON)I) fMAX2 = (PD - PC) / (EON2 + EOFF) PC = CONDUCTION DISSIPATION (DUTY FACTOR = 50%) ROJC = 0.27oC/W, SEE NOTES VGE = 10V
ISC
TJ = 125oC, RG = 3, L = 200H, V CE = 390V 10
Figure 3. Operating Frequency vs Collector to Emitter Current
60 ICE, COLLECTOR TO EMITTER CURRENT (A) DUTY CYCLE < 0.5%, VGE = 15V PULSE DURATION = 250s 50 ICE, COLLECTOR TO EMITTER CURRENT (A)
Figure 4. Short Circuit Withstand Time
60 DUTY CYCLE < 0.5%, VGE =10V PULSE DURATION = 250s 50
40
40
30 TJ = 25oC 20 TJ = 150oC 10 TJ = 125oC 0 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 VCE, COLLECTOR TO EMITTER VOLTAGE (V)
30 TJ = 25oC 20 TJ = 150oC 10 TJ = 125oC 0 0.50 0.75 1.00 1.25 1.50 1.75 2.0 VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Figure 5. Collector to Emitter On-State Voltage
Figure 6. Collector to Emitter On-State Voltage
(c)2003 Fairchild Semiconductor Corporation
FGH50N6S2 RevA3
FGH50N6S2
Typical Performance Curves
2500 2250 EON2 , TURN-ON ENERGY LOSS (J) 2000 1750 1500 1250 1000 750 500 250 0 0 10 20 TJ = 25oC, TJ = 40 TJ = 25oC, TJ = 125oC, VGE = 10V RG = 3 L = 200H, VCE = 390V ,
TJ = 25C unless otherwise noted
1400 RG = 3 L = 200H, VCE = 390V , EOFF, TURN-OFF ENERGY LOSS (J) 1200 1000 TJ = 125oC, VGE = 10V, VGE = 15V 800 600 400 200 TJ = 25oC, VGE = 10V, VGE = 15V 0 60 0 10 20 30 40 50 60 ICE , COLLECTOR TO EMITTER CURRENT (A)
125oC,
VGE = 15V 50
30
ICE , COLLECTOR TO EMITTER CURRENT (A)
Figure 7. Turn-On Energy Loss vs Collector to Emitter Current
25 RG = 3 L = 200H, VCE = 390V , td(ON)I, TURN-ON DELAY TIME (ns)
Figure 8. Turn-Off Energy Loss vs Collector to Emitter Current
70 RG = 3 L = 200H, VCE = 390V , 60
20 trI , RISE TIME (ns) TJ = 25oC, TJ = 125oC, VGE = 10V 15 TJ = 10 25oC, TJ = 125oC, VGE = 15V 50 40 TJ = 25oC, TJ = 125oC, VGE = 10V 30 20 10 TJ = 25oC, TJ = 125oC, VGE =15V 0 0 10 20 30 40 50 60 ICE , COLLECTOR TO EMITTER CURRENT (A) 0 0 10 20 30 40 50 60 ICE , COLLECTOR TO EMITTER CURRENT (A)
5
Figure 9. Turn-On Delay Time vs Collector to Emitter Current
100 RG = 3 L = 200H, VCE = 390V , td(OFF)I , TURN-OFF DELAY TIME (ns) 90
Figure 10. Turn-On Rise Time vs Collector to Emitter Current
125 RG = 3 L = 200H, VCE = 390V ,
100 80 VGE = 10V, VGE = 15V, TJ = 125oC 70 tfI , FALL TIME (ns)
75
TJ = 125oC, VGE = 10V, VGE = 15V
60
50 50 VGE = 10V, VGE = 15V, TJ = 25oC 40 0 10 20 30 40 50 60 ICE , COLLECTOR TO EMITTER CURRENT (A) 25 0 10 20 30 40 50 60 ICE , COLLECTOR TO EMITTER CURRENT (A) TJ = 25oC, VGE = 10V, VGE = 15V
Figure 11. Turn-Off Delay Time vs Collector to Emitter Current
Figure 12. Fall Time vs Collector to Emitter Current
(c)2003 Fairchild Semiconductor Corporation
FGH50N6S2 RevA3
FGH50N6S2
Typical Performance Curves
250 ICE, COLLECTOR TO EMITTER CURRENT (A) 225 200 175 150 125 100 75 TJ = 25 C 50 25 0 4 5 6 7 8
o
TJ = 25C unless otherwise noted
16
DUTY CYCLE < 0.5%, VCE = 10V PULSE DURATION = 250s VGE, GATE TO EMITTER VOLTAGE (V)
IG(REF) = 1mA, RL = 10 14 12 VCE = 600V 10 VCE = 400V 8 6 4 VCE = 200V 2 0 9 10 0 10 20 30 40 50 60 70 80
TJ = 125oC TJ = -55 C
o
VGE, GATE TO EMITTER VOLTAGE (V)
QG , GATE CHARGE (nC)
Figure 13. Transfer Characteristic
ETOTAL, TOTAL SWITCHING ENERGY LOSS (mJ) RG = 3, L = 200H, VCE = 390V, VGE = 15V 2.5 ETOTAL = EON2 + EOFF ICE = 60A 2.0 ETOTAL, TOTAL SWITCHING ENERGY LOSS (mJ) 3.0 100
Figure 14. Gate Charge
TJ = 125oC, L = 200H, VCE = 390V, VGE = 15V ETOTAL = EON2 + EOFF
10 ICE = 60A ICE = 30A 1 ICE = 15A
1.5 ICE = 30A 1.0 ICE = 15A 0.5
0 25 50 75 100 125 150 TC , CASE TEMPERATURE (oC)
0.1 1.0
10
100
1000
RG, GATE RESISTANCE ()
Figure 15. Total Switching Loss vs Case Temperature
4.0 FREQUENCY = 1MHz 3.5 3.0 C, CAPACITANCE (nF) 1 2.5 2.0 1.5 1.0 0.5 0.0 0 10 20 30 40 50 60 70 80 90 100 VCE, COLLECTOR TO EMITTER VOLTAGE (V) CIES VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Figure 16. Total Switching Loss vs Gate Resistance
2.5 2.4 2.3 2.2 2.1 2.0 1.9 ICE = 15A 1.8 1.7 6 7 8 9 10 11 12 13 14 15 16 VGE, GATE TO EMITTER VOLTAGE (V) ICE = 30A ICE = 45A DUTY CYCLE < 0.5% PULSE DURATION = 250s
COES CRES
Figure 17. Capacitance vs Collector to Emitter Voltage
Figure 18. Collector to Emitter On-State Voltage vs Gate to Emitter Voltage
(c)2003 Fairchild Semiconductor Corporation
FGH50N6S2 RevA3
FGH50N6S2
Typical Performance Curves
ZJC , NORMALIZED THERMAL RESPONSE
TJ = 25C unless otherwise noted
100 0.50 0.20 0.10 10-1 0.05 0.02 0.01 SINGLE PULSE 10-2 -5 10 10-4 10-3 10-2 10-1 100 101 PD t2 DUTY FACTOR, D = t1 / t2 PEAK TJ = (PD X ZJC X RJC) + TC
t1
t1 , RECTANGULAR PULSE DURATION (s)
Figure 19. IGBT Normalized Transient Thermal Impedance, Junction to Case
Test Circuit and Waveforms
FGH50N6S2D DIODE TA49392 90% VGE L = 200H VCE RG = 3 + FGH50N6S2 90% ICE VDD = 390V 10% td(OFF)I tfI trI td(ON)I EOFF 10% EON2
-
Figure 20. Inductive Switching Test Circuit
Figure 21. Switching Test Waveforms
(c)2003 Fairchild Semiconductor Corporation
FGH50N6S2 RevA3
FGH50N6S2
Handling Precautions for IGBTs
Insulated Gate Bipolar Transistors are susceptible to gate-insulation damage by the electrostatic discharge of energy through the devices. When handling these devices, care should be exercised to assure that the static charge built in the handler's body capacitance is not discharged through the device. With proper handling and application procedures, however, IGBTs are currently being extensively used in production by numerous equipment manufacturers in military, industrial and consumer applications, with virtually no damage problems due to electrostatic discharge. IGBTs can be handled safely if the following basic precautions are taken: 1. Prior to assembly into a circuit, all leads should be kept shorted together either by the use of metal shorting springs or by the insertion into conductive material such as "ECCOSORBDTM LD26" or equivalent. 2. When devices are removed by hand from their carriers, the hand being used should be grounded by any suitable means - for example, with a metallic wristband. 3. Tips of soldering irons should be grounded. 4. Devices should never be inserted into or removed from circuits with power on. 5. Gate Voltage Rating - Never exceed the gatevoltage rating of VGEM. Exceeding the rated VGE can result in permanent damage to the oxide layer in the gate region. 6. Gate Termination - The gates of these devices are essentially capacitors. Circuits that leave the gate open-circuited or floating should be avoided. These conditions can result in turn-on of the device due to voltage buildup on the input capacitor due to leakage currents or pickup. 7. Gate Protection - These devices do not have an internal monolithic Zener diode from gate to emitter. If gate protection is required an external Zener is recommended.
Operating Frequency Information
Operating frequency information for a typical device (Figure 3) is presented as a guide for estimating device performance for a specific application. Other typical frequency vs collector current (ICE) plots are possible using the information shown for a typical unit in Figures 5, 6, 7, 8, 9 and 11. The operating frequency plot (Figure 3) of a typical device shows fMAX1 or fMAX2; whichever is smaller at each point. The information is based on measurements of a typical device and is bounded by the maximum rated junction temperature. fMAX1 is defined by fMAX1 = 0.05/(td(OFF)I+ td(ON)I). Deadtime (the denominator) has been arbitrarily held to 10% of the on-state time for a 50% duty factor. Other definitions are possible. td(OFF)I and td(ON)I are defined in Figure 27. Device turn-off delay can establish an additional frequency limiting condition for an application other than TJM . td(OFF)I is important when controlling output ripple under a lightly loaded condition. fMAX2 is defined by fMAX2 = (PD - PC)/(EOFF + EON2). The allowable dissipation (PD) is defined by PD = (TJM - TC)/RJC. The sum of device switching and conduction losses must not exceed PD. A 50% duty factor was used (Figure 3) and the conduction losses (PC) are approximated by P C = (VCE x ICE)/2. EON2 and EOFF are defined in the switching waveforms shown in Figure 27. EON2 is the integral of the instantaneous power loss (ICE x VCE) during turnon and EOFF is the integral of the instantaneous power loss (ICE x VCE) during turn-off. All tail losses are included in the calculation for EOFF; i.e., the collector current equals zero (ICE = 0)
ECCOSORBD is a Trademark of Emerson and Cumming, Inc.
(c)2003 Fairchild Semiconductor Corporation
FGH50N6S2 RevA3
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACT Quiet SeriesTM ActiveArrayTM FAST BottomlessTM FASTrTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM TM EnSigna ImpliedDisconnectTM FACTTM ISOPLANARTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM
DISCLAIMER
LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC OPTOPLANARTM PACMANTM POPTM
Power247TM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM SuperSOTTM-3
SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I5


▲Up To Search▲   

 
Price & Availability of FGH50N6S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X