Part Number Hot Search : 
APD322 RE46C101 LTE4208 MJ13009 SMCJ11 SMCJ11 SMCJ11 6TRPB
Product Description
Full Text Search
 

To Download FFPF10F150S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FFPF10F150S
FFPF10F150S
Features
* High voltage and high reliability * High speed switching * Low forward voltage
Applications
* Suitable for damper diode in horizontal deflection circuits
1 2
TO-220F
1. Cathode
2. Anode
DAMPER DIODE
Absolute Maximum Ratings
Symbol VRRM IF(AV) IFSM TJ, TSTG TC=25C unless otherwise noted Value 1500 @ TC = 125C 10 100 - 65 to +150 Units V A A C Parameter Peak Repetitive Reverse Voltage Average Rectified Forward Current Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave Operating Junction and Storage Temperature
Thermal Characteristics
Symbol RJC Parameter Maximum Thermal Resistance, Junction to Case TC=25 C unless otherwise noted Min. TC = 25 C TC = 125 C TC = 25 C TC = 125 C Typ. Max. 1.6 1.4 A 10 80 170 250 14 ns ns V Units V Value 3.0 Units C/W
Electrical Characteristics
Symbol V FM *
Parameter Maximum Instantaneous Forward Voltage I F = 10A I F = 10A Maximum Instantaneous Reverse Current @ rated VR Maximum Reverse Recovery Time (IF =1A, di/dt = 50A/s) Maximum Forward Recovery Time (IF =6.5A, di/dt = 50A/s) Voltage
IRM *
trr tfr
Maximum Forward Recovery VFRM * Pulse Test: Pulse Width=300s, Duty Cycle=2%
(c)2000 Fairchild Semiconductor International
Rev. F, September 2000
FFPF10F150S
Typical Characteristics
100 100
Forward Current , I F [A]
[A]
10
Reverse Current , I
10
TJ = 125 C
1
o
o
TJ = 125 C
1
o
o
R
0.1
TJ = 100 C
o
TJ = 25 C
0.01
TJ = 25 C
0.1 0.0
0.001 0.4 0.8 1.2 1.6 2.0 0 300 600 900 1200 1500
Forward Voltage , VF [V]
Reverse Voltage , VR [V]
Figure 1. Typical Forward Voltage Drop vs. Forward Current
200 180 160 400
Figure 2. Typical Reverse Current vs. Reverse Voltage
[ns]
300
rr
Typical Capacitance at 0V = 150 pF
Capacitance , Cj [pF]
140 120 100 80 60 40 20 0 0.1 1 10 100
Reverse Recovery Time , t
di/dt = 50A/s
200
di/dt = 100A/s
100
0 1 2 3 4 5 6 7 8 9 10
Reverse Voltage , VR [V]
Forward Current , IF [A]
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time vs. Forward Current
15
[nC]
rr
Stored Recovery Charge , Q
1500
Average Forward Current , I
di/dt = 100A/s
F(AV)
[A]
2000
10
C D
1000
di/dt = 50A/s
5
500
0 1 2 3 4 5 6 7 8 9 10
0 80
100
120
o
140
160
Forward Current , IF [A]
Case Temperature , TC [ C]
Figure 5. Typical Stored Charge vs. Forward Current
(c)2000 Fairchild Semiconductor International
Figure 6. Forward Current Derating Curve
Rev. F, September 2000
FFPF10F150S
Package Dimensions
TO-220F 2L
10.16 0.20 o3.18 0.10 2.54 0.20 (0.70)
3.30 0.10
6.68 0.20
15.80 0.20
(1.00x45)
(6.50)
(1.80)
9.75 0.30
12.00 0.20
MAX1.47 0.80 0.10
2.76 0.20
0.35 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
+0.10
0.50 -0.05
9.40 0.20
4.70 0.20
15.87 0.20
Dimensions in Millimeters
Rev. F, September 2000
(c)2000 Fairchild Semiconductor International
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R)
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM POPTM PowerTrench(R)
QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM
VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. F1


▲Up To Search▲   

 
Price & Availability of FFPF10F150S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X