Part Number Hot Search : 
741G07 NTE5072 93LC56 MPSA44 74AC24 F20Z0S SM260BM ID1212SA
Product Description
Full Text Search
 

To Download FFP20UP20DN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FFP20UP20DN Ultrafast Recovery Power Rectifier
FFP20UP20DN
Ultrafast Recovery Power Rectifier
Features
* Ultrafast with Soft Recovery : < 45ns * High Reverse Voltage : VRRM = 200V * Avalanche Energy Rated * Planar Construction
Applications
* Output Rectifiers * Switching Mode Power Supply * Free-wheeling diode for motor application * Power switching circuits
1
TO-220
1
2
3
1. Anode 2. Cathode 3. Anode
1.Anode 2.Cathode 3.Anode
Absolute Maximum Ratings
Symbol VRRM VRWM VR IF(AV) IFSM TJ, TSTG
(per diode) Ta = 25C unless otherwise noted
Parameter Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave Operating Junction and Storage Temperature
= 25C unless otherwise noted
Value 200 200 200 @ TC = 120C 10 100 - 65 to +150
Units V V V A A C
Thermal Characteristics T
Symbol RJC
a
Parameter Maximum Thermal Resistance, Junction to Case
Max 3.0
Units C/W
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFP20UP20DN Rev. A
FFP20UP20DN Ultrafast Recovery Power Rectifier
Electrical Characteristics
Symbol VFM IRM trr ta tb Qrr WAVL
*
(per diode) Ta = 25C unless otherwise noted
Parameter IF = 10A IF = 10A VR = 200V VR = 200V IF =1A, di/dt = 100A/s, VCC = 30V IF =10A, di/dt = 200A/s, VCC = 130V IF =10A, di/dt = 200A/s, VCC = 130V TC = 25 C TC = 150 C TC = 25 C TC = 150 C TC = 25 C TC = 25 C TC = 25 C TC = 25 C TC = 25 C
Min. 10
Typ. 15 12 36 -
Max. 1.15 1.0 100 500 35 45 -
Units V V A A ns ns ns ns nC mJ
*
Avalanche Energy (L = 20mH)
* Pulse Test: Pulse Width=300s, Duty Cycle=2%
FFP20UP20DN Rev. A
2
www.fairchildsemi.com
FFP20UP20DN Ultrafast Recovery Power Rectifier
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
50 100
Figure 2. Typical Reverse Current
Forward Current , IF [A]
10
TC = 100 C
Reverse Current , I R [A]
o
10
TC = 100 C
1
o
1
TC = 25 C
o
0.1
0.01
TC = 25 C
o
0.1 0.0
0.5
1.0
1.5
2.0
0.001
0
50
100
150
200
Forward Voltage , VF [V]
Reverse Voltage , VR [V]
Figure 3. Typical Junction Capacitance
400
Figure 4. Typical Reverse Recovery Time
60
f = 1 MHz
Reverse Recovery Time , trr [ns]
IF=10A
50
Capacitance , Cj [pF]
100
TC=125 C
40
o
30
TC=25 C
20 100 200 300 400 500
o
10 0.1
1
10
100
Reverse Voltage , VR [V]
di/dt [A/s]
Figure 5. Typical Reverse Recovery Current
12
Figure 6. Forward Current Deration Curve
Average Rectified Forward Current, IF(AV) [A]
14 12 10
Reverse Recovery Current , Irr [A]
IF = 10A
10
8
DC
8 6 4 2 0 100
6
TC=125 C
o
4
TC=25 C
2
o
0 100
200
300
400
500
110
120
130
o
140
150
di/dt [A/s]
Case Temperature, TC [ C]
FFP20UP20DN Rev. A
3
www.fairchildsemi.com
Package Demensions
FFP20UP20DN Ultrafast Recovery Power Rectifier
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c) Ultrafast Recovery Power Rectifier
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST(R) ActiveArrayTM FASTrTM BottomlessTM FPSTM Build it NowTM FRFETTM CoolFETTM GlobalOptoisolatorTM CROSSVOLTTM GTOTM DOMETM HiSeCTM EcoSPARKTM I2CTM E2CMOSTM i-LoTM EnSignaTM ImpliedDisconnectTM FACTTM IntelliMAXTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I16


▲Up To Search▲   

 
Price & Availability of FFP20UP20DN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X