Part Number Hot Search : 
CX92125 HZ12A1 SF1220G 26KE15 S7142 SOT89 3843A 200CA
Product Description
Full Text Search
 

To Download FFM107-MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS FFM101-MH THRU FFM107-MH
Chip Silicon Rectifier Fast recovery type
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
SOD-123H
0.146(3.7) 0.130(3.3)
0.012(0.3) Typ.
0.071(1.8) 0.055(1.4)
0.035(0.9) 0.028(0.7)
Mechanical data
Case : Molded plastic, JEDEC SOD-123H Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0393 gram
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current CONDITIONS Ambient temperature = 55 C 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C
o
Symbol IO IFSM
MIN.
TYP.
MAX. 1.0 25 5.0 100
UNIT A A uA uA
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 100o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR Rq JA CJ TSTG -55 42 15
C/w pF
+150
o
C
SYMBOLS
MARKING CODE F1 F2 F3 F4 F5 F6 F7
V RRM
*1
V RMS
*2
VR
*3
VF
*4
T RR
*5
Operating temperature (o C)
(V) FFM101-MH FFM102-MH FFM103-MH FFM104-MH FFM105-MH FFM106-MH FFM107-MH 50 100 200 400 600 800 1000
(V) 35 70 140 280 420 560 700
(V) 50 100 200 400 600 800 1000
(V)
(nS)
150
*1 Repetitive peak reverse voltage
1.3 250 500 -55 to +150
*2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage *5 Reverse recovery time
RATING AND CHARACTERISTIC CURVES (FFM101-MH THRU FFM107-MH)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
0.1
.01
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLT AGE,(V)
40
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of FFM107-MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X