Part Number Hot Search : 
K176TM2 2SK3554 74LVC126 VICES EL7556BC KF284 D7528AC 0EP16
Product Description
Full Text Search
 

To Download FFD1680220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transmitter for Numerical Counter Signals Type FFD 1680
* * * * * * * *
Du line
(R)
Fieldbus
Installationbus
Transmitter with counter input 4-digit totalizing up-counter Overflow indication Reset input D-housing Plug-in type module LED-indication for supply AC or DC power supply
Product Description
Dupline (R) transmitters with pulse input and 4-digit totalizing up-counter. Reset and disable inputs. Detection, upcounting and transmission of low-frequency events for readout, control, logging etc.
Ordering Key
Type: Dupline(R) Input signal Supply
FFD 1680 024
Type Selection
Supply Ordering no. 4-digit counter FFD 1680 024 FFD 1680 120 FFD 1680 220
24 VAC 120 VAC 220 VAC 10 to 30 VDC* Code module * All AC types may be supplied with 10 to 30 VDC at pins 3 & 9
FMK A-B to O-P
Input Specifications
Count input Open loop voltage Short-circuit current Counting range Counting direction Input frequency Contact resistance Dielectric voltage Input - Dupline(R) Reset input Open loop voltage Short-circuit current Operating time for signal "1" Operating time for signal "0" Contract resistance Cable length Dielectric voltage Input - Dupline(R) 1 contact or NPN transistor 8 VDC 2 mA 0 to 9999 Up 25 Hz 100 None 1 contact or NPN transistor 8 VDC 2 mA 1 pulse train + 20 ms 1 pulse train + 20 ms 100 3m None Transmission disable input Open loop voltage Short-circuit current Operating time for signal "1" Operating time for signal "0" Contact resistance Cable length Dielectric voltage Input - Dupline(R) 1 contact or NPN transistor 8 VDC 2 mA 1 pulse train + 10 ms 1 pulse train + 10 ms 100 3m None
Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group
1
FFD 1680
Du line
(R)
Fieldbus
Installationbus
Supply Specifications
Power supply AC types Rated operational voltage through pins A1 & A2 220 120 024 Frequency Voltage interruption Rated operational power Rated operational withstand voltage 220 120 024 Dielectric voltage Supply - Dupline(R) Supply - Count input Supply - Reset/Disable input Alternative DC supply Supply voltage (VDD in) through pins 3 & 9 Ripple Reverse polarity protection Rated operational current Inrush current Rated operational withstand voltage Dielectric voltage Supply - Dupline(R) Supply - Count input Supply - Reset/Disable input Overvoltage cat. III (IEC 60664) 230 VAC +6%, -15% (IEC 60038) 120 VAC 10% (IEC 60038) 24 VAC 10% 45 to 65 Hz 40 ms Typ. 2.5 VA 4 kV 2.5 kV 800 V 2 kVAC (rms) 2 kVAC (rms) 2 kVAC (rms) Overvoltage cat. III (IEC 60664) 10 to 30 VDC (ripple included) 3V Yes 20 mA 1A 800 V None None None
General Specifications
Power ON delay Indication for Supply ON Environment Degree of protection Pollution degree Operating temperature Storage temperature Humidity (non-condensing) Mechanical resistance Shock Vibration Dimensions Material (see "Technical Information") Weight Approvals Undefined, 1 s LED, green IP 20 B 3 (IEC 60664) -20 to +50C (-4 to +122F) -50 to +85C (-58 to +185F) 20 to 80% 15 G (11 ms) 2 G (6 to 55 Hz)
D-Housing 200 g CSA
Mode of Operation
Transmitters with 4-digit pulse counting function. The module features reset and transmission disable inputs. The accumulated counting value is transmitted in BCD representation on the Dupline. This implies that every digit uses 4 channels. The-digitto-channel allocation is as follows (example with FFD 1680 and FMK C-D plugged in): 100 on highest 4 selected channels (e.g. D5-8). 101 on lower 4 channels of higher group (e.g. D1-4). 102 on higher 4 channels of lower group (e.g. C5-8). 103 on lowest 4 selected channels (e.g. C1-4). For every digit the most significant bit of the BCD equivalent influences the lowest of the 4 allocated channels. Activation of the reset function (pin 3 connected to pin 1) always resets the internal counter to 0, irrespective of the disable and counting inputs. When the transmission disable function is activated (pin 3 connected to pin 5), the transmitter does not transmit its value via the Dupline(R) whereas the internal counter can still operate. A Dupline(R) system can have several FFD 1x80s coded to the same channel groups. In this case the counting values may only be emitted from one transmitter at a time, the other transmitters must be disabled in the meantime. This feature is best obtained by using Dupline(R) receivers with demultiplex output type D 1230 5111 connected to the transmission disable inputs. FK3C 7640 and FL3C 7640 or D 6369 6475 can be used for display of FFD 1680 values. FK3C 7760 and FL3C 7760 can be used for display of FFD 1780 values. Overflow: When the counter reaches 9999 (999999), the transmitter activates all coded channels, thereby causing Dupline(R) displays to become dark. Note: If DC-supplied FFD .... transmitters are used, the length of the supply bus must not exceed 3 m in order to avoid disturbances unbalancing the Dupline(R). Note: Transmitters for numerical signals must not be used in systems where channel generators with 2 or 3 sequences are installed.
2
Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group
FFD 1680
Du line
(R)
Fieldbus
Installationbus
Operation Diagram
Power supply Counter input Reset input Transmission Disable input Transmission value
Wiring Diagram
Accessories
Socket Socket cover Hold down spring Front mounting bezel DIN-rail for D 411 D 411 BB 5 HF FRS 2 FMD 411
No conn.
Count input Reset Transmission Disable VDD in
For further information refer to "Accessories".
S: signal wire.
Power Supply
Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group
3


▲Up To Search▲   

 
Price & Availability of FFD1680220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X