Part Number Hot Search : 
SAA5045 1N5253B PE7620DV 15005 000AKCY 70M50V5 2N4910 0PFTR
Product Description
Full Text Search
 

To Download FFD1532220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dupline(R) Field- and Installationbus Transmitter for Analog Current Signals Types FFD 1530, FFD 1531, FFD 1532
* Transmitter with current input * Current input signals: FFD 1530: 1 x 0 to 1 mA FFD 1531: 1 x 0 to 20 mA FFD 1532: 1 x 4 to 20 mA * 8-bit (8 channels) resolution * Binary transmission * Enable input function * D-housing * Plug-in type module * AC power supply
Product Description
Dupline transmitters for external supply. Standard current signal input (0 to 1 mA, 0 to 20 mA, 4 to 20 mA). Convert analog current signals into binary codes.
Ordering Key
Type: Dupline Input signal Supply
FFD 1530 024
Type Selection
Supply Ordering no. 1 signal 0 to 1 mA FFD 1530 024 FFD 1530 120 FFD 1530 220 FMK A to FMK P Ordering no. 1 signal 0 to 20 mA FFD 1531 024 FFD 1531 120 FFD 1531 220 FMK A to FMK P Ordering no. 1 signal 4 to 20 mA FFD 1532 024 FFD 1532 120 FFD 1532 220 FMK A to FMK P
24 VAC 120 VAC 220 VAC Code module
Input Specifications
Signal input Signal range Zero adjustment (X1) Span adjustment (X2) Span Input resistance Resolution Settling time Open circuit monitoring Inaccuracy (ref. temp. 20C) of full scale Cable length Dielectric voltage Input - Dupline Transmission enable input Open loop voltage Short-circuit current Operating time for signal "1" Operating time for signal "0" Contact resistance Cable length Dielectric voltage Input- Dupline FFD 1530 ... (8 channels) 1 current input 0 to 1 mA None None None 470 8 bits (3.92 A/LSB) 1 pulse train + 10 ms None 1% 3m 200 VAC (rms) 1 contact or NPN transistor 5 VDC 1 mA 1 pulse train + 10 ms 1 pulse train + 10 ms 100 3m 200 VAC (rms) FFD 1531 ... (8 channels) 1 current input 0 to 20 mA None None None 47 8 bits (78.43 A/LSB) 1 pulse train + 10 ms None 1% 3m 200 VAC (rms) 1 contact or NPN transistor 5 VDC 1 mA 1 pulse train + 10 ms 1 pulse train + 10 ms 100 3m 200 VAC (rms) FFD 1532 ... (8 channels) 1 current input 4 to 20 mA None None None 47 8 bits (62.75 A/LSB) 1 pulse train + 10 ms None 1% 3m 200 VAC (rms) 1 contact or NPN transistor 5 VDC 1 mA 1 pulse train + 10 ms 1 pulse train + 10 ms 100 3m 200 VAC (rms)
Specifications are subject to change without notice (01.09.99)
1
FFD 1530, FFD 1531, FFD 1532
Supply Specifications
Power supply Rated operational voltage through pins A1 & A2 220 120 024 Frequency Voltage interruption Rated operational power Rated operational withstand voltage 220 120 024 Dielectric voltage Supply - Dupline Supply - Signal input Supply - Enable input Overvoltage cat. III (IEC 60664) 230 VAC +6%, -15% (IEC 60038) 120 VAC 10% (IEC 60038) 24 VAC 10% 45 to 65 Hz 40 ms Typ. 2.5 VA 4 kV 2.5 kV 800 V 2 kVAC (rms) 2 kVAC (rms) 2 kVAC (rms)
General Specifications
Power ON delay Environment Degree of protection Pollution degree Operating temperature Storage temperature Humidity (non-condensing) Mechanical resistance Shock Vibration Dimensions Material (see "Technical Information") Weight Approvals Undefined, 1 s IP 20 B 3 (IEC 60664) -20 to +50C (-4 to +122F) -50 to +85C (-58 to +185F) 20 to 80% 15 G (11 ms) 2 G (6 to 55 Hz)
D-Housing 200 g UL
Mode of Operation
Transmitters with current signal input. The current signal is converted into a binary value represented as the binary status of an entire channel group (8 bit). This binary value may be reconverted into current or voltage signals through receivers with analogue outputs (type FAD 15..) or displayed in a scaled 7segment display via D 6369 6475. A signal change of 0.392% of full scale influences the least significant bit, which is the highest channel of the selected group (F8 if FMK F is plugged in). A signal change of 49.8% of full scale influences the most significant bit or the lowest channel of the selected group (F1 in the above example). No value is transmitted unless the transmission enable input is activated (pins 5 and 7 connected). This input may also be used to transmit up to 255 individual values on one channel group by using Dupline receivers with demultiplex output type D 1230 5111. Note: Analog transmitters must not be used in systems where channel generators with 2 or 3 sequences are installed.
Wiring Diagram
Input Common Transmission Enable
Power Supply
S: signal wire.
Accessories
Socket Socket cover Hold down spring Front mounting bezel DIN-rail for D 411 D 411 BB 5 HF FRS 2 FMD 411
Operation Diagram
Input Signal MSB = Most Significant Bit LSB = Least Significant Bit
For further information refer to "Accessories".
Channel status
2
Specifications are subject to change without notice (01.09.99)


▲Up To Search▲   

 
Price & Availability of FFD1532220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X