Part Number Hot Search : 
OP43RP 26000 T2202 M30620 PTDF1 2N3420 DTA123 CX4SCSM5
Product Description
Full Text Search
 

To Download FDZ208P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDZ208P P-Channel 30 Volt PowerTrench(R) BGA MOSFET
February 2006
FDZ208P P-Channel 30 Volt PowerTrench(R) BGA MOSFET (R)
General Description
Combining Fairchild's advanced 30 Volt P-Channel Trench II Process with 25 Volts Vgs. Abs. Max Gate Rating for the ultimate low rDS(on) Battery Protection MOSFET. This MOSFET also embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultralow profile packaging, low gate charge, and low rDS(on).
Features
* -12.5 A, -30 V. rDS(on) = 10.5 m @ VGS = -10 V rDS(on) = 16.5 m @ VGS = -4.5 V * Occupies only 14 mm2 of PCB area. Only 42% of the area of SO-8 * Ultra-thin package: less than 0.8 mm height when mounted to PCB * 3.5 x 4 mm2 footprint * High power and current handling capability
Applications
* Battery management * Load switch * Battery protection
Gate
G
S
Index slot
D
Bottom
Top
TA=25oC unless otherwise noted
Absolute Maximum Ratings
Symbol
VDS VGS ID PD TJ, Tstg Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Power Dissipation (Steady State)
Parameter
(Note 1a) (Note 1a) (Note 1a)
Operating and Storage Junction Temperature Range
-30 25 -12.5 -60 2.2 1.0 -55 to +150
Ratings
Units
V V A
W C
Thermal Characteristics
RJA RJB RJC
Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ball Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1) (Note 1)
56 4.5 0.6
C/W
Package Marking and Ordering Information
Device Marking 208P Device FDZ208P Reel Size 13''
Tape width 8mm
Quantity 4000 units
(c)2006 Fairchild Semiconductor Corporation
FDZ208P Rev D (W)
FDZ208P P-Channel 30 Volt PowerTrench(R) BGA MOSFET
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C VDS = -24 V, VGS = -25 V, VGS = 25 V, VGS = 0 V VDS = 0 V VDS = 0 V
Min
-30
Typ
Max Units
V mV/C -1 -100 100 A nA nA
Off Characteristics
-20
On Characteristics
VGS(th) VGS(th) TJ RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD trr Qrr
Notes: 1.
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = VGS, ID = -250 A ID = -250 A, Referenced to 25C VGS = -10 V, ID = -12.5 A VGS = -4.5 V, ID = -9.5 A VGS = -10 V,ID = -12.5A,TJ=125C VDS = -10 V, ID = -12.5 A VDS = -15 V, f = 1.0 MHz V GS = 0 V,
-1
-1.5 5 9 13 11.7 40 2409 614 300 13 11 74 42 25 5 10
-3
V mV/C m S pF pF pF
10.5 16.5 15
Dynamic Characteristics
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -15 V, VGS = -10 V, VDS = -15 V, VGS = -5 V
ID = -1 A, RGEN = 6 ID = -12.5 A,
24 21 119 68 35
ns ns ns ns nC nC nC A V ns nC
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge VGS = 0 V, IS = -1.8 A
(Note 2)
-1.8 -0.7 29.5 30.2 -1.2
IF = -12.5 A, di/dt = 100 A/s
the copper chip carrier. RJC and RJB are guaranteed by design while RJA is determined by the user' board design. s
junction to the circuit board side of the solder ball, RJB, is defined for reference. For RJC, the thermal reference point for the case is defined as the top surface of
RJA is determined with the device mounted on a 1 in 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the
a)
56C/W when 2 mounted on a 1in pad of 2 oz copper
b)
119C/W when mounted on a minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDZ208P Rev D (W)
FDZ208P P-Channel 30 Volt PowerTrench(R) BGA MOSFET
Dimensional Outline and Pad Layout
FDZ208P Rev D (W)
FDZ208P P-Channel 30 Volt PowerTrench(R) BGA MOSFET
Typical Characteristics
60
VGS =-10V -6.0V
-4.5V
2.6 NORMALIZED DRAIN-SOURCE ON-RESISTANCE
-3.5V
2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0 15 30 -ID, DRAIN CURRENT (A) 45 60
-ID, DRAIN CURRENT (A)
45
VGS = -3.5V
30
-3.0V
-4.0V -4.5V -5.0V -6.0V -8.0V -10V
15
0 0 0.5 1 1.5 2 2.5 3 -VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.045 ID = -12.5A rDS(on), ON-RESISTANCE (OHM) 0.035
1.6 NORMALIZED DRAIN-SOURCE ON-RESISTANCE
ID = -12.5A VGS = -10V
1.4
1.2
0.025 TA = 125oC 0.015 TA = 25oC 0.005 2 4 6 8 10 -VGS, GATE TO SOURCE VOLTAGE (V)
1
0.8
0.6 -50 -25 0 25 50 75 100
o
125
150
TJ, JUNCTION TEMPERATURE ( C)
Figure 3. On-Resistance Variation with Temperature.
60
-IS, REVERSE DRAIN CURRENT (A)
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 VGS = 0V
VDS = -5V -ID, DRAIN CURRENT (A) 45
TA = -55 C
o
o
25 C 125 C
o
10 1 0.1 0.01 0.001 0.0001 TA = 125 C
o o
30
25 C -55 C
o
15
0 1 1.5 2 2.5 3 3.5 4 -VGS, GATE TO SOURCE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDZ208P Rev D (W)
FDZ208P P-Channel 30 Volt PowerTrench(R) BGA MOSFET
Typical Characteristics
10 -VGS, GATE-SOURCE VOLTAGE (V) ID = -12.5A 8 -20V VDS = -10V -15V
3500 3000 CAPACITANCE (pF) 2500 2000 1500 1000 500 Coss f = 1MHz VGS = 0 V
Ciss
6
4
2
0 0 10 20 30 40 50 Qg, GATE CHARGE (nC)
Crss 0 0 5 10 15 20 25 30 -VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100
P(pk), PEAK TRANSIENT POWER (W) rDS(on) LIMIT 1ms 10ms 100ms 40
Figure 8. Capacitance Characteristics.
ID, DRAIN CURRENT (A)
10
1s 10s DC
30
SINGLE PULSE RJA = 119 C/W TA = 25 C
1
VGS = -10V SINGLE PULSE RJA = 119oC/W TA = 25oC
20
0.1
10
0.01 0.01
0.1
1
10
100
0 0.01
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
t1, TIME (sec)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
0.1
0.1 0.05 0.02
RJA(t) = r(t) * RJA RJA = 119 C/W P(pk) t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2 t1
0.01
0.01
0.001
SINGLE PULSE
0.0001 0.001
0.01
0.1
1
t1, TIME (sec)
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDZ208P Rev D (W)


▲Up To Search▲   

 
Price & Availability of FDZ208P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X