Part Number Hot Search : 
EZA050 FS0201MA SI9200EY ON0810 EL2245CS 2Y0A2 F020150 SDR4432
Product Description
Full Text Search
 

To Download FDZ206P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDZ206P P-Channel 2.5V Specified PowerTrench(R) BGA MOSFET
February 2006
FDZ206P P-Channel 2.5V Specified PowerTrench(R) BGA MOSFET (R)
General Description
Combining Fairchild's advanced 2.5V specified PowerTrench process with state of the art BGA packaging, the FDZ206P minimizes both PCB space and rDS(on). This BGA MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultralow profile packaging, low gate charge, and low rDS(on).
Features
* -13 A, -20 V. rDS(on) = 9.5 m @ VGS = -4.5 V rDS(on) = 14.5 m @ VGS = -2.5 V * Occupies only 14 mm2 of PCB area. Only 42% of the area of SO-8 * Ultra-thin package: less than 0.80 mm height when mounted to PCB * 0.65 mm ball pitch * 3.5 x 4 mm2 footprint * High power and current handling capability
Applications
* Battery management * Load switch * Battery protection
Gate
G
S
Index slot
D
Bottom
Top
TA=25oC unless otherwise noted
Absolute Maximum Ratings
Symbol
VDSS VGS ID PD TJ, TSTG
Parameter
Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous (Note 1a) - Pulsed Power Dissipation (Steady State) (Note 1a) Operating and Storage Junction Temperature Range
Ratings
-20 12 -13 -60 2.2 -55 to +150
Units
V V A W C
Thermal Characteristics
RJA RJB RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ball Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1) (Note 1)
56 4.5 0.6
C/W
Package Marking and Ordering Information
Device Marking 206P Device FDZ206P Reel Size 13" Tape width 12mm Quantity 4000
(c)2006 Fairchild Semiconductor Corporation
FDZ206P Rev. E (W)
FDZ206P P-Channel 2.5V Specified PowerTrench(R) BGA MOSFET
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR VGS(th) VGS(th) TJ rDS(on) ID(on) gFS Ciss Coss Crss
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Forward Leakage Gate-Body Reverse Leakage
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C VDS = -16 V, VGS = -12 V, VGS = 12 V, VGS = 0 V VDS = 0 V VDS = 0 V
Min Typ
-20 -13
Max
Units
V mV/C
Off Characteristics
-1 -100 100 -0.6 -0.9 3.3 7 10 9 -60 58 4280 873 400 17 11 115 60 38 7 10 31 20 184 96 53 -1.5
A nA nA V mV/C m A S pF pF pF ns ns ns ns nC nC nC A V nS nC
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
VDS = VGS, ID = -250 A ID = -250 A, Referenced to 25C VGS = - 4.5 V, ID = -13 A VGS = -2.5 V, ID = -10.5 A VGS = -4.5 V, ID = -13 A, TJ=125C VGS = -4.5 V, VDS = -5 V VDS = -5 V, ID = -13 A VDS = -10 V, f = 1.0 MHz V GS = 0 V,
9.5 14.5 13
Dynamic Characteristics
Switching Characteristics (Note 2)
td(on) tr td(off) tf Qg Qgs Qgd IS VSD trr Qrr
Notes: 1. RJA is determined with the device mounted on a 1 in 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the junction to the circuit board side of the solder ball, RJB, is defined for reference. For RJC, the thermal reference point for the case is defined as the top surface of the copper chip carrier. RJC and RJB are guaranteed by design while RJA is determined by the user' board design. s
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -10 V, VGS = -4.5 V, VDS = -10 V, VGS = -4.5 V
ID = -1 A, RGEN = 6 ID = -13 A,
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = -1.8 A Voltage Diode Reverse Recovery Time IF = -13A, Diode Reverse Recovery Charge diF/dt = 100 A/s
(Note 2)
-0.7 34 38
-1.8 -1.2
a)
56C/W when mounted on a 1in2 pad of 2 oz copper
b)
119C/W when mounted on a minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDZ206P Rev. E (W)
(R) (R) (R) FDZ206P P-Channel 2.5V Specified PowerTrench(R) BGA MOSFET
Dimensional Outline and Pad Layout
FDZ206P Rev. E (W)
FDZ206P P-Channel 2.5V Specified PowerTrench(R) BGA MOSFET
Typical Characteristics
60
NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS =-4.5V
50 -ID, DRAIN CURRENT (A)
-3.0V -2.5V -2.0V
1.8 VGS = -2.5V 1.6
-3.5V
40 30 20 10 0 0 0.5
1.4 -3.0V 1.2 -3.5V -4.0V 1 -4.5V
1
1.5
2
0.8 0 10 20 30 40 50 60 -ID, DRAIN CURRENT (A)
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.03 rDS(on), ON-RESISTANCE (OHM)
1.4 rDS(on), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.3 1.2 1.1 1 0.9 0.8 -50 -25 0 25 50 75 100
o
ID = -13A VGS = -4.5V
ID = -6.5 A
0.025
0.02
TA = 125oC
0.015
0.01
TA = 25oC
0.005 1 2 3 4 5
125
150
TJ, JUNCTION TEMPERATURE ( C)
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
60 VDS = -5V 50 40 30 20 10 0 0.5 1 1.5 2 2.5
o
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100
-IS, REVERSE DRAIN CURRENT (A)
TA = -55 C
25 C 125 C
o
o
VGS = 0V 10 TA = 125 C 1 0.1 0.01 0.001 0.0001 0 0.2 0.4 0.6 0.8 1 25 C -55 C
o o o
-ID, DRAIN CURRENT (A)
-VGS, GATE TO SOURCE VOLTAGE (V)
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDZ206P Rev. E (W)
FDZ206P P-Channel 2.5V Specified PowerTrench(R) BGA MOSFET
Typical Characteristics
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -13A 4 VDS = -5V -10V
5000 4500 4000 CAPACITANCE (pF)
-15V
Ciss
f = 1MHz VGS = 0 V
3500 3000 2500 2000 1500 1000 500 Coss Crss
3
2
1
0 0 10 20 30 40 50 Qg, GATE CHARGE (nC)
0 0 5 10 15 20 -VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100 rDS(on) LIMIT 10ms 100ms 1s 10s DC VGS = -4.5V SINGLE PULSE RJA = 119oC/W TA = 25oC 0.01 0.01 0.1 1 10 100 1ms
50 P(pk), PEAK TRANSIENT POWER (W)
Figure 8. Capacitance Characteristics.
-ID, DRAIN CURRENT (A)
10
40
SINGLE PULSE RJA = 119 C/W TA = 25C
30
1
20
0.1
10
0 0.01
0.1
1
10 t1, TIME (sec)
100
1000
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
0.1
0.1 0.05 0.02
RJA(t) = r(t) + RJA RJA = 119 C/W P(pk)
0.01
0.01
SINGLE PULSE
t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.001 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDZ206P Rev. E (W)


▲Up To Search▲   

 
Price & Availability of FDZ206P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X