Part Number Hot Search : 
LT1211I MP330 521MF 660CT 0000X1 APE8800A TA144 0100D
Product Description
Full Text Search
 

To Download FDMS8672S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMS8672S N-Channel PowerTrench(R) SyncFETTM
February 2007
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
30V, 35A, 5m Features General Description
Max rDS(on) = 5.0m at VGS = 10V, ID = 17A Max rDS(on) = 7.0m at VGS = 4.5V, ID = 15A Advanced Package and Silicon combination for low rDS(on) and high efficiency SyncFET Schottky Body Diode MSL1 robust package design RoHS Compliant
tm
The FDMS8672S has been designed to minimize losses in power conversion application. Advancements in both silicon and package technologies have been combined to offer the lowest rDS(on) while maintaining excellent switching performance. This device has the added benefit of an efficient monolithic Schottky body diode.
Application
Synchronous Rectifier for DC/DC Converters Notebook Vcore/ GPU low side switch Networking Point of Load low side switch Telecom secondary side rectification
Pin 1 S S
5
S G
4 3 2 1
6 7
D
D
D
D Power 56 (Bottom view)
8
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDS VGS ID Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous (Package limited) -Continuous (Silicon limited) -Continuous -Pulsed PD TJ, TSTG Power Dissipation Power Dissipation TC = 25C TA = 25C (Note 1a) TC = 25C TC = 25C TA = 25C Ratings 30 20 35 90 17 200 50 2.5 -55 to +150 W C A Units V V
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJC RJA Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient (Note 1a) 2.5 50 C/W
Package Marking and Ordering Information
Device Marking FDMS8672S Device FDMS8672S Package Power 56 Reel Size 13'' Tape Width 12mm Quantity 3000 units
(c)2007 Fairchild Semiconductor Corporation FDMS8672S Rev.C1
1
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 1mA, VGS = 0V ID = 50mA, referenced to 25C VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V 30 23 500 100 V mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 1mA ID = 50mA, referenced to 25C VGS = 10V, ID = 17A VGS = 4.5V, ID = 15A VGS = 10V, ID = 17A ,TJ = 125C VDS = 10V, ID = 17A 1 1.5 -5.4 4.0 5.2 6.1 72 5.0 7.0 7.8 S m 3 V mV/C
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = 15V, VGS = 0V f = 1MHz f = 1MHz 1890 555 205 1.1 2515 740 380 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qg(4.5V) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge at 10V Total Gate Charge at 4.5V Gate to Source Gate Charge Gate to Drain "Miller" Charge VGS = 0V to 10V VGS = 0V to 4.5V VDD = 15V, ID = 17A VDD = 15V, ID = 17A VGS = 10V, RGEN = 7 11 17 27 7 33 16 5 6 20 31 44 14 47 23 ns ns ns ns nC nC nC nC
Drain-Source Diode Characteristics
VSD trr Qrr Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 1.7A IF = 17A, di/dt = 300A/s 0.4 20 16 0.7 32 28 V ns nC
Notes: 1: RJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RCA is determined by the user's board design. a. 50C/W when mounted on a 1 in2 pad of 2 oz copper b. 125C/W when mounted on a minimum pad of 2 oz copper
2: Pulse time < 300s, Duty cycle < 2.0%.
FDMS8672S Rev.C1
2
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics TJ = 25C unless otherwise noted
200 160 120 80 40 0 0
VGS = 3.0V VGS = 10V NORMALIZED DRAIN TO SOURCE ON-RESISTANCE VGS = 4.5V VGS = 4.0V
3.0
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
ID, DRAIN CURRENT (A)
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
2.5 2.0 1.5
VGS = 3.0V VGS = 3.5V VGS = 4V
VGS = 3.5V
VGS = 4.5V
1.0 0.5
VGS = 10V
1 2 3 4 VDS, DRAIN TO SOURCE VOLTAGE (V)
5
0
40 80 120 ID, DRAIN CURRENT(A)
160
200
Figure 1. On Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
14
rDS(on), DRAIN TO SOURCE ON-RESISTANCE (m)
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 -75 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (oC)
ID = 17A VGS = 10V
ID = 17A
12 10
TJ = 125oC
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
8 6 4 3
TJ = 25oC
4 5 6 7 8 9 VGS, GATE TO SOURCE VOLTAGE (V)
10
Figure 3. Normalized On Resistance vs Junction Temperature
150
IS, REVERSE DRAIN CURRENT (A)
Figure 4. On-Resistance vs Gate to Source Voltage
20 10
ID, DRAIN CURRENT (A)
120 90 60 30
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
VGS = 0V
1
TJ = 150oC
TJ = 150oC TJ = 25oC TJ = -55oC
0.1
TJ = 25oC TJ = -55oC
0.01
0 1
2 3 VGS, GATE TO SOURCE VOLTAGE (V)
4
1E-3 0.0
0.1 0.2 0.3 0.4 0.5 0.6 VSD, BODY DIODE FORWARD VOLTAGE (V)
0.7
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
FDMS8672S Rev.C1
3
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics TJ = 25C unless otherwise noted
VGS, GATE TO SOURCE VOLTAGE(V)
10 8
VDD = 10V
3000
Ciss
CAPACITANCE (pF)
6
VDD = 15V
1000
4
VDD = 20V
Coss
2 0
f = 1MHz VGS = 0V
Crss
0
5
10
15
20
25
30
35
100 0.1
Qg, GATE CHARGE(nC)
1 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
30
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
80 ID, DRAIN CURRENT (A)
VGS = 10V
30
IAS, AVALANCHE CURRENT(A)
60
VGS = 4.5V
10
TJ = 25oC
40
TJ = 125oC
20
o
Limited by Package RJC = 2.5 C/W
1 0.01
0.1 1 10 100 tAV, TIME IN AVALANCHE(ms)
1000
0 25
50
75
100
125
o
150
TC, CASE TEMPERATURE ( C)
Figure 9. Unclamped Inductive Switching Capability
500 ID, DRAIN CURRENT (A)
Figure 10. Maximum Continuous Drain Current vs Case Temperature
1000
VGS = 10V
FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: 150 - T A ---------------------125 TA = 25oC
100 10 1 0.1 0.01 0.1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(on)
SINGLE PULSE TJ = MAX RATED TA = 25OC
100us 1ms 10ms 100ms 1s 10s DC
P(PK), PEAK TRANSIENT POWER (W)
100
I = I25
10
SINGLE PULSE
1
10
80
1 -3 10
10
-2
VDS, DRAIN to SOURCE VOLTAGE (V)
10 10 10 t, PULSE WIDTH (s)
-1
0
1
10
2
10
3
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power Dissipation
FDMS8672S Rev.C1
4
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics TJ = 25C unless otherwise noted
2 1
NORMALIZED THERMAL IMPEDANCE, ZJA
DUTY CYCLE-DESCENDING ORDER
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
0.01
t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
SINGLE PULSE
1E-3 -3 10
10
-2
10
-1
10
0
10
1
10
2
10
3
t, RECTANGULAR PULSE DURATION (s)
Figure 13. Transient Thermal Response Curve
FDMS8672S Rev.C1
5
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics (continued)
SyncFET Schottky body diode Characteristics
Fairchild's SyncFET process embeds a Schottky diode in parallel with PowerTrench MoSFET. This diode exhibits similar characteristics to a discrete external Schottky diode in parallel with a MOSFET. Figure 14 shows the reverses recovery characteristic of the FDMS8672S. Schottky barrier diodes exhibit significant leakage at high temperature and high reverse voltage. This will increase the power in the device.
IDSS, REVERSE LEAKAGE CURRENT (A)
0.1
TJ = 125oC
CURRENT: 0.8A/Div
0.01
TJ = 100oC
1E-3
1E-4
TJ = 25oC
1E-5
0
5
10
15
20
25
30
TIME: 12.5nS/Div
VDS, REVERSE VOLTAGE (V)
Figure 14. FDMS8672S SyncFET Body Diode Reverse Recovery Characteristics
Figure 15. SyncFET Body Diode Reverse Leakage vs Drain to Source Voltage
FDMS8672S Rev.C1
6
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
FDMS8672S Rev.C1
7
www.fairchildsemi.com
FDMS8672S N-Channel PowerTrench(R) SyncFETTM
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification Advance Information
Product Status Formative or In Design First Production
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I22 FDMS8672S Rev. C1 8 www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMS8672S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X