Part Number Hot Search : 
SM250 2SB1261 SEMD9 12501 AD844SQ 22101 TL101 1514S
Product Description
Full Text Search
 

To Download FDMC5614P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMC5614P P-Channel PowerTrench(R) MOSFET
January 2007
FDMC5614P P-Channel PowerTrench(R) MOSFET
-60V, -13.5A, 100m Features
Max rDS(on) = 100m at VGS = -10V, ID = -5.7A Max rDS(on) = 135m at VGS = -4.5V, ID = -4.4A Low gate charge Fast switching speed High performance trench technology for extremely low rDS(on) High power and current handling capability RoHS Compliant
tm
General Description
This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor's advanced PowerTrench(R) process. It has been optimized for power management applications requiring a wide range of gate drive voltage ratings (4.5V-20V).
Application
Power management Load switch Battery protection
Bottom
Top
5
6
7
8 D 1 D
D
D
D D D
5 6 7 8
4 3 2 1
G S S S
4
3
2
S
S
S
G
D
Power 33
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDS VGS Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous (Package limited) ID -Continuous (Silicon limited) -Continuous -Pulsed PD TJ, TSTG Power Dissipation Power Dissipation Operating and Storage Junction Temperature Range TC = 25C TA = 25C (Note 1a) TC = 25C TC = 25C TA = 25C (Note 1a) Ratings -60 20 -13.5 -14 -5.7 -23 42 2.1 -55 to +150 W C A Units V V
Thermal Characteristics
RJC RJA Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient (Note 1a) 3.0 60 C/W
Package Marking and Ordering Information
Device Marking 5614P Device FDMC5614P Package Power 33 Reel Size 7'' Tape Width 8mm Quantity 3000 units
(c)2006 Fairchild Semiconductor Corporation FDMC5614P Rev.C
1
www.fairchildsemi.com
FDMC5614P P-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = -250A, VGS = 0V ID = -250A, referenced to 25C VDS = -48V, VGS = 0V VGS = 20V, VDS = 0V -60 -54 -1 100 V mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = -250A ID = -250A, referenced to 25C VGS = -10V, ID = -5.7A VGS = -4.5V, ID = -4.4A VGS = -10V, ID = -5.7A , TJ = 125C VDS = -15V, ID = -5.7A -1 -1.95 4.7 84 108 140 11 100 135 168 S m -3 V mV/C
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = -30V, VGS = 0V, f = 1MHz 795 140 60 1055 185 90 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VGS = -10V VDD = -30V ID = -5.7A VDD = -30V, ID = -1A VGS = -10V, RGEN = 6 10 11 32 11 15 1.6 2.7 21 23 65 22 20 2.1 3.5 ns ns ns ns nC nC nC
Drain-Source Diode Characteristics
VSD trr Qrr Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = -3.2A IF = -3.2A, di/dt = 100A/s -0.8 -1.2 36 29 V ns nC
Notes: 1: RJA is determined with the device mounted on a 1 in2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RJA is determined by the user's board design. (a)RJA = 60C/W when mounted on a 1 in2 pad of 2 oz copper, 1.5'x1.5'x0.062' thick PCB. (b)RJA = 135C/W when mounted on a minimum pad of 2 oz copper. b.135C/W when mounted on a minimum pad of 2 oz copper
a. 60C/W when mounted on a 1 in2 pad of 2 oz copper
2: Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%.
FDMC5614P Rev.C
2
www.fairchildsemi.com
FDMC5614P P-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
25
VGS = -10V
2.0
VGS = -3.0V
-ID, DRAIN CURRENT (A)
20 15
VGS = -5V
1.8 1.6 1.4 1.2 1.0 0.8 0
VGS = -3.5V
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
VGS = -4.5V
VGS = -3.5V
VGS = -5V
10
VGS = -3.0V
VGS = -4.5V VGS = -10V
5
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
0 0 2 3 4 -VDS, DRAIN TO SOURCE VOLTAGE (V) 1 5
5 10 15 -ID, DRAIN CURRENT(A)
20
25
Figure 1. On-Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
350
rDS(on), DRAIN TO SOURCE ON-RESISTANCE (mOHM)
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (oC) 150
ID = -5.7A VGS = -10V
ID = -5.7A
300 250 200 150 100
TJ = 25oC
PULSE DURATION =300s DUTY CYCLE = 2.0%MAX
TJ = 125oC
50 2 3 4 5 6 7 8 9 -VGS, GATE TO SOURCE VOLTAGE (V) 10
Figure 3. Normalized On- Resistance vs Junction Temperature
30 25 20 15 10
TJ = 125oC TJ = 25oC TJ =-55oC
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
Figure 4. On-Resistance vs Gate to Source Voltage
30 10
-IS, REVERSE DRAIN CURRENT (A)
VGS = 0V
-ID, DRAIN CURRENT (A)
VDD = -5V
1 0.1 0.01 1E-3 1E-4 0.2
TJ = 125oC
TJ = 25oC
5 0 0 1 2 3 4 5 6
-VGS, GATE TO SOURCE VOLTAGE (V)
TJ = -55oC
0.4 0.6 0.8 1.0 1.2 -VSD, BODY DIODE FORWARD VOLTAGE (V)
1.4
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
FDMC5614P Rev.C
3
www.fairchildsemi.com
FDMC5614P P-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
-VGS, GATE TO SOURCE VOLTAGE(V)
10
ID = -5.7A
2000
1000
VDD = -20V
8 6
VDD = -30V
CAPACITANCE (pF)
Ciss
4
VDD = -40V
100
Coss Crss
f = 1MHz VGS = 0V
2 0 0 4 8 12 Qg, GATE CHARGE(nC) 16
10 0.1
1 10 -VDS, DRAIN TO SOURCE VOLTAGE (V)
60
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
60
rDS(on) LIMITED
-IAS, AVALANCHE CURRENT(A)
-ID, DRAIN CURRENT (A)
8 7 6 5 4 3 2
TJ = 125oC TJ = 25oC
10
100us 1ms
1
10ms 100ms
SINGLE PULSE TJ = MAX RATED RJA = 135 C/W TA = 25oC
o
0.1
0.01
1s 10s DC
1 0.01
0.1 1 10 tAV, TIME IN AVALANCHE(ms)
100
1E-3 0.1
1
10
100 200
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Unclamped Inductive Switching Capability
1000
P(PK), PEAK TRANSIENT POWER (W)
VGS = -10V
Figure 10. Forward Bias Safe Operating Area
TA = 25oC FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 150 - T A ----------------------125
100
10
1 0.5 -4 10
SINGLE PULSE o RJA = 135 C/W
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
t, PULSE WIDTH (s)
Figure 11. Single Pulse Maximum Power Dissipation
FDMC5614P Rev.C
4
www.fairchildsemi.com
FDMC5614P P-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
2 1
DUTY CYCLE-DESCENDING ORDER
NORMALIZED THERMAL IMPEDANCE, ZJA
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
0.01
SINGLE PULSE o RJA = 135 C/W
t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
-2
1E-3
0.0005 -4 10
10
-3
10
10
-1
10
0
10
1
10
2
10
3
t, RECTANGULAR PULSE DURATION (s)
Figure 12. Transient Thermal Response Curve
FDMC5614P Rev.C
5
www.fairchildsemi.com
FDMC5614P P-Channel PowerTrench(R) MOSFET
FDMC5614P Rev.C
6
www.fairchildsemi.com
FDMC5614P P-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification Advance Information
Product Status Formative or In Design First Production
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I22 FDMC5614P Rev. C 7 www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMC5614P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X