Part Number Hot Search : 
5DC24 TO521 LT1316 MC1430 16F88 V3746 120CA 2SK30
Product Description
Full Text Search
 

To Download FDD6606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDD6606
February 2004
FDD6606
30V N-Channel PowerTrench MOSFET
General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS( ON) and fast switching speed.
Features
* 75 A, 30 V RDS(ON) = 6 m @ VGS = 10 V RDS(ON) = 8 m @ VGS = 4.5 V * Low gate charge * Fast switching * High performance trench technology for extremely low RDS(ON)
Applications
* DC/DC converter * Motor Drives
D
G S
D
G
D-PAK TO-252 (TO-252)
TA=25oC unless otherwise noted
S
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
Parameter
Ratings
30 20
(Note 3) (Note 1a) (Note 1) (Note 1a) (Note 1b)
Units
V A W
75 100 71 3.8 1.6 -55 to +175
Power Dissipation for Single Operation
TJ, TSTG
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RJC RJA RJA Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient
(Note 1) (Note 1a) (Note 1b)
2.1 40 96
C/W
Package Marking and Ordering Information
Device Marking FDD6606 Device FDD6606 Package D-PAK (TO-252) Reel Size 13'' Tape width 12mm Quantity 2500 units
2004 Fairchild Semiconductor Corporation
FDD6606 Rev B (W)
FDD6606
Electrical Characteristics
Symbol
WDSS IAR BVDSS BVDSS TJ IDSS IGSS
TA = 25C unless otherwise noted
Parameter
Drain-Source Avalanche Energy Drain-Source Avalanche Current
Test Conditions
Single Pulse, VDD = 15 V, ID = 17 A
Min
Typ
Max
240 17
Units
mJ A
Drain-Source Avalanche Ratings (Note 2)
Off Characteristics
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage
(Note 2)
VGS = 0 V,
ID = 250 A
30 20 10 100
V mV/C A nA
ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 20 V, VGS = 0 V VDS = 0 V
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25C VGS = 10 V, ID = 17 A ID = 15 A VGS = 4.5 V, VGS = 10 V, ID = 17 A, TJ=125C VGS = 10 V, VDS = 5 V, VDS = 5 V ID = 17 A
1
1.9 -7 5 6 8
3
V mV/C
6.0 8.0 11.9
m
ID(on) gFS Ciss Coss Crss RG td(on) tr td(off) tf Qg Qgs Qgd
50 65
A S
Dynamic Characteristics
Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
(Note 2)
VDS = 15 V, f = 1.0 MHz VGS = 15 mV,
V GS = 0 V,
2400 577 258 1.4
pF pF pF 20 37 64 32 31 ns ns ns ns nC nC nC
f = 1.0 MHz
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
14 VDD = 15 V, VGS = 10 V, ID = 1 A, RGEN = 6 12 38 18 VDS = 15V, VGS = 5 V ID = 17 A, 24 10 11
FDD6606 Rev B (W)
FDD6606
Electrical Characteristics (continued)
Symbol
IS VSD trr Qrr
TA = 25C unless otherwise noted
Parameter
Test Conditions
Min
Typ
Max
3.2
Units
A V nS nC
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge VGS = 0 V, IF = 17 A, IS = 3.2 A
(Note 2)
0.7 32 20
1.2
diF/dt = 100 A/s
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a) RJA = 40C/W when mounted on a 1in2 pad of 2 oz copper
b) RJA = 96C/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0% 3. Maximum current is calculated as:
PD R DS(ON)
where PD is maximum power dissipation at TC = 25C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A
FDD6606 Rev B (W)
FDD6606
Typical Characteristics
100
2 VGS=10V 4.5V 4.0V RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.8 1.6
VGS = 3.5V
80 ID, DRAIN CURRENT (A)
60
3.5V
4.0V 1.4 4.5V 1.2 1 0.8 5.0V
40
20
10V
3.0V
0 0 1 2 3 VDS, DRAIN-SOURCE VOLTAGE (V) 4
0
20
40 ID, DRAIN CURRENT (A)
60
80
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.02 RDS(ON), ON-RESISTANCE (OHM)
2 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.8 1.6 1.4 1.2 1 0.8 0.6 -50 -25 0 25 50 75 100 125 150 175 TJ, JUNCTION TEMPERATURE (oC)
ID = 17A VGS = 10V
ID = 8.5A
0.015
TA = 125oC
0.01
TA = 25oC
0.005
0 2 4 6 8 10 VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
80
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 IS, REVERSE DRAIN CURRENT (A)
VGS = 0V
VDS = 5V ID, DRAIN CURRENT (A) 60
10 1 0.1 0.01 0.001
TA = 125 C 25 C -55oC
o o
40
20
TA =125oC
25oC
-55oC 3 4
0 1 2 VGS, GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 VSD, BODY DIODE FORWARD VOLTAGE (V) 1.2
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature
FDD6606 Rev B (W)
FDD6606
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V)
3500
ID = 17A
8
VDS = 10V 15V 20V
CAPACITANCE (pF) 3000 2500 2000 1500 1000
CISS
f = 1MHz VGS = 0 V
6
4
COSS
2
CRSS
500
0 0 10 20 Qg, GATE CHARGE (nC) 30 40
0 0 5 10 15 20 25 VDS, DRAIN TO SOURCE VOLTAGE (V) 30
Figure 7. Gate Charge Characteristics
1000
P(pk), PEAK TRANSIENT POWER (W) 100
Figure 8. Capacitance Characteristics
ID, DRAIN CURRENT (A)
100 RDS(ON) LIMIT 10 10s DC
100s 1ms 10ms 100ms 1s VGS = 10V SINGLE PULSE RJA = 96oC/W TA = 25oC
80
SINGLE PULSE RJA = 96C/W TA = 25C
60
1
40
0.1
20
0.01 0.01
0.1
1
10
100
0 0.01
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
t1, TIME (sec)
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum Power Dissipation
1
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE D = 0.5 0.2
0.1
0.1 0.05 0.02
RJA(t) = r(t) * RJA RJA = 96 C/W P(pk)
0.01
t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.01
SINGLE PULSE
0.001 0.001
0.01
0.1
1
t1, TIME (sec)
10
100
1000
Figure 11. Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDD6606 Rev B (W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACT Quiet SeriesTM ActiveArrayTM FAST BottomlessTM FASTrTM CoolFETTM FPSTM CROSSVOLTTM FRFETTM DOMETM GlobalOptoisolatorTM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM FACTTM ImpliedDisconnectTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM
DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC OPTOPLANARTM PACMANTM
POPTM Power247TM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER SMART STARTTM SPMTM
StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I8


▲Up To Search▲   

 
Price & Availability of FDD6606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X