|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDC645N April 2001 FDC645N N-Channel PowerTrench MOSFET General Description This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON) and fast switching speed. Features * 5.5 A, 30 V. RDS(ON) = 30 m @ VGS = 4.5 V RDS(ON) = 26 m @ VGS = 10 V Applications * DC/DC converter * High performance trench technology for extremely low RDS(ON) * Low gate charge (13 nC typical) * High power and current handling capability D D S 1 2 G 6 5 4 SuperSOT TM -6 D D 3 Absolute Maximum Ratings Symbol VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Maximum Power Dissipation TA=25oC unless otherwise noted Parameter Ratings 30 12 (Note 1a) Units V V A W C 5.5 20 1.6 0.8 -55 to +150 (Note 1a) (Note 1b) Operating and Storage Junction Temperature Range Thermal Characteristics RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case (Note 1a) (Note 1) 78 30 C/W C/W Package Marking and Ordering Information Device Marking .645 Device FDC645N Reel Size 7'' Tape width 8mm Quantity 3000 units 2000 Fairchild Semiconductor Corporation FDC645N Rev C(W) FDC645N Electrical Characteristics Symbol BVDSS BVDSS TJ IDSS IGSSF IGSSR TA = 25C unless otherwise noted Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse (Note 2) Test Conditions VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 0 V VGS = 12 V, VDS = 0 V VGS = -12 V, VDS = 0 V VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25C VGS = 4.5 V, VGS = 10 V, VGS = 4.5 V, VGS = 4.5 V, VDS = 10 V, ID = 5.5 A ID = 6.2 A ID = 5.5 A, TJ =125C VDS = 5 V ID = 5.5 A Min 30 Typ Max Units V Off Characteristics 22 1 100 -100 mV/C A nA nA On Characteristics VGS(th) VGS(th) TJ RDS(on) ID(on) gFS Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance 0.8 1.4 -4 25 23 34 2 V mV/C 30 26 48 m A 20 33 S Dynamic Characteristics Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance (Note 2) VDS = 15 V, V GS = 0 V, f = 1.0 MHz 1460 227 96 pF pF pF Switching Characteristics td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = 15 V, ID = 1 A, VGS = 4.5 V, RGEN = 6 8 9 35 7 16 18 56 14 21 ns ns ns ns nC nC nC VDS = 15 V, ID = 6.2 A, VGS = 4.5 V 13 3.6 3.6 Drain-Source Diode Characteristics and Maximum Ratings IS VSD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = 1.3 A Voltage 1.3 (Note 2) A V 0.7 1.2 Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a. b. 2 78C/W when mounted on a 1in pad of 2oz copper on FR-4 board. 156C/W when mounted on a minimum pad. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0% FDC645N Rev C(W) FDC645N Typical Characteristics 20 4.5V ID, DRAIN CURRENT (A) 15 3.0V 2.5V 10 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = 10V 3.5V 1.4 VGS = 3.0V 1.2 3.5V 4.0V 1 4.5V 5.0V 6.0V 10V 5 2.0V 0 0 0.5 1 1.5 2 VDS, DRAIN-SOURCE VOLTAGE (V) 0.8 0 5 10 15 20 25 ID, DRAIN CURRENT (A) Figure 1. On-Region Characteristics. Figure 2. On-Resistance Variation with Drain Current and Gate Voltage. 0.07 RDS(ON), ON-RESISTANCE (OHM) 1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE ID = 5.5A VGS = 4.5V 1.4 ID = 3.75 A 0.06 0.05 TA = 125oC 0.04 1.2 1 0.03 TA = 25oC 0.02 0.8 0.6 -50 -25 0 25 50 75 100 o 125 150 0.01 2 2.5 3 3.5 4 4.5 5 VGS, GATE TO SOURCE VOLTAGE (V) TJ, JUNCTION TEMPERATURE ( C) Figure 3. On-Resistance Variation withTemperature. 30 VDS = 5V 25 ID, DRAIN CURRENT (A) 125oC 20 15 10 5 0 1 1.5 2 2.5 3 3.5 VGS, GATE TO SOURCE VOLTAGE (V) 25 C o Figure 4. On-Resistance Variation with Gate-to-Source Voltage. 100 IS, REVERSE DRAIN CURRENT (A) TA = -55oC VGS = 0V 10 1 0.1 0.01 0.001 0.0001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 VSD, BODY DIODE FORWARD VOLTAGE (V) TA = 125oC 25oC -55oC Figure 5. Transfer Characteristics. Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature. FDC645N Rev C(W) FDC645N Typical Characteristics 10 VGS, GATE-SOURCE VOLTAGE (V) ID = 5.5A 8 CAPACITANCE (pF) 15 V 6 VDS = 5V 10V 2400 f = 1MHz VGS = 0 V 2000 1600 1200 800 400 COSS CRSS 15 20 0 0 5 10 15 20 25 30 0 5 10 Qg, GATE CHARGE (nC) VDS, DRAIN TO SOURCE VOLTAGE (V) CISS 4 2 0 Figure 7. Gate Charge Characteristics. 100 RDS(ON) LIMIT 100s ID, DRAIN CURRENT (A) 10 1ms 10ms 100ms 1s 10s DC 0.1 VGS = 4.5V SINGLE PULSE RJA = 156oC/W TA = 25oC 0.01 0.1 1 10 100 VDS, DRAIN-SOURCE VOLTAGE (V) P(pk), PEAK TRANSIENT POWER (W) 5 Figure 8. Capacitance Characteristics. 4 SINGLE PULSE RJA = 156C/W TA = 25C 3 1 2 1 0 0.1 1 10 t1, TIME (sec) 100 1000 Figure 9. Maximum Safe Operating Area. Figure 10. Single Pulse Maximum Power Dissipation. r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 1 D = 0.5 0.2 0.1 0.1 0.05 0.02 0.01 RJA(t) = r(t) + RJA RJA = 156C/W P(pk) t1 t2 SINGLE PULSE 0.01 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2 0.001 0.0001 0.001 0.01 0.1 t1, TIME (sec) 1 10 100 1000 Figure 11. Transient Thermal Response Curve. Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design. FDC645N Rev C(W) TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM DISCLAIMER FAST FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM Star* PowerTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM UltraFET VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. H1 |
Price & Availability of FDC645N01 |