|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDC602P April 2001 FDC602P P-Channel 2.5V PowerTrench(R) Specified MOSFET General Description This P-Channel 2.5V specified MOSFET uses a rugged gate version of Fairchild's advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V - 12V). Features * -5.5 A, -20 V RDS(ON) = 35 m @ V GS = -4.5 V RDS(ON) = 50 m @ V GS = -2.5 V * Fast switching speed * High performance trench technology for extremely low RDS(ON) Applications * Battery management * Load switch * Battery protection D D S 1 2 G 6 5 4 SuperSOT -6 TM D D 3 Absolute Maximum Ratings Symbol V DSS V GSS ID PD TJ , TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Maximum Power Dissipation TA=25oC unless otherwise noted Parameter Ratings -20 (Note 1a) Units V V A W C 12 -5.5 -20 1.6 0.8 -55 to +150 (Note 1a) (Note 1b) Operating and Storage Junction Temperature Range Thermal Characteristics RJA RJ C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case (Note 1a) (Note 1) 78 30 C/W C/W Package Marking and Ordering Information Device Marking .602 Device FDC602P Reel Size 7'' Tape width 8mm Quantity 3000 units (c)2001 Fairchild Semiconductor Corporation FDC602P Rev C(W) FDC602P Electrical Characteristics Symbol BV DSS BVDSS TJ IDSS IGSSF IGSSR TA = 25C unless otherwise noted Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse (Note 2) Test Conditions V GS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C V DS = -16 V, V GS = 0 V V GS = 12 V, V DS = 0 V V GS = -12 V, V DS = 0 V V DS = V GS , ID = -250 A ID = -250 A, Referenced to 25C V GS V GS V GS V GS = -4.5 V, ID = -5.5 A = -2.5 V, ID = -4.5 A = -4.5 V, ID = -5.5ATJ =125C = -4.5 V, V DS = -5 V ID = -5.5 A Min -20 Typ Max Units V Off Characteristics -14 -1 100 -100 mV/C A nA nA On Characteristics V GS(th) VGS(th) TJ RDS(on) Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance -0.6 -0.9 3 27 38 38 -1.5 V mV/C 35 50 53 m ID(on) gFS -20 19 A S V DS = -5 V, Dynamic Characteristics Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance (Note 2) V DS = -10 V, f = 1.0 MHz V GS = 0 V, 1456 300 150 pF pF pF Switching Characteristics td(on) tr td(off) tf Qg Qgs Qgd IS V SD Notes: Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge V DD = -10 V, V GS = -4.5 V, ID = -1 A, RGEN = 6 15 11 57 37 27 20 91 59 20 ns ns ns ns nC nC nC V DS = -10 V, V GS = -4.5 V ID = -5.5 A, 14 3 5 Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage V GS = 0 V, IS = -1.3 A (Note 2) -1.3 -0.7 -1.2 A V 1. RJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a. b. 78C/W when mounted on a 1in2 pad of 2oz copper on FR-4 board. 156C/W when mounted on a minimum pad. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0% FDC602P Rev C(W) FDC602P Typical Characteristics 20 V GS =-4.5V -3.0V 16 -I D, DRAIN CURRENT (A) RDS(ON) NORMALIZED , DRAIN-SOURCE ON-RESISTANCE -3.5V -2.5V 12 1.8 2 1.6 1.4 V GS = -2.5V 8 -2.0V -3.0V 1.2 1 -3.5V -4.0V -4.5V 4 0 0 0.5 1 1.5 2 2.5 3 0.8 0 5 10 -ID , DRAIN CURRENT (A) 15 20 -V DS, DRAIN TO SOURCE VOLTAGE (V) Figure 1. On-Region Characteristics. Figure 2. On-Resistance Variation with Drain Current and Gate Voltage. 0.12 RDS(ON) ON-RESISTANCE (OHM) , 1.6 RDS(ON) NORMALIZED , DRAIN-SOURCE ON-RESISTANCE ID = -5.5A VGS = -4.5V ID = -3.0A 0.1 1.4 0.08 TA = 125o C 0.06 0.04 TA = 25 oC 0.02 1.2 1 0.8 0.6 -50 -25 0 25 50 75 100 125 150 T J, JUNCTION TEMPERATURE ( oC) 0 1.5 2 2.5 3 3.5 4 4.5 5 -V GS, GATE TO SOURCE VOLTAGE (V) Figure 3. On-Resistance Variation with Temperature. 20 -I S, REVERSE DRAIN CURRENT (A) V DS = -5.0V 16 -ID , DRAIN CURRENT (A) 125o C 12 TA = -55o C 25o C Figure 4. On-Resistance Variation with Gate-to-Source Voltage. 100 V GS =-4.5V 10 TA = 125 oC 1 0.1 0.01 25o C 8 -55 o C 0.001 4 0 0.5 1 1.5 2 2.5 3 -V GS, GATE TO SOURCE VOLTAGE (V) 0.0001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -V SD , BODY DIODE FORWARD VOLTAGE (V) Figure 5. Transfer Characteristics. Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature. FDC602P Rev C(W) FDC602P Typical Characteristics 5 -V GS, GATE-SOURCE VOLTAGE (V) ID = -5.5A 4 CAPACITANCE (pF) -15V 3 V DS =-5.0V -10V 2000 CISS 1600 f = 1 MHz V GS = 0 V 1200 2 800 COSS 400 CRSS 1 0 0 3 6 9 12 15 18 Q g, GATE CHARGE (nC) 0 0 5 10 15 20 -V D S, DRAIN TO SOURCE VOLTAGE (V) Figure 7. Gate Charge Characteristics. 100 RDS(ON) LIMIT -ID, DRAIN CURRENT (A) 10 1ms 10ms 100ms 1s 10s DC 0.1 VGS = -4.5V SINGLE PULSE R JA = 156 oC/W T A = 25o C 0.01 0.1 1 10 100 -V DS , DRAIN-SOURCE VOLTAGE (V) 100s Figure 8. Capacitance Characteristics. 50 P(pk), PEAK TRANSIENT POWER (W) SINGLE PULSE R J A TA 40 1 30 20 10 Figure 9. Maximum Safe Operating Area. Figure 10. Single Pulse Maximum Power Dissipation. r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 1 D = 0.5 0.2 RJ A(t) = r(t) + RJ A RJ A = 156 oC/W P(pk) t1 t2 TJ - T A = P * R J A (t) Duty Cycle, D = t1 / t2 0.1 0.1 0.05 0.02 0.01 0.01 SINGLE PULSE 0.001 0.00001 0.0001 0.001 0.01 0.1 t1, TIME (sec) 1 10 100 1000 Figure 11. Transient Thermal Response Curve. Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design. FDC602P Rev C(W) TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM DISCLAIMER FAST FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM UltraFET VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. H2 |
Price & Availability of FDC602P01 |