Part Number Hot Search : 
2SC4008 UTC1353 133TQI W742C810 BYD72D TLP361 GP10M LC758
Product Description
Full Text Search
 

To Download FDC10-48S33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 10 WATTS OUTPUT POWER * 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE * INTERNATIONAL SAFETY STANDARD APPROVAL * SIX-SIDED CONTINUOUS SHIELD * HIGH EFFICIENCY UP TO 86% * STANDARD 2" X 1" X 0.4" PACKAGE * FIXED SWITCHING FREQUENCY
The FDC10 and FDC10-W series offer 10 watts of output power from a 2 x 1 x 0.4 inch package. FDC10 series have 21 wide input voltage of 9-18, 18-36 and 36-75VDC. FDC10-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. The FDC10 and FDC10-W features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six sided shielding. The safety approval of EN60950 and UL1950. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications. According the extended operation temperature range, there are "M1" and "M2" version for special application.
UL E193009 TUV R2054609 CB JPTUV-001422 CE MARK
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 1) Line regulation Load regulation Cross regulation Ripple and noise Temperature coefficient Transient response recovery time 25% load step change 3.3V output Over voltage protection 5V output Zener diode clamp 12V output 15V output Over load protection Short circuit protection % of FL at nominal input LL to HL at Full Load 10% to 100% FL Single Dual Single Dual Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted.
GENERAL SPECIFICATIONS
10 Watts max 2% 10% of FL 1% 1% 2% 5% 50mVp-p 75mVp-p 500uS 3.9V 6.2V 15V 18V 150% typ Hiccup, automatics recovery Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 4)
9
See table 1600VDC, min 10 ohms, min 300pF, max 300KHz, typ IEC60950, UL1950, EN60950 Nickel-coated copper Non-conductive black plastic Epoxy (UL94-V0) 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) 27g (0.95oz) 1.976 x 10 hrs
6
Asymmetrical load 25% / 100% FL 20MHz bandwidth
I0.02% / C, max
ENVIRONMENTAL SPECIFICATIONS
Standard -25C ~ +85C (with derating) Operating temperature range M1 (Note 5) -40C ~ +85C (non-derating) (Reference derating curve) M2 (W series) -40C ~ +85C (with derating) Maximum case temperature Storage temperature range Thermal impedance (Note 6) Thermal shock Vibration Relative humidity Nature convection Nature convection with heat-sink +100C -55C ~ +105C 12C/watt 10C/watt
INPUT SPECIFICATIONS
Input voltage range 12V nominal input 24V nominal input 48V nominal input FDC10-W 24V nominal input 48V nominal input FDC10 9 - 18VDC 18 - 36VDC 36 - 75VDC 9 - 36VDC 18 - 75VDC Pi type 36VDC 50VDC 100VDC 30mAp-p 20mS typ
Input filter 12V input Input surge voltage 24V input 100mS max 48V input Input reflected ripple (Note 2) Nominal Vin and full load Start up time Nominal Vin and constant resistor load Remote ON/OFF (Note 3) (Positive logic) DC-DC ON DC-DC OFF (Negative logic) DC-DC ON DC-DC OFF Remote off input current Nominal Vin
MIL-STD-810D 10~55Hz, 2G, 30minutes along X,Y and Z 5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Radiated emissions ESD Radiated immunity Fast transient Surge Conducted immunity
Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 2.5mA
Model Number
FDC10-12S33 FDC10-12S05 FDC10-12S12 FDC10-12S15 FDC10-12D05 FDC10-12D12 FDC10-12D15 FDC10-24S33 FDC10-24S05 (W) FDC10-24S12 (W) FDC10-24S15 (W) FDC10-24D05 (W) FDC10-24D12 (W) FDC10-24D15 (W) FDC10-48S33 FDC10-48S05 (W) FDC10-48S12 (W) FDC10-48S15 (W) FDC10-48D05 (W) FDC10-48D12 (W) FDC10-48D15 (W)
Input Range
9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 36 - 75 VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
2000mA 2000mA 830mA 670mA 1000mA 416mA 333mA 2000mA 2000mA 830mA 670mA 1000mA 416mA 333mA 2000mA 2000mA 830mA 670mA 1000mA 416mA 333mA
Input (7) Current
724mA 1082mA 1064mA 1088mA 1068mA 1053mA 1041mA 362mA 534 (548mA) 519 (532mA) 523 (551mA) 548 (548mA) 520 (547mA) 520 (548mA) 183mA 260 (274mA) 253 (259mA) 258 (262mA) 267 (271mA) 254 (281mA) 260 (270mA)
Eff (%)
(8)
Capacitor (9) Load max
6800uF 4700uF 690uF 470uF 680uF 330uF 110uF 6800uF 4700uF 690uF 470uF 680uF 330uF 110uF 6800uF 4700uF 690uF 470uF 680uF 330uF 110uF
80 81 82 81 82 83 84 80 82 (80) 84 (82) 84 (80) 80 (80) 84 (80) 84 (80) 79 84 (80) 86 (84) 85 (84) 82 (81) 86 (78) 84 (81)
Note
1. The FDC10 (W) series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification Simulated source impedance of 12uH. 12uH inductor in series with +Vin. The ON/OFF control is option function. There are positive logic and negative logic. The pin voltage is referenced to negative input To order positive logic ON-OFF control add the suffix-P (Ex: FDC10-24S05-P) To order negative logic ON-OFF control add the suffix-N (Ex: FDC10-24S05-N) BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment) M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version. Heat sink is optional and P/N: 7G-0020A. Maximum value at nominal input voltage and full load of standard type. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistor load. OUTPUT POWER (%) FDC10-48S05 Derating Curve
100 75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT + OUTPUT NO PIN - OUTPUT CTRL (Option) DUAL + INPUT - INPUT + OUTPUT COMMON - OUTPUT CTRL (Option)
2. 3.
4. 5. 6. 7. 8. 9. OUTPUT POWER (%)
1.00(25.4) 0.50 (12.7) DIA. 0.04(1.0) 0.60(15.2) 0.80(20.3) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2)
FDC10-48S05-M1 Derating Curve
100 75 50 25 50 60 70 80 90 100 2.00(50.8) 0 -40 -25 -10 0
Nature convection
Nature convection
3
4
5
AMBIENT TEMPERATURE (C) OUTPUT POWER (%) FDC10-48S05-M2 Derating Curve EFFICIENCY (%)
100 75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 82 81 80 79 78 77 76 75 70 65 50
AMBIENT TEMPERATURE (C) FDC10-48S05 Efficiency VS Output load
Bottom View
12
6
0.10(2.5) 0.20(5.1)
Nature convection
0.22(5.6)
0.5
1
1.25
1.5
1.75
2
AMBIENT TEMPERATURE (C)
OUTPUT LOAD (A)
1. All dimensions in Inches (mm) 2. Pin Pitch tolerance I0.014(0.35)


▲Up To Search▲   

 
Price & Availability of FDC10-48S33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X