Part Number Hot Search : 
RLZ14STR DS1137 Z5238B P5NC50FP 7C135 KAMN40 LM334AZT OMR183NC
Product Description
Full Text Search
 

To Download FCX789A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
ISSSUE 1 -NOVEMBER 1998 FEATURES
FCX789A
C
*
* * *
2W POWER DISSIPATION
8A Peak Pulse Current Excellent HFE Characteristics up to 10 Amps Low Saturation Voltage E.g. 10mv Typ. FCX688B 789
Complimentary Type Partmarking Detail -
E C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current ** Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg VALUE -25 -25 -5 -8 -3 1 2 -55 to +150 UNIT V V V A A W W C
recommended Ptot calculated using FR4 measuring 15x15x0.6mm Maximum power dissipation is calculated assuming that the device is mounted on FR4 substrate measuring 40x40x0.6mm and using comparable measurement methods adopted by other suppliers. **Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for these devices Refer to the handling instructions when soldering surface mount components.
FCX789A
ELECTRICAL CHARACTERISTICS (at Tamb = 25C)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) MIN. -25 -25 -5 -0.1 -0.1 -190 -400 -320 -0.9 -0.8 300 230 180 75 100 225 25 35 400 800 TYP. MAX. UNIT V V V A A mV mV mV V V CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-15V VEB=-4V IC=-1A, IB=-10mA* IC=-2A, IB=-20mA* IC=-3A, IB=-100mA* IC=-1A, IB=-10mA* IC=-1A, VCE=-2V* IC=-10mA, VCE=-2V IC=-1A, VCE=-2V* IC=-2A, VCE=-2V* IC=-6A, VCE=-2V* MHz pF pF ns ns IC=-50mA, VCE=-5V f=50MHz VEB=-0.5V, f=1MHz VCB=-10V, f=1MHz IC=-500mA, IB1=-50mA IB2=-50mA, VCC=-10V
VBE(sat) VBE(on) hFE
Transition Frequency Input Capacitance Output Capacitance Switching Times
fT Cibo Cobo ton toff
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
FCX789A
TYPICAL CHARACTERISTICS
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.01 0.1 1 10 IC/IB=100 IC/IB=40 IC/IB=10 1.8 Tamb=25C 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.01 0.1 1 10
-55C +25C +100C +175C
IC/IB=100
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC VCE(sat) IC
VCE(sat) v IC VCE(sat) IC
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
+100C +25C -55C
VCE=2V 1.6 750 1.4 1.2 500 1.0 0.8 250 0.6 0.4 0.2
-55C +25C +100C +175C
IC/IB=100
0.01
0.1
1
10
0
0.01
0.1
1
10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC IC
VBE(sat) v IC IC
10
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
-55C +25C +100C
VCE=2V
1
DC 1s 100ms 10ms 1ms 100us
0.1
0.01
0.1
1
10
0.01 100m
1
10
100
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
VBE(on) v IC IC
Safe Operating Area


▲Up To Search▲   

 
Price & Availability of FCX789A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X