Part Number Hot Search : 
221MPD ADUM1286 IP112 BCR133L3 PTDF1 TLP62 SP1821 PL14P4BD
Product Description
Full Text Search
 

To Download FCX596 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 3 - NOVEMBER 1995 7
FCX596
D
PARTMARKING DETAIL P96 S G SOT89 SYMBOL VCBO VCEO VEBO ICM IC IB Ptot Tj:Tstg VALUE -220 -200 -5 -1 -0.3 -200 1 -65 to +150 MAX. UNIT CONDITIONS. V V V -100 -100 -100 -0.2 -0.35 -1.0 -0.9 100 100 85 35 150 10 nA nA nA V V V V IC=-100A IC=-10mA* IE=-100A VCB=-200V VEB=-4V VCES=-200V IC=-100mA,IB=-10mA IC=-250mA IB=-25mA* IC=-250mA,IB=-25mA* IC=-250mA,VCE=-10V* IC=-1mA, VCE=-10V IC=-100mA,VCE=-10V* IC=-250mA,VCE=-10V* IC=-400mA,VCE=-10V, MHz IC=-50mA, VCE=-10V f=100MHz pF VCB=-10V, f=1MHz D
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Cut-Off Current Saturation Voltages Base-Emitter Turn-on Voltage Static Forward Current Transfer Ratio
UNIT V V V A A mA W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
SYMBOL MIN. V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO ICES VCE(sat) VBE(sat) VBE(on) hFE -220 -200 -5
300
Transition Frequency Output Capacitance
fT Cobo
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% For typical Characteristics graphs see FMMT596 datasheet. 3 - 95


▲Up To Search▲   

 
Price & Availability of FCX596

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X