Part Number Hot Search : 
BC807 W20N60 LBT7026 STB8NC50 CRS0806 LTC4071 GE710 E003332
Product Description
Full Text Search
 

To Download FCW100Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Customer:
SPECIFICATION
ITEM MODEL REVISION DATE FLASH LED DEVICE FCW100Z Rev1.2(070727)
[Contents]
1. Features 2. Absolute maximum ratings 3. Electro-optical characteristics 4. Soldering profile 5. Outline dimension
6. Reel dimension 7. Packing 8. Precaution for use
Drawn by
Checked by
Approved by
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z Seoul Semiconductor
- 1/9 -
1. Features Package : 2.0 x 1.5 x 0.45 mm Color coordinates: according to CIE 1931 Tape and reel packing
2. Absolute Maximum Ratings Parameter Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Symbol Pd IF IFM*1 VR Topr Tstg Value 900 175 600 5 -30 ~ 85 -40 ~ 100
(Ta=25) Unit V
*1 IFM conditions: Pulse width Tw 300ms, Duty ratio 1/10
3. Electro-Optical Characteristics Characteristics Forward Voltage Reverse Current Symbol VF IR Condition IF=175 VR=5V IF=175 Luminous Intensity *2 IV IF=320 (Flash mode) *3 IF=600 (Peak current mode) *4 IF=320 (Flash mode) *3 IF=175 IF=175 IF=175 Min 6 Typ 3.0 8 13 20 26.5 13 0.31 0.32
130
(Ta=25) Max 50 lx@0.7m lx@1m
Unit V
cd
Illumination
lx X Y
Chromaticity Coordinates Viewing Angle
1/2
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. *3 Flash mode condition is Pulse width Tw = 2sec, Duty ratio = 2 / 7 *4 Peak current mode is Pulse width Tw 300ms, Duty ratio 1/10
[Note] ( Tolerance : IV10%, color coordinate 0.01, VF 0.1 )
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 2/9 -
Forward Current vs. Forward Voltage
1000
Luminous Intensity vs. Forward Current
C u rre n t [ m A ]
100
L u m i n o s it y R e l a ti v e
2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
[a.u.]
3
2
10
Forw ard
1
1
0 0 100
Forw ard
V o lt a g e [ V ]
Forw ard
200
300
C u rre nt [ m A ]
400
500
600
Forward Current Derate Curve
Forward Current vs Chromaticity Coordinate
200
[a. u .]
0.33
180 160
x y
x, y C o ordin ate C h r o m a ti s it y
0 25 50
o
Forward current IF(mA)
140 120 100 80 60 40 20 0 -25 75 100
0.32
0.31
0.30
0.29 50 100
Ambient temperature Ta( C)
Forw ard
150
C u rre nt [ m A ]
200
250
300
350
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 3/9 -
(Ta=25) Radiation Diagram
100 90 80
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
120 130 140 150 160 170 180
110
70
60 50 40 30 20 10 0
Y
Y
Spectrum
1.0
Ta = 25 C
o
0.8
Intensity [a.u.]
0.6
0.4
0.2
0.0 400 450 500 550 600 650 700 750
Wavelength [nm]
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 4/9 -
4. Soldering Profile
Reflow Soldering Conditions/ Profile
(1) Lead Solder -Preliminary heating to be at 150max. for 2 minutes max. -Soldering heat to be at 240max. for 5 seconds max.
LED Surface temperature
LED Surface temperature
C Operation heating 240
150
~
Pre-heating
Temperature rise: 5C/sec.
Cooling: -5C/sec.
120
0 60 to 120 sec. 5sec. max
(2) Lead-Free Solder -Preliminary heating to be at 150max. for 2 minutes max. -Soldering heat to be at 260max. for 10 seconds max.
C Operation heating 260
150 ~ 120 0
Pre-heating
Temperature rise: 5C/sec.
Cooling: -5C/sec.
60 to 120 sec.
5 to 10 sec.
(3) Hand Soldering conditions -Not more than 3 seconds @MAX280, under Soldering iron.
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 5/9 -
5. Outline Dimension
Resin 2.00 1.60 0.18 0.03
Tolerance: 0.05,
Unit:
Anode
2.00
1.20
1.50
0.45 0.05
1.50
0.50
PCB
Cathode
[TOP VIEW]
[SIDE VIEW]
[BOTTOM VIEW]
[Circuit Diagram]
* Recommend Solder PAD Pattern
- Please refer to the "Thermal Design Guideline for Hi Power Flash LED" for heat dissipation pattern design.
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 6/9 -
6. Reel Dimension
1.750.1 4.00.1
? 1.5
+0.1 -0
0.650.1
(2.75) 3.50.05
8.00.2
0.20.05
180
+0 -3
11.4 9
0.3
2 0.2
+0.2 -0
22 13 0.2
Label
60
(1) Quantity : 2000pcs/Reel (2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be 0.2mm
Tolerance: 0.2,
Unit:
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at 10 angle to be the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 7/9 -
7. Packing
Reel
P/N : # # # # # # # # # #
###
SSC-FCW100Z
DESI PAK
L ot N o
#########
: 2000
Aluminum Vinyl Bag
P/N : # # # # # # # # # #
###
SSC-FCW100Z
L ot N o
#########
: 2000
Outer Box
*Material: Paper(SW3B(B)) a 7inch 245 c
CHIP LED
PART CODE Q'Y T : : 20,000 E A :
S E O UL S E MIC O N D U CT O R C O ., L T D
TYPE
SIZE(mm) b 220 c 142
: SSC-FC W 100Z
CHIP LED b a
LOT NO: DATE
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 8/9 -
8. Precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desicator) with a desiccant . Otherwise, to store them in the following environment is recommended. Temperature : 5~30 (2) Attention after opened However LED is corresponded SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed. a. After opened and mounted, the soldering shall be quickly. Temperature : 5 ~ 40 Humidity : less than 30% b. Keeping of a fraction Humidity : 60%HR max.
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant components shall be dried 10-12hr. at 605. (4) In case of supposed the components is humid, shall be dried dip-solder just before. 100Hr at 805 or 12Hr at 1005. (5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. (6) Quick cooling shall not be avoid. (7) Components shall not be mounted on warped direction of PCB. (8) Anti radioactive ray design is not considered for the products listed here in. (9) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA should be used. (10) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. (12) The LEDs must be soldered within seven days after opening the moisture-proof packing. (13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (14) The appearance and specifications of the product may be modified for improvement without notice. (15) Static Electricity and surge damages the Blue LEDs. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be properly grounded. (16) It is recommended to use individual resistor separately when the LEDs applies in parallel circuit so that it may improve the light deviations.
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100Z
- 9/9 -


▲Up To Search▲   

 
Price & Availability of FCW100Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X