Part Number Hot Search : 
FRF10A40 1N5530 AP4501SD SMA28 KA3843 15N65 KV1470 00130
Product Description
Full Text Search
 

To Download FCRN303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
FCRN303
0805 Precision Thin Film Resistor CSP (Chip Scale Package)
Features
* Standard 0805 Format * SMD chips * Absolute tolerance of 0.1% * Temperaure Coefficient (TCR) of 25ppm/C
Applications
* Voltage dividers * Current sensing * Current limiting * Precision gain setting
Product Description
California Micro Devices' resistors offer a high degree of stability and low noise as well as the proven reliability characteristics of Tantalum Nitride. FCRN303 series offers these advantages in a CSP (Chip Scale Package). FCRN303 devices are built on ceramic with solder bumps for direct placement onto printed circuit boards. They are compatible with 0805 footprint.
SCHEMATIC CONFIGURATION
R 1 2
Package Diagram
2.032mm 1.514mm 0.259mm
1.135mm 0.636mm
1.272mm
0.381mm 0.508mm
O R D E R I N G I N F O R M AT I O N
Part Series FCRN303 Resistive Value (XXXX) 1003 F i r s t 3 d i g i t s a r e s i g n i f i c a n t va l u e ( R i n d i c a t e s d e c i ma l p o i n t ) . Fo u r t h d i g i t r e p r e s e n t s n u m b e r o f ze r o s t o fo l l ow. ( e. g . 1 0 0 K = 1 0 0 3 ) Tolerance J J = 5% G = 2% F = 1% D = 0.5% B = 0.1% TCR A No Letter = 100ppm A = 50ppm B = 25ppm
(c) 2000 California Micro Devices Corp. All rights reserved. 7/11/2000
C1240700
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
FCRN303
R E S I S TA N C E R A N G E
40K to 150K
E L E C T R I C A L S P E C I F I C AT I O N S
Parameter TCR O p e r a t i n g Vo l t a g e Po w e r R a t i n g A b s o l u t e To l e r a n c e O p e r a t i n g Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e -55C to +125C -55C to +125C @ 70C +25C Test Condition 25ppm/ C 100Vdc 200mW 0.1% -55C to +125C -65C to +150C Max Max Max Max
C S P S P E C I F I C AT I O N S
Fi nal Di e Si ze Di e T h i ck n e s s ( Di e & B u mp ) Pa d S i z e Pa d P i t c h Bump Hei ght Die Substrate 2. 032 x 1. 272mm (0. 125mm) 0. 500mm (0. 075mm) 0. 381 x 1. 135mm 1. 514mm nomi nal 0. 125mm (0. 025mm) Cerami c 80 x 50 mi l (5 mi l ) 20 mi l (3 mi l ) 15 x 44. 6 mi l 59. 6 mi l nomi nal 5 mi l (1 mi l ) Cerami c
P R I N T E D C I R C U I T B OA R D R E C O M M E N D AT I O N S
Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening Solder Flux Ratio Solder Paste Bond Trace Finish 0.300mm Round Non Solder Mask Defined Pads (NSMD) 0.350mm 0.152mm 0.360mm (sq.) 50/50 No Clean OSP (Entek Cu Plus 106A)
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
7/11/2000


▲Up To Search▲   

 
Price & Availability of FCRN303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X