Part Number Hot Search : 
NTE1248 TMXW341 4NM65N M54HC40 UPA1774G 1N5013A 14D102KJ 50N60
Product Description
Full Text Search
 

To Download FCL20A015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : FCL20A015 FCL20A015 L20A0
OUTLINE DRAWING
FEATURES *TO-220AB Case *Fully Molded *Dual Diodes - Cathode Common *Extremely Low Forward Voltage Drop *Oring Diode *High Surge Capability
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.75g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 180 20
FCL20A015
15 50 Hz Full Sine Wave Tc=96C Resistive Load 22.2 50Hz Full Sine Wave ,1cycle Non-repetitive -40 to +125 -40 to +125 recommended torque = 0.5
Unit V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM Conditions Min. Typ. Max. 10 0.4 1.5 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM per arm Tj= 25C, IFM= 10 A VFM per arm Rth(j-c) Junction to Case Rth(c-f) Cace to Fin
FCL_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
FCL20A015 (per Arm)
50
INSTANTANEOUS FORWARD CURRENT (A)
20 Tj=25C Tj=125C 10
5
2
1 0 0.2 0.4 0.6 0.8
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
FCL20A015 (Total)
12
AVERAGE FORWARD POWER DISSIPATION (W)
10
RECT 180 SINE WAVE
8
6
4
2
0 0 4 8 12 16 20 24
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 125 C 2000 FCL20A015 (per Arm)
PEAK REVERSE CURRENT (mA)
1000
500 0 4 8 12 16
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
FCL20A015 (Total)
RECT 180
20
AVERAGE REVERSE POWER DISSIPATION (W)
16
12
SINE WAVE
8
4
0 0 4 8 12 16
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =15 V FCL20A015 (Total)
RECT 180.
24
AVERAGE FORWARD CURRENT (A)
20
SINE WAVE
16
12
8
4
0 0 25 50 75 100 125
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 200 FCL20A015
SURGE FORWARD CURRENT (A)
160
120
80
40
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 2000 FCL20A015 (per Arm)
JUNCTION CAPACITANCE (pF)
1000
500
200 0.5 1 2 5 10 20
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of FCL20A015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X