Part Number Hot Search : 
ZUR53W C3030 LP2951CM 4M32M 03B9D B4060 DSP56855 597K6FK
Product Description
Full Text Search
 

To Download FCD12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 URFACE MOUNT FUSES SURFACE MOUNT FUSES
This product is not recommended for new designs. Please refer to Littelfuse No. 466.
Dimensions
L
No. FCD12 / 1206
V, UL 248-14, 32V/64 V, F
T ime-Current
Quick Acting (F) IEC 60127-4 UL 248-14
Specifications
Packaging
TP: Paper Tape (5000 pcs.) Reel diameter 18 cm Tape width 8 mm Ceramic/Glass Sn plated
Characteristic
Applicable Standards Approval
Material
cULus Recognized
Housing: Terminals:
Features
W c H
Temperature Operating Temperature
-55 C to +125 C
102
c
Excellent for overcurrent protection of miniature portable equipment very low internal resistance Flame resistant ceramic substrate Internationally approved
Solderability
235 C, 2 s At least 95 % of the terminal surface must be covered by new solder 260 C, 10 s / 280 C, 5 s No visible damage. Meet electrical requirement Code for rated current 10 mg / 11 mg
W ebLinks
Soldering Heat Resistance Marking
d d Pad Layout (mm)
2,2
Further info see: www.wickmanngroup.com Further application info see Fuseology:
www.wickmanngroup.com/download/ fuseology.pdf
Unit Weight
1,6
Reflow
0,85 2,2
0,85
1,6
Wave
1,05 1,05
Limits for Pre-arcing Time Rated Current 200 mA ... 5.0 A 2.5 x IN <5s
Dimensions (mm)
size FCD12 200 mA - 2.5 A 1206 FCD12 3.15 A - 5 A Breaking Capacity Voltage Drop 1.0 x IN typ. (mV) 380 270 240 150 113 125 113 102 106 108 98 103 78 76 73 L 3.20.2 W 1.60.15 H 0.60.10 0.650.10 c 0.50.25 d 0.50.25
Permissible continuous operating current is 80 % of rated current at ambient temperature of 23 C (73.4 F).
cURus
Rated Current 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1.00A 1.25A 1.60A 2.00A 2.50A 3.15A 4.00A 5.00A
Amp Code 0200 0250 0315 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400 1500
Voltage Rating 64V 64V 64V 64V 64V 64V 64V 64V 64V 64V 64V 64V 32V 32V 32V
Cold Resistance 0.1 x IN max. (m) 1800 1000 750 350 295 200 140 110 85 75 65 45 26 19 14
Melting Integral 10 x IN typ. (A2s) 1.40x10-4 2.30x10-4 4.00x10-4 5.40x10-4 9.30x10-4 1.80x10-3 3.30x10-3 5.60x10-3 1.00x10-2 2.70x10-2 4.70x10-2 7.80x10-2 2.80x10-1 5.00x10-1 9.70x10-1
Marking
Approvals
64 V DC 50 A / 32 V AC
50 A / 32 V DC
201 251 321 401 501 631 801 102 132 162 202 252 UD XD YD
* * * * * * * * * * * * * * *
Order Information
Qty.
OrderNumber
Type FCD12
Amp Code
Packaging
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
050912
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
URFACE MOUNT FUSES SURFACE MOUNT FUSES
1206 / No. FCD12 Time-Current Characteristics
200 mA 250 mA 315 mA 400 mA 500 mA 630 mA 800 mA 1.00 A 1.25 A 1.60 A 2.00 A 2.50 A 3.15 A 4.00 A 5.00 A
Opening Time (sec.)
Current (Amps)
Thermal Derating
100
rated current (%)
Percentage of
80 60 40 20 0 -55 0 +40 +70 +125
Ambient Temperature (C)
050912
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of FCD12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X