Part Number Hot Search : 
TYPE5141 U2510 FGH40N60 U2510 ZTS300 GXO7551 2SD21 PHP30
Product Description
Full Text Search
 

To Download FC810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number :EN4516A
FC810
Silicon Barrier Diode
15V, 700mA Rectifier
Features
* Low forward voltage (VF max=0.55V) . * Fast reverse recorvery time (trr max=10ns) . * Composite type with 2 diodes contained in the CP package currently in use, saving the mounting space greatly. * The FC810 is formed with two chips, each being equivalent to the SB07-015C, placed in one package.
Package Dimensions
unit:mm 1236A
[FC810]
1:Cathode 2:Cathode 3:Anode 4:No Contact 5:Anode SANYO:CP5
Specifications
Absolute Maximum Ratings at Ta = 25C (Value per element)
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1 cycle Conditions Ratings 15 17 700 5 -55 to +125 -55 to +125 Unit V V mA A
C C
Electrical Characteristics at Ta = 25C (Value per element)
Parameter Reverse Voltage Forward Voltage Reverse Current Interteminal Capacitance Reverse Recovery Time Thermal Resistance Symbol VR VF IR C trr Rth (j-a) IR=150A IF=700mA VR=7.5V VR=10V, f=1MHz IF=IR=100mA, See specified Test Circuit 560 Conditions Ratings min 15 0.55 20 20 10 typ max Unit V V A pF ns
C/W
* Marking:810 trr Test Circuit Electrical Connection
1:Cathode 2:Cathode 3:Anode 4:No Contact 5:Anode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
22898HA (KT)/90696GI (KOTO) BX-0240 No.4516-1/2
FC810
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 1998. Specifications and information herein are subject to change without notice.
PS No.4516-2/2


▲Up To Search▲   

 
Price & Availability of FC810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X